Part Number Hot Search : 
SMAJ13A OMXXX 24305 STF1060 IRD3903 M320X ZM4746A STF1060
Product Description
Full Text Search
 

To Download MBR1020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1020CT~MBR10100CT
10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 100 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvlotage protection * For use in low voltage,high frequency inverters * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.038(0.96) .019(0.50)
TO-220AB
Unit : inch (mm)
CURRENT
10 Amperes
.419(10.66) .387(9.85) .139(3.55) MIN
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87) .50(12.7)MIN
free wheeling , and polarlity protection applications.
.177(4.5)MAX
.548(13.93)
.025(0.65)MAX
MECHANICALDATA
Case: TO-220AB molded plastic Terminals: solder plated, solderable per MIL-STD-750, Method 2026 Polarity: As marked. Mounting Position: Any Weight: 0.08 ounces, 2.24grams.
.1(2.54)
.1(2.54)
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e f i g . 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 5 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt T c = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T c = 1 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L M B R 1 0 2 0 C T M B R 1 0 3 0 C T M B R 1 0 4 0 C T M B R 1 0 4 5 C T M B R 1 0 5 0 C T M B R 1 0 6 0 C T M B R 1 0 8 0 C T M B R 1 0 1 0 0 C T U N I T S VRRM VRMS VDC IAV IFSM VF 0 .6 5 0 .1 20 2 - 5 0 TO + 1 5 0 - 5 0 TO + 1 7 5
O
20 14 20
30 21 30
40 28 40
45 3 1 .5 45 10 150
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
0 .7 5
0 .8
V
IR
mA
RJ C TJ TSTG
C/W
O
C C
O
Notes : Both Bonding and Chip structure are available.
REV.0-MAR.30.2005
PAGE . 1
MBR1020CT~MBR10100CT
RATING AND CHARACTERISTIC CURVES
40
AVERAGE FORWARD CURRENT, Amps
INSTANTANEOUS FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
20,30,40,45V
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
50,60,80,100V
MBR1020CT~MBR1045CT MBR1050CT~MBR10100CT
50 100 150
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
CASE TEMPERATURE, OC
.3
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.4
.5
.6
.7
.8
.9
1.0
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
200
PEAK FORWARD SURGE CURRENT,
TC=125 C
1.0
O
175 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms Single Half Since-Wave JEDEC Method
0.1
TC=75 C
O
0.01
TC=25 OC
0 .001
20 40 60 80 100
NO. OF CYCLE AT 60HZ
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTICS
REV.0-MAR.30.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR1020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X