Part Number Hot Search : 
MDR2100 KE220 2SK2078 K1602TEW JP503 PI3C6800 GBPC15 NJM2172
Product Description
Full Text Search
 

To Download LM358 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM358
Description
The LM358 contains two independent high gain operational amplifiers with internal compensation. requency The two op-amps operate over a wide voltage range from a single power supply.Also use a split power supply. The device has low power supply voltage.The low power drain also makes the LM358 a good choice for battery operation. When your project calls for a traditional op-amp function,now you can streanline your design with a simple any digital system or personal computer application,without requiring an extra 15V power supply just to the interface electronics you need. The LM358 is a versatile,rugged workhorse with a thousand-and-one use,from amplifying signals from a variety of transducers to dcgain blocks,,or any op-amp function.The attached pages offer some recipes rhat will have your project cooking in no time. have
Features
* Internally frequency compensated for unity gain * Large DC voltage gain:100dB Wide power supply range: 3V ~ 32 V (or 1.5V ~ 16V) * Input common-mode voltage range includes ground * Large output voltage swing:0V DC to Vcc-1,5V DC * Power drain suitable for battery operation * Differential inpit voltage range equal to the power supply voltage * Low input offset voltage and offset current DIP - 8 SOP - 8
Package
Internal Block Digram
Logic Diagram Pin Assinment
PIN 4 = GND PIN 8=V CC
BEIJING ESTEK ELECTRONICS CO.,LTD
1
LM358
Electrical Characteristics
at specified free-air temperature, Vcc = 5 V (unless otherwise noted)
Symbol Parameter Test conditions* Min VIO Input offset voltage Vcc = 5 V to MAX, VIC = VICR min, Vo=1.4 V 25 Full range Full range 25 Full range lIO IIB Average temperature coefficient of input offset current Input bias current Vo=1.4 V Full range 25 Full range VICR Common-mode input voltage range Vcc = 5 V to MAX 25 Full range VOH High-level output voltage RL 2 K Vcc = MAX, RL=2 k Vcc = MAX, RL 10 k VOL Low-level output voltage AVD Large-signal differential voltage amplification Common-mode rejection ratio Supply voltage rejection ratio (Vcc/VIO) Crosstalk attenuation Output current RL 10 k Vcc = 15 V, Vo=1V to 11 V, RL 2 k Vcc = 5 V to MAX, VIC = VICR min Vcc = 5 V to MAX f=1 kHz to 20 kHz Vcc = 15 V, VID=1 V,VO= 0 Vcc = 15 V, VID = - 1 V, Vo = 15 V VID = - 1 V, Vo =200 mV lOS ICC Short-circuit output current Supply current (two amplifiers) Vcc at 5 V, GND at -5 V,Vo=0 Vo - 2.5 V, No load Vcc = MAX, Vo = 0.5Vcc, No load * 25 Full range Full range Full range 25 Full range 25 25 25 25 Full range 25 Full range 25 25 Full range Full range -20 -10 10 5 12 30 40 0.7 1 60 1.2 2 A mA mA 20 25 15 65 65 80 100 120 -30 dB dB dB mA 0 to Vcc-1.5 0 to Vcc - 2 Vcc-1.5 26 27 28 5 100 20 mV V/mV V 10 -20 -250 -500 V 7 2 50 150 pA/ C nA LM358 Typ 3 Max 7 9 V/ C nA mV Units
VIO lIO
Average temperature coefficient of input offset voltage Input offset current Vo=1.4 V
CMRR kSVR Vo1 /Vo2 lo
All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. " MAX"V CC for testing purposes is 30 V. Full range is 0 to 70 .
BEIJING ESTEK ELECTRONICS CO.,LTD
2
LM358
Absolute Maximum Ratings
Symbol VCC Parameter Power Supply Voltages Single Supply Split Supplies VIDR VICR tS IIN TJ Tstg TL Input Differential Voltage Range (1) Input Common Mode Voltage Range Short-Circuit duration of Output Input Current, per pin (2) Junction Temperature Plastic Packages Storage Temperature Plastic Packages Lead Temperature, 1mm from Case for 10 Seconds (TA = +25 C) 32 16 32 -0.3 to 32 100 50 150 -55 to +125 260 V V V ms mA C C C Value Unit
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Notes: 1. Split Power Supplies. 2. V IN <-0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
Typcal Peformance Characteristics
Figure 1.Input Voltage Rang e
Figure 2. Open-Loop Frequency
BEIJING ESTEK ELECTRONICS CO.,LTD
3
LM358
Figure 3. Large-Signal Frequency Response
Figure 4. Small-Signal Voltage Follower Pulse Response (Noninverting)
Figure 5. Power Supply Current versus Powe r
Figure 6. Input Bias Current versus Power Supply Voltage
Ordering Information
O RDERING NUM B ER LM358 P ACK AG E DIP - 8 / SOP - 8 M ARKI N G LM358
Address :
Postalcode:100039 Tel: 86-010-58895780 / 81 / 82 / 83 / 84 Http://www.estek.com.cn Email:sales@estek.com.cn
6A06--6A07 Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Fax : 010-58895793
REV No:01-060819
BEIJING ESTEK ELECTRONICS CO.,LTD
4


▲Up To Search▲   

 
Price & Availability of LM358

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X