Part Number Hot Search : 
30207 ZMMC5V6 1003C MGFC5 UGN3503U EMG5DXV5 HT6P20A 4LVCH
Product Description
Full Text Search
 

To Download KK74AC04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74AC04
Hex Inverter
High-Speed Silicon-Gate CMOS
The KK74AC04 is identical in pinout to the LS/ALS04, HC/HCT04. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A; 0.1 A @ 25C * High Noise Immunity Characteristic of CMOS Devices * Outputs Source/Sink 24 mA
ORDERING INFORMATION KK74AC04N Plastic KK74AC04D SOIC TA = -40 to 85 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
FUNCTION TABLE
Inputs A L H PIN 14 =VCC PIN 7 = GND Output Y H L
1
KK74AC04
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs)
*
Min 2.0 0 -40
Max 6.0 VCC 140 +85 -24 24
Unit V V C C mA mA ns/V
VCC =3.0 V VCC =4.5 V VCC =5.5 V
0 0 0
150 40 25
*
VIN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74AC04
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage Test Conditions VOUT=0.1 V V 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 5.5 5.5 5.5 5.5 4.0 Guaranteed Limits 25 C 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 -40C to 85C 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 75 -75 40 A mA mA A V Unit V
VIL
VOUT=VCC-0.1 V
V
VOH
IOUT -50 A
V
VIN=VIL IOH=-12 mA IOH=-24 mA IOH=-24 mA VOL Maximum LowLevel Output Voltage IOUT 50 A
*
VIN=VIH IOL=12 mA IOL=24 mA IOL=24 mA IIN IOLD IOHD ICC Maximum Input Leakage Current +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package) VIN=VCC or GND VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND
*
*
All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC
3
KK74AC04
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC* Symbol Parameter V Guaranteed Limits 25 C Min tPLH tPHL CIN Propagation Delay, Input A to Output Y (Figure 1) Propagation Delay, Input A to Output Y (Figure 1) Maximum Input Capacitance 3.3 5.0 3.3 5.0 5.0 1.5 1.5 1.5 1.5 4.5 Max 9.0 7.0 8.5 6.5 -40C to 85C Min 1.0 1.0 1.0 1.0 4.5 Max 10.0 7.5 9.5 7.0 ns ns pF Unit
Typical @25C,VCC=5.0 V CPD
*
Power Dissipation Capacitance
30
pF
Voltage Range 3.3 V is 3.3 V 0.3 V Voltage Range 5.0 V is 5.0 V 0.5 V
Figure 1. Switching Waveforms
4
KK74AC04
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of KK74AC04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X