Part Number Hot Search : 
6M4028E AS1344 1SMB24CA 200MMT 2SD553 FS1000 KSM9N50C TST1284B
Product Description
Full Text Search
 

To Download KB4317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
FEATURES
*Operating Voltage:2.3V~6.5V *High Operating Frequency: 1.2MHz *High Efficiency: Up to 90% *High Output Voltage: Up to 32V *High Output Power: 2W *Shutdown Current <1 A *30V Output Over-voltage protection (min) *Digital Dimming Control. *Built-in Cycle-by Cycle Current-limiting. *Built-in Soft-Start Function. *0.25V Low Reference Voltage(+/-5%) *Tiny SOT23-6 Package
DESCRIPTION
The KB4317 step-up converter drives white LEDs with a constant current to provide backlight in cell phones, PDAs, and other hand-held devices. It features allowing series connection of the white LEDs so that the LED currents are identical for uniform brightness. An enable input can be pulsed repeatedly to adjust LED's brightness. The fast 1.2 MHz current-mode PWM control allows for smaller capacitor and inductor. Fault condition protection uses cycle-by-cycle current limiting to sense maximum inductor current, thermal protection and over-voltage protection. Also included soft-start eliminates inrush current during start-up. The 0.25V low reference voltage minimized the power loss across the current-setting resistor. The KB4317 is available in SOT23-6 packages
APPLICATIONS
* LED Module * LED Backlight for LCD Display Vcc>3.6V(7 "~8 ") * Constant Current Source
SIMPLIFIED BLOC DIAGRAM
VIN
LX ON/OFF Control Logic / PWM Dimming Control VREF(250mV) + Control Logic FB OVP 22V(300uA) VBG + Overvoltage Protection Current Limit 0.75A + CTL N VREF 0.25V VBG 1.23V Soft-Start
EN
CTL
GND
REV: 1.0
1
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
PIN CONFIGURATION
SOT23-6
Marking
ORDER INFORMATION
Part number Package Marking
KB3417GRE
SOT23-6,Pb Free
ZL54, Date Code with one bottom line
PIN DESCRIPTION
Pin N0. 1 2 3 4 5 6 Symbol LX GND FB EN OVP VIN I/O I P I I I P Description Step-up Regulator N-MOS Drain. Place output diode and inductor. Ground Step-Up Regulator Feedback Input. Connect a sense resistor from FB to ground. Enable and Dimming Control Input. LED brightness and IC shutdown are controlled by the voltage on EN. Driving low for longer than 4ms to shutdown the IC. Over-voltage protection input. Connect to the output. Power supply.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Parameter VIN voltage LX , OVP voltage EN , FB to GND Switch Current (ILX) Continuous power dissipation (SOT23-6 Ta=+25 OC) Operating Junction Temperature Range Lead Temperature (Soldering 5 sec) Storage Temperature Package Thermal Resistance ( JA) ESD Susceptibility (HBM) ESD Susceptibility (MM) Rated Value -0.3 to +6.5 -0.3 to +34 -0.3 to +6.5 0.75 0.35 -35 to 85 260 -65 to 125 250 2 200 Unit V V V A W
/W KV V
Note1:Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
REV: 1.0
2
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
RECOMMENDED OPERATION CONDITIONS
Parameter Power supply voltage Operating temperature Symbol VIN Top Min. 2.3 -30 Values Typ. +25 Max. 6.5 +85 Unit V
ELECTRICAL CHARACTERISTICS
(VIN=2.5V, Ta=+25 , unless otherwise noted)
Parameter Operating V IN Range Under Voltage Thershold Switch- Off Input Current Shutdown Current Feedback Reference (+/-5%) FB Input Bias Current Over-voltage Threshold Over-voltage Hysteresis OVP Leakage Current Output Voltage Line Regulation Switching Frequency Maximum Duty Soft-Start charging time Switching Current Limit LX ON Resistance LX Leakage Current EN Input Current EN Input Level EN low Shutdown Delay EN Low Cycle Time EN High Cycle Time
Symbol Test Condition VIN input Voltage VIN UVLO IIN1 IIN3 V FB IFB VOVP IOVP fOSC DMAX tSS ILX RLX ILeakage IEN VIH VIL tCYCL tCYCH VIN falling, 100mV hysteresis No Switching , FB>0.3V EN=0V VFB =0.105V VOUT Rising EN=0V 2.5V< VIN <6.0V
Min. 2.3
Typ. Max. Units 6.5 V V uA uA V uA V V uA % MHz % ms A uA uA V V ms ms ms
1.4 1.5 1.6 100 350 1 0.238 0.25 0.262 1 17 22 25 5 1 1.0 0.05 1.5 0.05 0.05 0.1 1.2 90 0.2 0.75 0.40 4 1.4 1 1 0.4 4 4
VIN=3.0V,duty cycle=80% , VIN =2.5V, ILX =750mA VLX =16V, EN=0V EN=5V
Note(1) Note(1)
Note(1): tCYCL and tCYCH are included rising time and falling time of PWM signal.
Recommended PCB Layout
REV: 1.0
3
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
TYPICAL PERFORMANCE CHARACTERISTICS
1. Driving Capability
Vin 2.4V 3.6V 5.0V ILED=12.5mA 6 x 1LED 3 x 9LED 3 x 10LED ILED=20mA 4 x 1LED 3 x 6LED 3 x 10LED
2.Efficiency Figure 3. Efficiency vs Vin and ILED Figure 4. Efficiency vs Temperature
3. Quiescent Current vs VIN and Temperature Figure 5. Iq vs. Temperature
4.Switching Frequency vs Temperature Figure 6. Fosc vs. Temperature
REV: 1.0
4
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
APPLICATION CIRCUIT
VIN1 2.4V to 6V 4.7uF 10uH
1N5819
LX
1uF
R=(VF-22V)/300uA if VF=30V,R=27K
VIN2 2.4V to 6.0V 1uF ON OFF PWM Signal
VIN
OVP
8LEDs
KB4317
EN GND FB
I LED
250mV RSENSE
13.8
Figure 1a. KB4317 Typical Application Circuit with 18mA 8LEDs Output .
up to 30 LEDs
10uH VIN 3.6V to 6.0V 4.7uF 1N5817 LED1
10uF
LED30
VIN
LX
OVP
X10
ON OFF PWM Signal
KB4317
EN GND FB
I LED
250mV RSENSE
2.2
Figure 1b. KB4317 for 8 " Panel LED Back light unit . (10V 113mA)
REV: 1.0
5
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
Function Description
The KB4317 is a high efficiency and constant current DC-DC converter IC which is designed primarily for use in LED module applications. The output voltage of the step-up converter can be set from Vin to 30V with external sense resistor. The device suits to drive series-connected LEDs and provides even illumination by sourcing the same output current through each LED. KB4317 also consists of a logic shutdown , cycle-by-cycle current-limited , soft-start functions. Logic control input or PWM duty cycle control allows easy adjustment of LEDs brightness and on/off control. The average LED current is proportionable the duty-cycle of the PWM signal. Typical PWM frequency should be between 100Hz and 1kHz. The boost converter operates in current-mode PWM and a constant frequency of 1.2 MHz. Depending on duty cycle of each switching cycle can regulate output voltage. On the rising edge of the internal clock , the control and driver logic block sets internal flip-flop when the output voltage is too low, which turns on the N-MOS. The external inductor current ramps up linearly, storing energy in a magnetic filed. Once peak current of inductor over trans-conductance output level , the N-MOS turns off, the flip-flop resets, and external schottky diode turns on. This forces the current through the inductor to ramp back down, transferring the energy stored in the magnetic field to the output capacitor and LEDs. To reduce external component amount , the device will be built-in internal loop compensation.
Enable Control
Digital logic of EN provides an electrical ON/OFF control of the power supply. Connecting this pin to ground or to any voltage less than 0.4V and sustain the level over 4ms will completely turn off the regulator. In this state, current drain from the input supply is less than 1uA, the internal reference, error amplifier, comparators, and biasing circuitry turn off . If holding time of low level is less than 3ms on this pin, then the device only shutdown driver logic block.
Dimming Control
Digital logic of EN also provides LEDs brightness control by applying a PWM signal on EN pin. With this way, the LEDs operate with either zero or full current . The average LED current is proportional to the duty-cycle of the PWM signal. Typical PWM frequency should be between 100Hz and 1kHz. Output current is given by:
I LED
Where:
250mV TON PWM RSENSE TS PWM
TON-PWM : On time of PWM signal TS-PWM : A cycle time of PWM signal If dimming control is not required , EN works as a simple on/off control. Drive EN high to enable the device , or drive EN low for shutdown.
REV: 1.0
6
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
Soft-Start
Soft-start allows a gradual increase of the internal current-limit level for the step-up converter during power-up to reduce input surge currents. As the internal current source charges the internal soft-start capacitor, the peak N-MOS current is limited by the voltage on the capacitor. In another story, when toggle or a logic-level transition on EN pin from low to high, soft-start function must work to enable constant current charging internal capacitor. When soft-start process has finished or appeared falling edge of PWM signal on EN pin , soft-start capacitor must be discharged to ground level.
Cycle-by-Cycle Over-Current Protection
The KB4317 provides cycle-by-cycle over-current protection. Current limit is accomplished using a separate dedicated comparator. The cycle-by-cycle current limit abbreviates the on-time of the N-MOS in event that the current of flowing N-MOS is greater than the current limit value. The current-limit feature protection against a hard short or over-current fault at the output.
Over-Voltage Protection
If VOUT is above 22V or LEDs are disconnected from the circuit, the FB pin is similar to pull down to ground with a sense resistor. This will cause N-MOS to switch with a maximum duty cycle and come out output over-voltage. This may cause the LX pin voltage to exceed its maximum voltage rating to damage built-in N-MOS. In the state, the OVLO protection circuitry stops the internal N-MOS . When VOUT falls below 22V, IC will automatically recover normal operation.
Power dissipation consideration
The KB4317 maximum power dissipation depends on the thermal resistance of the IC package and circuit board, the temperature difference between the die junction and ambient air, and the rate of any airflow. The power dissipation in the device depends on the operating conditions of the regulator. The step-up converter dissipates power across the internal N-MOS as the controller ramps up the inductor current. In continuous condition, the power dissipated internally can be approximated by :
Pboost
where
[(
I O VO 2 ) Vin
1 Vin D 2 ( ) ] RDS (ON ) 12 f OSC L
D
IO : It is the load current. fOSC : It is a switching frequency.
REV: 1.0
7
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
Applications Information
External components of main boost converter can be designed by performing simple calculations. It need to follow regulation by the output voltage and the maximum load current, as well as maximum and minimum input voltages. Begin by selecting an inductor value. Once L is know, choose the diode and capacitors.
Boost inductor
Inductor selection depends on input voltage, output voltage, maximum current , switching frequency and availability of inductor values. The following boost circuit equations are useful in choosing the inductor values based on the application. They allow the trading of peak current and inductor value while allowing for consideration of component availability and cost. The peak inductor current is given by:
I Lpeak I LAVG
where:
I LAVG IO 1D
IL 2
IL is the inductor peak-to-peak current ripple and is decided by:
IL
Vin L VO V in VO
D f OSC
D is the MOSFET turn on ratio and is decided by:
D
fOSC is the switching frequency. The inductor should be chosen to be able to handle this current and inductor saturation current rating should be greater than IPEAK.
Diode selection
The output diode has average current of IO, and peak current the same as the inductor's peak current and a voltage rating at least 1.5 times the output voltage. Schottky diode is recommended and it should be able to handle those current.
Output Capacitor
The KB4317 is specially compensated to be stable with capacitors which have a worst- case minimum value of 1uF at the particular VOUT being set. Output ripple voltage requirements also determine the minimum value and type of capacitors. Output ripple voltage consists of two components the voltage drop caused by the switching current through the ESR of the output capacitor and the charging and discharging of the output capacitor:
V RIPPLE
I LPEAK
ESR
VO Vin VO
IO C OUT f OSC
For low ESR ceramic capacitors, the output ripple is dominated by the charging or discharging of the output capacitor. REV: 1.0
8
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB4317
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
PACAGE DESCRIPTION
Small Outline SOT23-6
b
e
E
e1 D A A2 A1
C r E1 L
SYMBOL A A1 A2 b C D E E1 L e e1 r
INCHES MIN 0.035 0.000 0.035 0.010 0.003 0.110 0.102 0.059 0.014 0.037ref 0.075ref 00 100 MAX 0.057 0.006 0.051 0.020 0.008 0.122 0.118 0.069 0.022
MILLIMETERS MIN MAX 0.90 1.45 0.00 0.15 0.90 1.30 0.25 0.50 0.08 0.20 2.80 3.10 2.60 3.00 1.50 1.75 0.35 0.55 0.95ref 1.90ref 00 100
NOTES -
-
Kingbor Technology
TEL:(86)0755-26508846 FAX:(86)0755-26509052 www.kingbor.com
9


▲Up To Search▲   

 
Price & Availability of KB4317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X