Part Number Hot Search : 
L2000 DA156 XXXXXX EL817107 EL817107 VSC7991 MAX3845 3008P
Product Description
Full Text Search
 

To Download JUCOE475MED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
UCser
Specifications
Item
Radial Lead Type
ies
Excellent in voltage holding property. Suitable for quick charge and discharge. Wide temperature range (- 25 ~ +70C). Adapted to the RoHS directive (2002/95/EC).
Performance Characteristics
- 25 ~ +70C 2.5V 0.47 ~ 47F See Note 20% (20C) 0.5C (mA) [ C : Rated Capacitance(F) ](After 30 minutes' application of rated voltage, 2.5V)
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Stability at Low Temperature ESR, DCR*
Capacitance (- 25C) / Capacitance (+20C) x100 Refer to the list below (20C).
70%
*DC internal resistance
Capacitance change Within 30% of initial value 300% or less of initial specified value Initial specified value or less Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Endurance
After an application of DC voltage for 1000 hours at 70C, capacitors meet the characteristic requirements listed at right.
Internal resistance (ESR)
Leakage current Capacitance change
Shelf Life
After storing the capacitors under no load at 70C for 1000hours, they will meet the characteristic requirements listed at right.
Internal resistance (ESR)
Leakage current
Marking
Printed with white color letter on black sleeve.
Drawing
Type numbering system (Example : 2.5V 1F)
fd
Sleeve (P.E.T.)
fD+0.5MAX
J UC 0 E 1 0 5 MPD
Configuration Capacitance tolerance (20%) Rated Capacitance (1F) Rated voltage (2.5V) Series name Type
P0.5
1 2 3 4 5 6 7 8 9 10 11
Pressure relief vent
L+ MAX
15MIN
4MIN
fD 6.3
8 10 12.5 16 18 P 2.5 3.5 5.0 5.0 7.5 7.5 fd 0.5 0.6 0.6 0.6 0.8 0.8
(mm)
(fD < 10) 1.0 (fD 10) 1.5
In case L>25 for the f12.5 dia unit,lead dia fd=0.8
Configuration Pb-free lead finishing fD Pb-free PET sleeve 6.3 ED 8, 10 PD 12.5 ~ 18 HD
* Please refer to page 21 for end seal configulation.
Rated Rated Voltage Capacitance ( Code ) (F) 0.47 1.0 2.2 3.3 2.5V 4.7 (0E) 10 10 22 33 47
Dimensions
Code 474 105 225 335 475 106 106 226 336 476
ESR (W) (at 1kHz) 7 2 1 1 0.5 0.1 0.1 0.1 0.1 0.1
DCR (W) 11 5 2 1.5 1 0.5 0.5 0.3 0.2 0.2
Case size f D L (mm) 6.3 11 8 11.5 8 20 10 20 12.5 20 12.5 31.5 10 40 16 31.5 18 31.5 18 40
Note : To calculate capacitance, the capacitor must be charged at the rated voltage of 2.5V for 30 minutes. Measure the time of duration T (sec.) it takes go from 2V to 1V when a constant current discharge of i (A) = 0.01 x nominal capacitance is carried out. It is then possible to calculate capacitance based on the calculation provided below. Capacitance (F) = I x T
CAT.8100V


▲Up To Search▲   

 
Price & Availability of JUCOE475MED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X