Part Number Hot Search : 
MAX96 2N605 APW8822C 2SD2276 80N70 PC3403C SM7745 UNR911XJ
Product Description
Full Text Search
 

To Download J0026D21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PULSEJACK
TM
1x1 Tab-DOWN RJ45
www.pulseeng.com Description: 10/100 Base-TX RJ45 1x1 Tab-DOWN with LEDs 8-pin (J0 series) integrated magnetics connector (ICM), designed to support applications, such as SOHO (ADSL modems), LAN-on-Motherboard (LOM), Hub and Switches. Features and Benefits: RoHS-5 peak wave solder temperature rating 235C RoHS-6 peak wave solder temperature rating 260C Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP Electrical Performance Summary: Meets or exceeds IEEE 802.3 standard for 100Base-T 350H minimum OCL with 8mA bias current Minimum 1500Vrms isolation per IEEE 802.3 requirement
Electrical Specifications @ 25C -- Operating Temperature 0C to +70C
RoHS-5 Part No. RoHS-6 Part No. TX Turns Ratios RX Mech. Drawing EMI Fingers LEDs1 (L/R) Insertion Loss (dB TYP) 1-65 MHz Return Loss (dB TYP) 100W 15W 10-30 30-60 MHz MHz Crosstalk (dB TYP) 60-80 MHz 1-30 MHz 30-60 MHz 60-100 MHz Common Mode Rejection (dB TYP) 1-50 50-150 MHz MHz Hipot (Vrms) @60Hz 1 MIN
1-10 MHz
J0006D01B J0006D01BNL 1CT:1 1CT:1 A No G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0006D21 J0006D21NL 1CT:1 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0006D21B J0006D21BNL 1CT:1 1CT:1 B YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0011D01 J0011D01NL 1CT:1 1CT:1 C No N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0011D01B J0011D01BNL 1CT:1 1CT:1 A No G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0011D21 J0011D21NL 1CT:1 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0011D21B J0011D21BNL 1CT:1 1CT:1 B YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0011D21E J0011D21ENL 1CT:1 1CT:1 B YES G/G -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0012D21 J0012D21NL 1CT:1 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0018D21 J0018D21NL 1CT:1.414 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0018D21E J0018D21ENL 1CT:1.414 1CT:1 B YES G/G -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0024D21 J0024D21NL 1CT:2 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0024D21B J0024D21BNL 1CT:2 1CT:1 B YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D01 J0026D01NL 1CT:1 1CT:1 D No N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D01B J0026D01BNL 1CT:1 1CT:1 A No G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D01E J0026D01ENL 1CT:1 1CT:1 A No G/G -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D01F 2 J0026D01FNL 2 1CT:1 1CT:1 A No G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D21 J0026D21NL 1CT:1 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D21B J0026D21BNL 1CT:1 1CT:1 B YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D21E J0026D21ENL 1CT:1 1CT:1 B YES G/G -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D21F 2 J0026D21FNL2 1CT:1 1CT:1 B YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0026D21G 3 J0026D21GNL3 1CT:1 1CT:1 B YES YG/G -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0033D21 J0033D21NL 1.25CT:1 1CT:1 E YES N/A -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0035D21B J0035D21BNL 1CT:1 1CT:1 F YES G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 J0073D01B J0073D01BNL 1CT:2.5 1CT:1 A No G/Y -1 -20 -16 -12 -10 -40 -35 -30 -30 -20 1500 Notes: 1. LEDs Left/Right: G=green, Y=yellow, N/A=none, YG=Bi-color LED Yellow Green. 2. LEDs with internal resistor. 3. Bi- color Left LED. 4. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Product contains lead in applications considered as solders. 5. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead).
RJ45 Durability Testing Rating
Part Number J0 Series Mating Force (MAX) 5 lbs./2.268 kgs. Unmating Force (MAX) 5 lbs./2.268 kgs. Durability 750 Insertions Plug to Jack Retention (MIN) 20 lbs./9.072 kgs.
RJ45 Material Specification
Part Number J0 Series Material Brass Shield Finish 10-20m inches Nickel over 10-20m inches Brass Material Phosphor Bronze Contact Plating Area Nickel underplating and selective gold plating 15 inches Solder Area 2 120 inches Sn90/Pb10 over 50 inches nickel Housing Material Specification Thermoplastic UL 94 V-0 MSL 3 Rating 1
Notes: 1. Connector dimensions comply with FCC dimension requirements. 2. RoHS-6 parts are tin matte finish over nickel. 3. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5)
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
1
J403.D (5/06)
PULSEJACK
A
TM
1x1 Tab-DOWN RJ45
www.pulseeng.com J0 Series Mechanicals
B
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
2
J403.D (5/06)
PULSEJACK
C
TM
1x1 Tab-DOWN RJ45
www.pulseeng.com J0 Series Mechanicals
D
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
3
J403.D (5/06)
PULSEJACK
E
TM
1x1 Tab-DOWN RJ45
www.pulseeng.com J0 Series Mechanicals
F
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
4
J403.D (5/06)
PULSEJACK
J0006
TD+ 1 CT 4 TD- 2 2 TX1 TX+
TM
1x1 Tab-DOWN RJ45
J0 Series Electrical Schematics
J0011
TD+ 1 CT 4
75
www.pulseeng.com
TD+ 1 CT 2
75
J0012
1 TX+
1 TX+
TD- 2
PCB SIDE TO PHY
PCB SIDE TO PHY
PCB SIDE TO PHY
CABLE SIDE
RD+ 3 CT 5 RD- 6
3 RX+
CABLE SIDE
CT 5
75
CT 5
75
6 RX-
RD- 6
1CT : 1 RECEIVE
4 5 7
1CT : 1 RECEIVE
6 RX4
75
RD- 6
1CT : 1 RECEIVE
6 RX4
75
7
NC 7
5 7
NC 7
5 7
8
8
CHS GROUND 8
0.001mF
75
8
CHS GRND
8
0.001mF
75
8
NOTE: Connect CHS GND to PCB ground.
NOTE: Connect CHS GND to PCB ground.
J0018
TD+ 1 CT 4
75
J0024
1 TX+ TD+ 1 CT 4 2 TX3 RX+ TD- 2 2 TX3 RX+ 1 TX+
TD- 2
PCB SIDE TO PHY
CABLE SIDE
CT 5
75
CT 5 RD- 6 6 RX-
RD- 6
1CT : 1 RECEIVE
6 RX4
75
1CT : 1 RECEIVE
4 5 7
NC 7
5 7
7
CHS GROUND 8
0.001mF
75
8
NOTE: Connect CHS GND to PCB ground.
8
8
J0026
TD+ 1 CT 3 TD- 2
1 TX+
J0033
TD+ 1 CT 3 1 TX+
1CT : 1 TRANSMIT
2 TX3 RX+
TD- 2
PCB SIDE TO PHY
1.25CT : 1 TRANSMIT
2 TX3 RX+
PCB SIDE TO PHY
CABLE SIDE
RD+ 7 CT 6 RD- 8
CT 6 RD- 8 6 RX4 4 0.001mF
75 75 75
1CT : 1 RECEIVE 75 75
6 RX4 5 7
1CT : 1 RECEIVE
4
75
5 7
0.001mF CHS GROUND 5 C1
75
8
CHS GROUND 5
75
8
NOTE: Connect CHS GND to PCB ground.
NOTE: Connect CHS GND to PCB ground.
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
5
J403.D (5/06)
CABLE SIDE
RD+ 7
CABLE SIDE
RD+ 3
PCB SIDE TO PHY
1CT : O2 TRANSMIT
1CT : 2 TRANSMIT
RD+ 3
CABLE SIDE
1CT : 1 TRANSMIT
1CT : 1 TRANSMIT
2 TX3 RX+
TD- 3 RD+ 4
1CT : 1 TRANSMIT
2 TX3 RX+
RD+ 3
PULSEJACK
J0035
TD+ 8 CT 6 TD- 7
TM
1x1 Tab-DOWN RJ45
www.pulseeng.com J0 Series Electrical Schematics (continued)
J0073
1 TX+ TD+ 1 CT 3
1CT :1 TRANSMIT
1 TX+
2 TX3 RX+
TD- 2
PCB SIDE TO PHY
1CT : 2.5 TRANSMIT
2 TX3 RX+
RD+ 2 CT 3 RD- 1
PCB SIDE TO PHY
CABLE SIDE
CT 6 RD- 8 6 RX4 4 0.001mF
75 75 75
1CT :1 RECEIVE 75 75 75
6 RX4
1CT : 1 RECEIVE
4
5 7
5 7
CHS GROUND 5
0.001mF C1
75
8
CHS GROUND 5
75
8
NOTE: Connect CHS GND to PCB ground.
NOTE: Connect CHS GND to PCB ground.
LED Configuration
LED = B & E Specification (LEDs without internal resistors) 9 10 12 11 Left LED Right LED LED = M Specification (LEDs without internal resistors) 9 10 11 12 Left LED Right LED
LED = F Specification (LEDs with internal resistors) 9 10 12 11 Left LED Right LED
LED = G Specification (Bi-color LED option with internal resistors) 9 10 11 12 Left LED Right LED
Standard LED
Yellow Green
Wavelength
585 nm 565 nm
Forward* V(MAX)
2.5 V 2.5 V
(TYP)
2.1 V 2.2 V
* Using an internal resistor within the LED increases the voltage rating of the diode from 2.5 V to 5.0 V (assumes bias current = 20 mA).
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Drive San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262
Pulse Northern Europe
3 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701
Pulse Southern Europe
Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
Pulse Pulse North China China Headquarters Room 1503
No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870 XinYin Building No. 888 YiShan Road Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080
Pulse North Asia
No. 26 Kao Ching Road Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
J403.D (5/06)
CABLE SIDE
RD+ 7


▲Up To Search▲   

 
Price & Availability of J0026D21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X