|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IRK(*)91Series Power Module 100 Amp IRKD 1 IRKC IRKJ IRKE 1 1 1 MAXIMUM RATINGS Parameter Repetitive Peak Reverse Voltage Maximum RMS On-State Current Maximum Average On-State Current Peak Forward Surge Current 8.3 mS Maximum I 2T for Fusing Maximum Storage Temperature Range Maximum Junction Temperature Range ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated Otherwise Parameter Maximum Forward Voltage Repetitive Peak Off- State Current at TC=150 C O Thermal Resistance (Junction to Case) Mounting Torque Weight 1 2 3 2 2 2 2 3 3 3 Triple Screwtop Copper (Tj = 25 OC unless stated otherwise) IRK(*) 91-04 * Insert "D" "C" "J" or "E" for circuit configuration IRK(*) 91-06 IRK(*) 91-08 IRK(*) 91-10 IRK(*) 91-12 IRK(*) 91-14 IRK(*) 91-16 Symbol Unit VRRM IF(RMS) IF(AV) IFSM I2T T(STG) Tj 400 600 800 1000 157 100 at TC=100OC 2110 18.65 -40 to +150 -40 to +150 1200 1400 1600 Volt Amp Amp Amp A2/S O C O C Value Min Typ Max 1.45 10.0 0.35 5.0 110 Unit Volt mA O Symbol VFM IRRM RTH (J-c) MT Wt Condition VR = VRRM , C/W NM grms Mechanical Dimensions 21 (0.80) 1 2 3 15.0 (0.59) 20.0 (0.79) 20.0 (0.79) 80 (3.15) M5 6.2 (0.20) 30.0 29 35 (1.38) (1.18) (0.80) 92 (3.60) All Dimensions in Inches (Millimeters) Third Angle Projection |
Price & Availability of IRK91-12 |