Part Number Hot Search : 
P1107 MOB62DR MC34063S ISL6144 2SB668 B28DPBE B2567 41200
Product Description
Full Text Search
 

To Download IRG4PC40WPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -95183
IRG4PC40WPBF
INSULATED GATE BIPOLAR TRANSISTOR
Features
* Designed expressly for Switch-Mode Power Supply and PFC (power factor correction) applications * Industry-benchmark switching losses improve efficiency of all power supply topologies * 50% reduction of Eoff parameter * Low IGBT conduction losses * Latest-generation IGBT design and constructionoffers tighter parameters distribution, exceptional reliability * Lead-Free
C
VCES = 600V
G E
VCE(on) typ. = 2.05V
@VGE = 15V, IC = 20A
n-channel
Benefits
* Lower switching losses allow more cost-effective operation than power MOSFETs up to 150 kHz ("hard switched" mode) * Of particular benefit to single-ended converters and boost PFC topologies 150W and higher * Low conduction losses and minimal minority-carrier recombination make these an excellent option for resonant mode switching as well (up to >>300 kHz)
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE EARV PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy S Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
TO-247AC
Max.
600 40 20 160 160 20 160 160 65 -55 to + 150 300 (0.063 in. (1.6mm) from case ) 10 lbf*in (1.1N*m)
Units
V A
V mJ W
C
Thermal Resistance
Parameter
RJC RCS RJA Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient, typical socket mount Weight
Typ.
--- 0.24 --- 6 (0.21)
Max.
0.77 --- 40 ---
Units
C/W g (oz)
www.irf.com
1
04/23/04
IRG4PC40WPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Typ. Collector-to-Emitter Breakdown Voltage 600 -- Emitter-to-Collector Breakdown Voltage T 18 -- V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage -- 0.44 -- 2.05 Collector-to-Emitter Saturation Voltage -- 2.36 VCE(ON) -- 1.90 VGE(th) Gate Threshold Voltage 3.0 -- VGE(th)/TJ Temperature Coeff. of Threshold Voltage -- 13 gfe Forward Transconductance U 18 28 -- -- ICES Zero Gate Voltage Collector Current -- -- -- -- IGES Gate-to-Emitter Leakage Current -- -- V(BR)CES V(BR)ECS Max. Units Conditions -- V VGE = 0V, IC = 250A -- V VGE = 0V, IC = 1.0A -- V/C VGE = 0V, IC = 1.0mA 2.5 IC = 20A VGE = 15V -- IC = 40A See Fig.2, 5 V -- IC = 20A , TJ = 150C 6.0 VCE = VGE, IC = 250A -- mV/C VCE = VGE, IC = 250A -- S VCE = 100 V, IC =20A 250 VGE = 0V, VCE = 600V A 2.0 VGE = 0V, VCE = 10V, TJ = 25C 2500 VGE = 0V, VCE = 600V, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 98 12 36 27 22 100 74 0.11 0.23 0.34 25 23 170 124 0.85 13 1900 140 35 Max. Units Conditions 147 IC = 20A 18 nC VCC = 400V See Fig.8 54 VGE = 15V -- -- TJ = 25C ns 150 IC = 20A, VCC = 480V 110 VGE = 15V, RG = 10 -- Energy losses include "tail" -- mJ See Fig. 9,10, 14 0.45 -- TJ = 150C, -- IC = 20A, VCC = 480V ns -- VGE = 15V, RG = 10 -- Energy losses include "tail" -- mJ See Fig.10,11, 14 -- nH Measured 5mm from package -- VGE = 0V -- pF VCC = 30V See Fig. 7 -- = 1.0MHz
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10H, RG = 10,
(See fig. 13a)
T Pulse width 80s; duty factor 0.1%. U Pulse width 5.0s, single shot.
S Repetitive rating; pulse width limited by maximum
junction temperature.
2
www.irf.com
IRG4PC40WPBF
50 F o r b o th :
Tria n g u la r w a ve :
40
Load Current ( A )
D u ty c y c le : 5 0 % TJ = 12 5 C T s in k = 9 0 C G at e d riv e as sp ec ifie d P o w e r D is s ip a tio n = 2 8 W
C la m p vo l ta g e : 8 0 % o f ra te d
30 S q u a re w ave : 6 0 % o f ra t e d v o lta g e
20
10 Id e al d io d e s
0 0.1 1 10 100
A
1000
f, Frequency (kH z)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
1000
1000
TJ = 25 C TJ = 150 C
100
I C , Collector-to-Emitter Current (A)
I C, Collector-to-Emitter Current (A)
100
TJ = 150 C
10
10
TJ = 25 C
1 1.0
V = 15V 80s PULSE WIDTH
GE 2.0 3.0 4.0 5.0
1
V = 50V 5s PULSE WIDTH
CC 5 7 9 11
VCE , Collector-to-Emitter Voltage (V)
VGE , Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
www.irf.com
3
IRG4PC40WPBF
50 3.0
VCE , Collector-to-Emitter Voltage(V)
V = 15V WIDTH 80 us PULSE
GE
Maximum DC Collector Current(A)
40
IC = 40 A
2.5
30
2.0
IC = 20 A IC = 10 A
20
10
1.5
0
25
50
75
100
125
150
TC , Case Temperature ( C)
1.0 -60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature ( C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = PDM x Z thJC + TC 0.1
P DM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
4
www.irf.com
IRG4PC40WPBF
4000
VGE, Gate-to-Emitter Voltage (V)
C, Capacitance (pF)
3000
VGE = 0V, f = 1MHz Cies = Cge + Cgc , Cce SHORTED Cres = Cgc Coes = Cce + Cgc
20
VCC = 400V I C = 20A
16
Cies
2000
12
C oes
1000
8
C res
4
0
1
10
100
0
VCE , Collector-to-Emitter Voltage (V)
0
20
40
60
80
100
QG , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
1.0
Total Switching Losses (mJ)
0.8 0.7 0.6 0.5 0.4 0.3
Total Switching Losses (mJ)
V CC = 480V V GE = 15V 0.9 TJ = 25 C I C = 20A
10
RG = 10Ohm 10 VGE = 15V VCC = 480V
IC = 40 A
1
IC = 20 A IC = 10 A
10
() RG , Gate Resistance (Ohm)
20
30
40
50
60
0.1 -60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature ( C )
Fig. 9 - Typical Switching Losses vs. Gate www.irf.com Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature 5
IRG4PC40WPBF
2.0
1.5
1.0
0.5
0.0
SAFE OPERATING AREA
5 15 25 35 45 10
I C , Collector-to-Emitter Current (A)
Total Switching Losses (mJ)
RG TJ VCC VGE
=10 10Ohm = 150 C = 480V = 15V
1000
VGE = 20V T J = 125 oC
100
I C , Collector-to-emitter Current (A)
1
10
100
1000
VCE , Collector-to-Emitter Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRG4PC40WPBF
L 50V 1 00 0V VC *
D .U .T.
RL = 0 - 480V
480V 4 X IC@25C
480F 960V
Q
R
* Driver s am e ty pe as D .U .T.; Vc = 80% of V ce (m ax ) * Note: D ue to the 50V pow er s upply, pulse w idth a nd inductor w ill inc rea se to obta in ra ted Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V Q R S VC D .U .T.
Fig. 14a - Switching Loss
Test Circuit
* Driver same type as D.U.T., VC = 480V
Q
R
9 0%
S
1 0% 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10 % IC 5% t d (o n )
tr E on
tf t=5 s E o ff E ts = ( Eo n +E o ff )
www.irf.com
7
IRG4PC40WPBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
E XAMPLE : T HIS IS AN IRFPE30 WIT H AS S E MB LY LOT CODE 5657 AS S E MB LE D ON WW 35, 2000 IN T HE AS S E MB LY LINE "H"
Note: "P" in assembly line position indicates "Lead-Free"
INT E RNAT IONAL RE CT IFIE R LOGO AS S E MB LY LOT CODE
PART NUMB E R
IRF PE 30
56 035H 57
DAT E CODE YE AR 0 = 2000 WE E K 35 LINE H
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 04/04
8
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4PC40WPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X