Part Number Hot Search : 
ISL9230 NTX1N ATAR090 40020 CS842 DSP56 A170D SMCJ30
Product Description
Full Text Search
 

To Download HT1626 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT1626
RAM Mapping 4816 LCD Controller for I/O MCU
Features
* Operating voltage: 2.7V~5.2V * Built-in RC oscillator * External 32.768kHz crystal or 32kHz frequency * Built-in LCD display RAM * R/W address auto increment * Two selection buzzer frequencies (2kHz or 4kHz) * Power down command reduces power consumption * Software configuration feature * Data mode and Command mode instructions * Three data accessing modes * VLCD pin to adjust LCD operating voltage * Cascade application * 100-pin QFP package
source input
* 1/5 bias, 1/16 duty, frame frequency is 64Hz * Max. 4816 patterns, 16 commons, 48 segments * Built-in internal resistor type bias generator * 3-wire serial interface * 8 kinds of time base or WDT selection * Time base or WDT overflow output
General Description
HT1626 is a peripheral device specially designed for I/O type MCU used to expand the display capability. The max. display segment of the device are 768 patterns (4816). It also supports serial interface, buzzer sound, Watchdog Timer or time base timer functions. The HT1626 is a memory mapping and multi-function LCD controller. The software configuration feature of the HT1626 make it suitable for multiple LCD applications including LCD modules and display subsystems. Only three lines are required for the interface between the host controller and the HT1626. The HT162X series have many kinds of products that match various applications.
Selection Table
HT162X COM SEG Built-in Osc. Crystal Osc. HT1620 4 32 3/4 O HT1621 4 32 O O HT1622 8 32 O 3/4 HT16220 8 32 3/4 O HT1623 8 48 O O HT1625 8 64 O O HT1626 16 48 O O
Block Diagram
OSCO OSCI CS RD WR DATA VDD VSS BZ BZ T o n e . re q u e n c y G e n e ra to r Con an T im C ir c tro l d in g u it
D is p la y R A M
COM0 L C D D r iv e r / B ia s C ir c u it CO M 15 SEG0 SEG 47 VLCD W a tc h d o g T im e r and T im e B a s e G e n e r a to r IR Q
Rev. 1.10
1
September 11, 2002
HT1626
Pin Assignment
SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE G G G G
100 99 98 97 96 9594 93 92 91 90 89 88 87 86 8584 83 82 81 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 4445 46 4748 49 50
G G G G G G G G G G G
G
G G 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 CS RD WR DATA NC NC VSS OSCI SCO VDD VLC D IR Q BZ BZ T1 T2 T3 T4 COM0 COM1 COM2 COM3 COM4 NC COM5 COM6 COM7 COM8 COM9 O M 10 O M 11 O M 12 O
80 79 78 77 76 75 74 73 72 71 70 69 68
H T1626 1 0 0 Q . P -A
67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
C C C
SE SE SE SE SE SE NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC SE SE SE SE SE SE SE
G2 G2 G2 G2 G2 G2 8
9 6 7 5 4
G2 G2 G2 G2 G1 G1 G1
3 2
1 0 8 7 9
SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE CO CO CO G1 G1 G1 G1 G1 G1 G1 G9 G8 G7 G6 G5 G4 G3 G2 G1 G0 M1 M1 M1 0 5 6 1 2 3 4 5 4 3
Rev. 1.10
2
September 11, 2002
HT1626
Pad Assignment
SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG SEG
DATA
79
VSS
80
CS RD WR
78 77 76
47
75
46
74
45
73
44
72
43
71 70
42
41
69 68
40
39
67
38
66 65
37
36
64
35
63
34
62
33
61 60
32
31
59
30
58
29
57
28
56
27
55 54
26
25
53
24
52
OSCI OSCO
2
1
VDD
3 4 5 6
VLCD IR Q BZ
BZ
7
(0 , 0 )
8 9
T1 T2 T3 T4 COM0 COM1 COM2 COM3 COM4
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
COM5
SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE SE CO CO CO CO CO CO CO CO CO CO G2 G2 G2 G2 G1 G1 G1 G1 G1 G1 G1 G1 G1 G1 G9 G8 G7 G6 G5 G4 G3 G2 G1 G0 M1 M1 M1 M1 M1 M1 M9 M8 M7 M6 0 1 2 3 4 5 6 7 8 9 0 1 2 3
* The IC substrate should be connected to VDD in the PCB layout artwork.
0 1 2 3 4 5
Chip size: 242 196 (mil)2
Rev. 1.10
3
September 11, 2002
HT1626
Pad Coordinates
Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 X -115.68 -115.68 -113.69 -114.92 -115.68 -115.68 -115.68 -114.92 -114.92 -114.92 -114.92 -114.92 -114.92 -114.92 -114.92 -114.92 -114.92 -105.02 -98.39 -91.76 -85.13 -78.50 -71.87 -65.24 -58.61 -51.98 -45.35 -38.72 -32.09 -25.46 -18.83 -12.20 -5.57 1.06 7.69 14.32 20.95 27.58 34.21 40.84 Y 77.99 71.36 54.83 46.62 37.10 23.80 4.21 -6.29 -18.27 -24.91 -36.89 -43.52 -55.51 -62.13 -74.12 -80.75 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 Pad No. 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 X 47.47 54.10 60.73 67.36 73.99 80.62 87.25 93.88 100.51 107.14 113.77 114.88 108.25 101.62 94.99 88.36 81.73 75.10 68.47 61.84 55.21 48.58 41.95 35.32 28.69 22.06 15.43 8.80 2.17 -4.46 -11.09 -17.72 -24.35 -30.98 -37.61 -44.24 -50.87 -57.50 -68.04 -82.71 Y -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 -92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 92.74 91.97 Unit: mil
Rev. 1.10
4
September 11, 2002
HT1626
Pad Description
Pad No. Pad Name I/O Description The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to generate a system clock. If the system clock comes from an external clock source, the external clock source should be connected to the OSCI pad. But if an on-chip RC oscillator is selected instead, the OSCI and OSCO pads can be left open.
1
OSCI
I
2 3 4 5 6, 7 8~11 12~27 28~75
OSCO VDD VLCD IRQ BZ, BZ T1~T4 COM0~COM15 SEG0~SEG47
O 3/4 I O O I O O Positive power supply LCD operating voltage input pad. Time base or Watchdog Timer overflow flag, NMOS open drain output 2kHz or 4kHz tone frequency output pair Not connected LCD common outputs LCD segment outputs Chip selection input with pull-high resistor. When the CS is logic high, the data and command read from or write to the HT1626 are disabled. The serial interface circuit is also reset. But if the CS is at logic low level and is input to the CS pad, the data and command transmission between the host controller and the HT1626 are all enabled. READ clock input with pull-high resistor. Data in the RAM of the HT1626 are clocked out on the falling edge of the RD signal. The clocked out data will appear on the data line. The host controller can use the next rising edge to latch the clocked out data. WRITE clock input with pull-high resistor. Data on the DATA line are latched into the HT1626 on the rising edge of the WR signal. Serial data input or output with pull-high resistor Negative power supply, ground
76
CS
I
77
RD
I
78 79 80
WR DATA VSS
I I/O 3/4
Absolute Maximum Ratings
Supply Voltage .........................................-0.3V to 5.5V Input Voltage.............................VSS-0.3V to VDD+0.3V Storage Temperature ............................-50C to 125C Operating Temperature...........................-25C to 75C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Rev. 1.10
5
September 11, 2002
HT1626
D.C. Characteristics
Symbol VDD IDD1 Parameter Operating Voltage Operating Current 5V IDD2 3V Operating Current 5V IDD11 3V Operating Current 5V IDD22 3V Operating Current 5V ISTB 3V Standby Current 5V VIL 3V Input Low Voltage 5V VIH 3V Input High Voltage 5V IOL1 3V BZ, BZ, IRQ 5V IOH1 3V BZ, BZ 5V IOL1 3V DATA 5V IOH1 3V DATA 5V IOL2 3V LCD Common Sink Current 5V IOH2 3V LCD Common Source Current 5V IOL3 3V LCD Segment Sink Current 5V IOH3 3V LCD Segment Source Current 5V RPH 3V Pull-high Resistor 5V DATA, WR, CS, RD 50 100 150 kW VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V VOL=0.3V VOL=0.5V VOH=2.7V VOH=4.5V DATA, WR, CS, RD 4.0 0.9 1.7 -0.9 -1.7 0.9 1.7 -0.9 -1.7 80 180 -40 -90 50 120 -30 -70 100 DATA, WR, CS, RD 0 2.4 No load, Power down mode Test Conditions VDD 3/4 3V Conditions 3/4 No load or LCD ON On-chip RC oscillator No load or LCD ON Crystal oscillator No load or LCD OFF On-chip RC oscillator No load or LCD OFF Crystal oscillator Min. 2.7 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0 Typ. 3/4 155 260 150 250 8 20 3/4 3/4 1 2 3/4 3/4 3/4 3/4 1.8 3 -1.8 -3 1.8 3 -1.8 -3 160 360 -80 -180 100 240 -60 -140 200 Max. 5.2 310 420 310 420 30 60 20 35 12 24 0.6 1.0 3 5 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 300 Ta=25C Unit V mA mA mA mA mA mA mA mA mA mA V V V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA kW
Rev. 1.10
6
September 11, 2002
HT1626
A.C. Characteristics
Symbol fSYS1 fSYS2 fLCD1 fLCD2 tCOM fCLK1 fCLK2 tCS Parameter System Clock System Clock LCD Frame Frequency LCD Frame Frequency LCD Common Period Serial Data Clock (WR Pin) Test Conditions VDD 3V 5V 3V 5V 3V 5V 3V 5V 3/4 3V 5V 3V 5V 3/4 3V tCLK WR, RD Input Pulse Width (Figure 1) 5V t r, t f tsu th tsu1 th1 Rise or Fall Time Serial Data Clock Width (Figure 1) Setup Time for DATA to WR, RD Clock Width (Figure 2) Hold Time for DATA to WR, RD Clock Width (Figure 2) Setup Time for CS to WR, RD Clock Width (Figure 3) Hold Time for CS to WR, RD Clock Width (Figure 3) 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V Conditions On-chip RC oscillator External clock source On-chip RC oscillator External clock source n: Number of COM Duty cycle 50% Min. 22 24 3/4 3/4 44 48 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3.34 6.67 1.67 3.34 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ. 32 32 32 32 64 64 64 64 n/fLCD 3/4 3/4 3/4 3/4 250 3/4 3/4 3/4 3/4 120 120 120 100 100 Max. 40 40 3/4 3/4 80 80 3/4 3/4 3/4 150 300 75 150 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Ta=25C Unit kHz kHz kHz kHz Hz Hz Hz Hz sec kHz kHz kHz kHz ns ms ms ns ns ns ns ns
Serial Data Clock (RD Pin) Serial Interface Reset Pulse Width (Figure 3)
Duty cycle 50% CS Write mode Read mode Write mode Read mode
V A L ID D A T A
tf W R,RD C lo c k 90% 50% 10%
tr V tC
LK
DD
DB
V th
DD
50% ts
u
GND V
DD
tC
GND
W R,RD C lo c k
LK
50%
GND
Figure 1
tC
S
Figure 2
CS
50% ts
u1
V
DD
th
1
GND
V
DD
W R,RD C lo c k
50% . IR S T C lo c k
LAST C lo c k
GND
Figure 3
Rev. 1.10
7
September 11, 2002
HT1626
Functional Description
Display memory - RAM structure The static display RAM is organized into 1924 bits and stores the display data. The contents of the RAM are directly mapped to the contents of the LCD driver. Data in the RAM can be accessed by the READ, WRITE and READ-MODIFY-WRITE commands. The following is a mapping from the RAM to the LCD patterns. Time base and Watchdog Timer - WDT The time base generator and WDT share the same divided (/256) counter. TIMER DIS/EN/CLR, WDT DIS/EN/CLR and IRQ EN/DIS are independent from each other. Once the WDT time-out occurs, the IRQ pin will remain at logic low level until the CLR WDT or the IRQ DIS command is issued.
CO M 15 SEG0 SEG1 SEG2 SEG3 7 11 15 8 12 A d d r e s s 8 B its (A 7 , A 6 , ...., A 0 ) CO M 14 CO M 13 CO M 12 3 4
If an external clock is selected as the source of system frequency, the SYS DIS command turns out invalid and the power down mode fails to be carried out until the external clock source is removed. Buzzer tone output A simple tone generator is implemented in the HT1626. The tone generator can output a pair of differential driving signals on the BZ and BZ which are used to generate a single tone. Command format The HT1626 can be configured by the software setting. There are two mode commands to configure the HT1626 resource and to transfer the LCD display data.
COM3
COM2
COM1
COM0 0
SEG 47 D3 D2 D1 D0
191 Addr D a ta D3 D2 D1 D0
188 Addr D a ta
D a ta 4 B its (D 3 , D 2 , D 1 , D 0 )
RAM mapping
T im e B a s e C lo c k S o u r c e /2 5 6 V CLR T im e r
DD
T IM E R
E N /D IS
IR Q
W D T E N /D IS D CK R Q IR Q E N /D IS
W DT /4
CLR
W DT
Timer and WDT configurations
Rev. 1.10
8
September 11, 2002
HT1626
The following are the data mode ID and the command mode ID: Operation READ WRITE READ-MODIFY-WRITE COMMAND Name TONE OFF TONE 4K TONE 2K Mode Data Data Data Command Command Code 0000-1000-X 010X-XXXX-X 0110-XXXX-X Turn-off tone output Turn-on tone output, tone frequency is 4kHz Turn-on tone output, tone frequency is 2kHz ID 110 101 101 100 Function If successive commands have been issued, the command mode ID can be omitted. While the system is operating in the non-successive command or the non-successive address data mode, the CS pin should be set to 1, and the previous operation mode will be reset also. The CS pin returns to 0, a new operation mode ID should be issued first.
Timing Diagrams
READ mode (command code : 1 1 0)
CS
WR
RD
DATA
1 1
0
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3 1
1
0
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
M e m o ry A d d re s s 1 (M A 1 )
D a ta (M A 1 )
M e m o ry A d d re s s 2 (M A 2 )
D a ta (M A 2 )
READ mode (successive address reading)
CS
WR
RD
DATA
1 1
0
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
M e m o ry A d d re s s (M A )
D a ta (M A )
D a ta (M A + 1 )
D a ta (M A + 2 )
D a ta (M A + 3 )
Rev. 1.10
9
September 11, 2002
HT1626
WRITE mode (command code : 1 0 1)
CS
WR
DATA
1 0
1
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3 1
0
1
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
M e m o ry A d d re s s 1 (M A 1 )
D a ta (M A 1 )
M e m o ry A d d re s s 2 (M A 2 )
D a ta (M A 2 )
WRITE mode (successive address writing)
CS
WR
DATA
1 0
1
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
M e m o ry A d d re s s (M A )
D a ta (M A )
D a ta (M A + 1 )
D a ta (M A + 2 )
D a ta (M A + 3 )
READ-MODIFY-WRITE mode (command code : 1 0 1)
CS
WR
RD
DATA
1 0
1
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
D0
D1
D2
D3 1
0
1
A7
A6
A1
A0
D0
D1
D2
D3
M e m o ry A d d re s s 1 (M A 1 )
D a ta (M A 1 )
D a ta (M A 1 )
M e m o ry A d d re s s 2 (M A 2 )
D a ta (M A 2 )
READ-MODIFY-WRITE mode (successive address accessing)
CS
WR
RD
DATA
1 0
1
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
D1
D2
D3
D0
M e m o ry A d d re s s (M A )
D a ta (M A )
D a ta (M A )
D a ta (M A + 1 )
D a ta (M A + 1 )
D a ta (M A + 2 )
Rev. 1.10
10
September 11, 2002
HT1626
Command mode (command code : 1 0 0)
CS
WR
DATA
1 0
0
C8
C7
C6
C5
C4
C3
C2
C1
C0
C8 C o m m a n d ...
C7
C6
C5
C4
C3
C2
C1
C0 Com m and or D a ta M o d e
Com m and 1
Com m and i
Mode (data and command mode)
CS
WR
DATA Com m and or D a ta M o d e RD A d d re s s a n d D a ta Com m and or D a ta M o d e A d d re s s a n d D a ta Com m and or D a ta M o d e A d d re s s a n d D a ta
Rev. 1.10
11
September 11, 2002
HT1626
Application Circuits
*
MCU
*R
CS RD WR DATA VDD *V R VLCD
H T1626
BZ P ie z o BZ
IR Q OSCI C lo c k O u t E x te r n a l C lo c k 1 ( 3 2 k H z ) E x te r n a l C lo c k 2 ( 3 2 k H z ) O n - c h ip O S C 1 /5 B ia s , 1 /1 6 D u ty OSCO C O M 0 ~ C O M 15 SEG 0~SEG 47
LCD
C ry s ta l 32768H z
Panel
Note:
The connection of IRQ and RD pin can be selected depending on the requirement of the MCU. The volatage applied to VLCD pin must be lower than VDD. Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kW20%. Adjust R (external pull-high resistance) to fit users time base clock.
Instruction Set Summary
Name READ WRITE ID Command Code D/C D D D C C C C C C C C C C C C Function Read data from the RAM Write data to the RAM Read and Write data to the RAM Turn off both system oscillator and LCD Yes bias generator Turn on system oscillator Turn off LCD display Turn on LCD display Disable time base output Disable WDT time-out flag output Enable time base output Enable WDT time-out flag output Turn off tone outputs Clear the contents of the time base generator Clear the contents of the WDT stage System clock source, on-chip RC oscillator Yes Yes Yes Yes Yes Def. 1 1 0 A7A6A5A4A3A2A1A0D0D1D2D3 1 0 1 A7A6A5A4A3A2A1A0D0D1D2D3
READ-MODIFY1 0 1 A7A6A5A4A3A2A1A0D0D1D2D3 WRITE SYS DIS SYS EN LCD OFF LCD ON TIMER DIS WDT DIS TIMER EN WDT EN TONE OFF CLR TIMER CLR WDT RC 32K 1 0 0 0000-0000-X 1 0 0 0000-0001-X 1 0 0 0000-0010-X 1 0 0 0000-0011-X 1 0 0 0000-0100-X 1 0 0 0000-0101-X 1 0 0 0000-0110-X 1 0 0 0000-0111-X 1 0 0 0000-1000-X 1 0 0 0000-1101-X 1 0 0 0000-1111-X 1 0 0 0001-10XX-X
Rev. 1.10
12
September 11, 2002
HT1626
Name ID Command Code D/C C C C C C C C C C C C C C C C Function System clock source, external 32kHz cl o ck so u r ce o r cr yst a l o sci l l a t o r 32.768kHz Tone frequency output: 4kHz Tone frequency output: 2kHz Disable IRQ output Enable IRQ output Time base clock output: 1Hz The WDT time-out flag after: 4s Time base clock output: 2Hz The WDT time-out flag after: 2s Time base clock output: 4Hz The WDT time-out flag after: 1s Time base clock output: 8Hz The WDT time-out flag after: 1/2s Time base clock output: 16Hz The WDT time-out flag after: 1/4s Time base clock output: 32Hz The WDT time-out flag after: 1/8s Time base clock output: 64Hz The WDT time-out flag after: 1/16s Time base clock output: 128Hz The WDT time-out flag after: 1/32s Test mode, user dont use. Normal mode Yes Yes Yes Def.
EXT (XTAL) 32K 1 0 0 0001-11XX-X TONE 4K TONE 2K IRQ DIS IRQ EN F1 F2 F4 F8 F16 F32 F64 F128 TEST NORMAL Note: 1 0 0 010X-XXXX-X 1 0 0 0110-XXXX-X 1 0 0 100X-0XXX-X 1 0 0 100X-1XXX-X 1 0 0 101X-0000-X 1 0 0 101X-0001-X 1 0 0 101X-0010-X 1 0 0 101X-0011-X 1 0 0 101X-0100-X 1 0 0 101X-0101-X 1 0 0 101X-0110-X 1 0 0 101X-0111-X 1 0 0 1110-0000-X 1 0 0 1110-0011-X
X : Dont care A7~A0 : RAM address D3~D0 : RAM data D/C : Data/Command mode Def. : Power on reset default All the bold forms, namely 1 1 0, 1 0 1, and 1 0 0, are mode commands. Of these, 1 0 0 indicates the command mode ID. If successive commands have been issued, the command mode ID except for the first command will be omitted. The source of the tone frequency and of the time base or WDT clock frequency can be derived from an on-chip 32kHz RC oscillator, a 32.768kHz crystal oscillator, or an external 32kHz clock. Calculation of the frequency is based on the system frequency sources as stated above. It is recommended that the host controller should initialize the HT1626 after power on reset, for power on reset may fail, which in turn leads to the malfunctioning of the HT1626.
Rev. 1.10
13
September 11, 2002
HT1626
Package Information
100-pin QFP (1420) outline dimensions
C D 80 51 G H
I 81 50
. A B
E
100
31 K 1 30 = J
Symbol A B C D E F G H I J K a
Dimensions in mm Min. 18.50 13.90 24.50 19.90 3/4 3/4 2.50 3/4 3/4 1 0.10 0 Nom. 3/4 3/4 3/4 3/4 0.65 0.30 3/4 3/4 0.10 3/4 3/4 3/4 Max. 19.20 14.10 25.20 20.10 3/4 3/4 3.10 3.40 3/4 1.40 0.20 7
Rev. 1.10
14
September 11, 2002
HT1626
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 5/F, Unit A, Productivity Building, Cross of Science M 3rd Road and Gaoxin M 2nd Road, Science Park, Nanshan District, Shenzhen, China 518057 Tel: 0755-8616-9908, 8616-9308 Fax: 0755-8616-9533 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holtek Semiconductor Inc. (Chengdu Sales Office) 709, Building 3, Champagne Plaza, No.97 Dongda Street, Chengdu, Sichuan, China 610016 Tel: 028-6653-6590 Fax: 028-6653-6591 Holmate Semiconductor, Inc. (North America Sales Office) 46729 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com Copyright O 2002 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.10
15
September 11, 2002


▲Up To Search▲   

 
Price & Availability of HT1626

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X