Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download HMC557LC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Typical Applications
The HMC557LC4 is ideal for: * WiMAX & Fixed Wireless * Point-to-Point Radios * Point-to-Mulit-Point Radios
Features
Passive Double Balanced Topology Wide IF Bandwidth: DC - 3 GHz High LO/RF Isolation: 48 dB Low Conversion Loss: 7 dB 24 Lead Ceramic 4x4mm SMT Package: 16mm2
8
MIXERS - SMT
* Test Equipment & Sensors * Military End-Use
Functional Diagram
General Description
The HMC557LC4 is a general purpose double balanced mixer in a leadless RoHS compliant SMT package that can be used as an upconverter or downconverter between 2.5 and 7 GHz. This mixer is fabricated in a GaAs MESFET process, and requires no external components or matching circuitry. The HMC557LC4 provides excellent LO to RF and LO to IF isolation due to optimized balun structures and operates with LO drive levels as low as +9 dBm. The RoHS compliant HMC557LC4 eliminates the need for wire bonding, and is compatible with high volume surface mount manufacturing techniques.
Electrical Specifi cations, TA = +25 C, IF= 100 MHz, LO= +15 dBm*
Parameter Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation RF to IF Isolation IP3 (Input) IP2 (Input) 1 dB Gain Compression (Input) 40 26 12 Min. Typ. 2.5 - 5.0 DC - 3 7 7 48 32 18 17 50 10 9.5 9.5 40 25 20 Max. Min. Typ. 5.0 - 7.0 DC - 3 8.5 8.5 48 30 25 22 50 13 10.5 10.5 Max. Units GHz GHz dB dB dB dB dB dBm dBm dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
8 - 352
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Conversion Gain vs. Temperature @ LO = +15 dBm
0
Isolation @ LO = +15 dBm
0 -10
RF/IF LO/RF LO/IF
CONVERSION GAIN (dB)
-5 ISOLATION (dB) -20 -30 -40 -50 -60 2 3 4 5 6 7 8 9 2 3 4 5 6
-10
-15
+25C +85C -40C
8
7 8 9 FREQUENCY (GHz)
-20 FREQUENCY (GHz)
Conversion Gain vs. LO Drive
0
Return Loss @ LO = +15 dBm
0 -5
CONVERSION GAIN (dB)
RETURN LOSS (dB)
-5
-10 -15 -20 -25 -30 -35
RF LO
-10
-15
+9 dBm +12 dBm +15 dBm +17 dBm
-20 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
2
3
4
5
6
7
8
9
FREQUENCY (GHz)
IF Bandwidth @ LO = +15 dBm
0 -5
Upconverter Performance Conversion Gain vs. LO Drive
0
CONVERSION GAIN (dB)
RESPONSE (dB)
-10 -15 -20 -25 -30 -35 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
IF Return Loss Conversion Gain
-5
-10
-15
+9 dBm +12 dBm +15 dBm +17 dBm
-20 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
8 - 353
MIXERS - SMT
HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Input IP3 vs. Temperature @ LO = +15 dBm *
30 25 20 IP3 (dBm) 15 10 5 0 2 3 4 5 6 7 8 9 2 3 4 5 6 7 8 9 FREQUENCY (GHz) FREQUENCY (GHz)
+25C +85C -40C
Input IP3 vs. LO Drive *
30 25 20 IP3 (dBm) 15 10 5
8
MIXERS - SMT
+9 dBm +12 dBm +15 dBm +17 dBm
0
Input IP2 vs. LO Drive *
70 60 50 IP2 (dBm) 40 30 20 10 0 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
+9 dBm +12 dBm +15 dBm +17 dBm
Input IP2 vs. Temperature @ LO = +15 dBm *
70 60 50 IP2 (dBm) 40 30 20 10 0 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
+25C +85C -40C
Input P1dB vs. Temperature @ LO = +15 dBm
16
MxN Spurious Outputs
nLO mRF 0 xx 17 77 77 77 1 -1 0 57 77 77 2 28 37 69 77 77 3 25 40 56 74 77 4 52 69 77 77 77
14 P1dB (dBm)
0 1 2
12
10
+25C +85C -40C
3 4
8
RF = 5.1 GHz @ -10 dBm LO = 5 GHz @ +15 dBm All values in dBc below the IF output power level.
7 8 9
6 2 3 4 5 6 FREQUENCY (GHz)
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
8 - 354
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Absolute Maximum Ratings
RF / IF Input LO Drive Channel Temperature Continuous Pdiss (T = 85 C) (derate 5.2 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +25 dBm +25 dBm 150 C 339 mW 192 C/W -65 to +150 C -40 to +85 C
8
MIXERS - SMT
8 - 355
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: ALUMINA. 2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL. 3. DIMENSIONS ARE IN INCHES (MILLIMETERS). 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 5. CHARACTERS TO BE HELVETICA MEDIUM, .025 HIGH, BLACK INK, OR LASER MARK LOCATED APPROX. AS SHOWN. 6. PACKAGE WARP SHALL NOT EXCEED 0.05MM DATUM - C - 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 8. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Pin Descriptions
Pin Number 1, 5 - 7, 11 - 14, 18 - 24 Function Description No connection required. These pins may be connected to RF/DC ground without affecting performance. Interface Schematic
N/C
8
MIXERS - SMT
2, 4, 8, 10, 15, 17
GND
Package bottom must also be connected to RF/DC ground.
3
LO
This pin is AC coupled and matched to 50 Ohms.
9
IF
This pin is DC coupled. For applications not requiring operation to DC, this port should be DC blocked externally using a series capacitor whose value has been chosen to pass the necessary IF frequency range. For operation to DC, this pin must not source or sink more than 2 mA of current or part non-function and possible part failure will result.
16
RF
This pin is AC coupled and matched to 50 Ohms.
8 - 356
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC557LC4
v00.0907
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
Evaluation PCB
8
MIXERS - SMT
List of Materials for Evaluation PCB 118704 [1]
Item J1 - J2 J3 U1 PCB [2] Description SRI SMA Connector Johnson SMA Connector HMC557LC4 Mixer 118703 Evaluation PCB [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in this application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
8 - 357


▲Up To Search▲   

 
Price & Availability of HMC557LC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X