Part Number Hot Search : 
2SK38 071973 SLA5007 F348ML SDR608 57737 80C31N C256F
Product Description
Full Text Search
 

To Download HMC-C048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
1
AMPLIFIERS
Features
Low Noise Figure: 1.4 dB @ 6 GHz High Gain: 24 dB Output IP3: +25 dBm P1dB Output Power: +14.8 dBm
Typical Applications ypical
The HMC-C048 LNA is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military & Space * Test Instrumentation
50 Ohm Matched & DC Blocked RF I/Os Hermetically Sealed Module Field Replaceable SMA Connectors -55 to +85C Operating Temperature
General Description
The HMC-C048 is a GaAs MMIC PHEMT Low Noise Amplifier in a miniature, hermetic module which operates between 5 and 9 GHz. This high dynamic range low noise amplifier module provides 24 dB of gain and up to +25 dBm of output IP3 while operating from a single positive supply between +8V and +16V. The amplifier I/Os are internally matched to 50 Ohms and DC blocked for robust performance. The module features removable coaxial connectors which can be detached to allow direct connection of the I/O pins to a microstrip or coplanar circuit.
Functional Diagram
Electrical Specifi cations, TA = +25 C, Vdc = +12V
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current 12 20 Min. Typ. 5-9 24 0.015 1.4 14 18 14.8 16.7 25 105 140 2 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
1 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
Broadband Gain & Return Loss
30 25 20 15 RESPONSE (dB) 5 0 -5 -10 -15 -20 -25 -30 2 3 4 5 6 7 8 9 10 11 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
30 28 26 GAIN (dB) 24 22 20 18 16 14 12 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -55C
1
AMPLIFIERS
+25C +85C -55C
10
Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 -35 -40 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -55C
Output Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
0 -10
Noise Figure vs. Temperature
5
+25C +85C -55C
4 ISOLATION (dB) -30 -40 -50 -60 1 -70 -80 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz) 0 4 4.5 5 5.5 6 6.5 7
+25C +85C -55C
NOISE FIGURE (dB)
-20
3
2
7.5
8
8.5
9
9.5
10
FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 119
HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
1
AMPLIFIERS
Output P1dB vs. Temperature
20 18 16 14 P1dB (dBm) 12 10 8 6 4 2 0 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -55C
Psat vs. Temperature
20 18 16 14 Psat (dBm) 12 10 8 6 4 2 0 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -55C
Output IP3 vs. Temperature
30 28 26 24 IP3 (dBm) 22 20 18 16 14 12 10 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 FREQUENCY (GHz)
+25C +85C -55C
Absolute Maximum Ratings
Bias Supply Voltage (Vdc) RF Input Power (RFIN) Storage Temperature Operating Temperature +16 Vdc +0 dBm -65 to +150 C -55 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
1 - 120
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
Pin Descriptions
Pin Number Function Description Interface Schematic
1
RF input connector, coaxial female, field replaceable. This pin is AC coupled and matched to 50 Ohms.
1
RFIN & RF Ground
2, 5, 6
GND
One of these pins must be connected to power supply ground.
3
Vdc
Power supply voltage for the amplifier.
4
RFOUT & RF Ground
RF output connector, coaxial female, field replaceable. This pin is AC coupled and matched to 50 Ohms.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 121
AMPLIFIERS
HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
1
AMPLIFIERS
Outline Drawing
Package Information
Package Type Package Weight [1] C-10 18.7 gms [2] 3.3 gms [2]
Spacer Weight [1] Includes the connectors [2] 1 gms Tolerance
NOTES: 1. PACKAGE, LEADS, COVER MATERIAL: KOVARTM 2. SPACER MATERIAL: NICKEL PLATED ALUMINUM 3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 75 MICROINCHES MIN. 4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES .010 [0.25] UNLESS OTHERWISE SPECIFIED. 6. FIELD REPLACEABLE SMA CONNECTORS. TENSOLITE 5602-5CCSF OR EQUIVALENT.
1 - 122
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C048
v00.1007
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
Notes:
1
AMPLIFIERS
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 123


▲Up To Search▲   

 
Price & Availability of HMC-C048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X