Part Number Hot Search : 
4GIFD BX6118 1N4753 1N4753 34604 9150B Z5233B L200C
Product Description
Full Text Search
 

To Download HER601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER601G THRU HER608G
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low forward voltage drop * High current capability * High reliability * Low power loss, high effciency * Glass passivated junction * High speed switching * Low leakage
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
P-6
0.360(9.1) 0.340(8.6) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : P-6 molded plastic body * Epoxy : UL94V-0 rate flame retardant * Lead : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.074 ounce, 2.1 gram
0.360(9.1) 0.340(8.6)
0.052(1.3) 0.048(1.2) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length @ at TA=55E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 2.0A Maximum DC reverse current at rated DC blocking voltage TA=25E Maximum DC reverse current at rated DC blocking voltage TA=100E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
HER HER HER HER HER HER 601G 602G 603G 604G 605G 606G
50 35 50 100 70 100 200 140 200 300 210 300 6.0 200.0 1.0 1.3 10.0 400 280 400 600 420 600
HER HER 607G 608G
800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps
1.7
Volts
iA 200
Trr CJ TJ TSTG
50 100 -65 to +125 -65 to +150
75 65
ns pF E
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES HER601G THRU HER608G
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NON INDUCTIVE 10W NON INDUCTIVE
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Trr
+0.5A
AVERAGE FORWARD CURRENT(A)
6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( E )
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm) LEAD LENGTH
(+) 50Vdc (APPROX) ( )
D.U.T.
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1)
0 -0.25A
1W NON INDUCTIVE
NOTES :1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance = 50 ohms
-1.0A
1cm
SET TIME BASE FOR 20/30 ns/cm
FIG.3-TYPICAL FORWARD CHARACTERISTICS
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT (mA)
INSTANTANEOUS FORWARD CURRENT(AMPERES)
TA=125E
-HE R6
01G
G -H ER 6
06 G
10
04G
100
HE R6 05
HE R6
HE R
60 8
G
HE R
1
60 7
G-
10
1.0
TA=25E
0.1
TA=25E PULSE WIDTH=300mS 1% DUTY CYCLE
0.1 1.6 1.8
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175
FIG6-TYPICAL JUNCTION CAPACITANCE
175 JUNCTION CAPACITANCE(pF)
150 PEAK FORWARD SURGE CURRENT(AMPERES) 125 100 75 50 25 0 1 5
TA=25E 8.3m SINGLE HALF SINE WAVE (JEDEC Method)
150 125
HER601G-HER606G
100 75 50 25 0 0.1 0.5 1 2 5 10 20 50 100 200 1000 REVERSE VOLTAGE. (V)
HER607G-HER608G
TJ=25E
10
50
100
NUMBER OF CYCLES AT 60Hz


▲Up To Search▲   

 
Price & Availability of HER601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X