Part Number Hot Search : 
LM246 2N120 D31AD E075WB SR510 CFAST F2015ERW C358C
Product Description
Full Text Search
 

To Download HER601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER601 THRU HER608
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low forward voltage drop * High current capability * High reliability * Low power loss, high effciency * High surge current capability * High speed switching * Low leakage
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
P-6
0.360(9.1) 0.340(8.6) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : P-6 molded plastic body * Epoxy : UL94V-0 rate flame retardant * Lead : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.074 ounce, 2.1 gram
0.360(9.1) 0.340(8.6)
0.052(1.3) 0.048(1.2) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length @ at TA=55E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 2.0A Maximum DC reverse current at rated DC blocking voltage TA=25E Maximum DC reverse current at rated DC blocking voltage TA=100E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
HER 601
50 35 50
HER 602
100 70 100
HER 603
200 140 200
HER 604
300 210 300
HER 605
400 280 400 6.0
HER 606
600 420 600
HER 607
800 560 800
HER 608
1000 700 1000
Units
Volts Volts Volts Amps Amps
200.0 1.0 1.3 10.0 1.7
Volts
iA 200
Trr CJ TJ TSTG
50 100 -65 to +125 -65 to +150
75 65
ns pF E
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES HER601 THRU HER608
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NON INDUCTIVE 10W NON INDUCTIVE
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Trr
+0.5A
AVERAGE FORWARD CURRENT(A)
6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE ( E )
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm) LEAD LENGTH
(+) 25Vdc (APPROX) ( )
D.U.T.
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1)
0 -0.25A
1W NON INDUCTIVE
NOTES : 1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance = 50 ohms
-1.0A
1cm
SET TIME BASE FOR 20/30 ns/cm
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT(AMPERES) 100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT (mA)
TA=100E
10
60 4 R6 01 H
HE R6 05 H ER 60 6
100
ER
8
HE
HE R6
1
07
-H ER
10
TA=25E
60
1.0
0.1
TA=25E PULSE WIDTH=300mS 1% DUTY CYCLE
0.1 1.8
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
350 300 PEAK FORWARD SURGE CURRENT(AMPERES) 250 200 150 100 50 0 1 5 10 NUMBER OF CYCLES AT 60Hz 50 100
FIG6-TYPICAL JUNCTION CAPACITANCE
175 JUNCTION CAPACITANCE(pF)
TA=25E 8.3m SINGLE HALF SINE WAVE (JEDEC Method)
150 125 100 75 50 25 0 0.1 0.5 1 2 5 10 20 50 100 200 1000 REVERSE VOLTAGE. (V)
HER607-HER608 HER601-HER606
TJ=25E


▲Up To Search▲   

 
Price & Availability of HER601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X