Part Number Hot Search : 
STD9N10L TFB4014 LC72130 DS1385 24C08 RF310 3SMC40CA G6201
Product Description
Full Text Search
 

To Download HER305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
Mechanical Dimensions
D027A
.374 1.00 Typ.
HER301 . . . 305 Series
Description
.197
.050
Features
n LOW COST n LOW LEAKAGE n HIGH SURGE CAPABILITY n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Forward Voltage @ 3.0A...VF DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Junction Capacitance...CJ Typical Thermal Resistance...RJC (Note 1) Typical Reverse Recovery Time...tRR (Note 2) Operating & Storage Temperature Range...TJ, TSTRG TA = 25C TA = 100C
HER301 . . . 305 Series HER301 50 35 50 HER302 100 70 100 HER303 200 140 200 HER304 300 210 300 HER305 400 280 400
Units
Volts Volts Volts Amps Amps Volts
............................................. 3.0 ............................................... ............................................. 150 ............................................... ............................................. 1.0 ...............................................
............................................. 10 ............................................... Amps ............................................. 200 ............................................... Amps ............................................. 80 ............................................... ............................................. 1.0 ............................................... ............................................. 50 ............................................... ......................................... -65 to 150 .......................................... pF C / W nS C
Page 4-26
Data Sheet
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
Non-Repetitive Peak Forward Surge Current
Forward Current Derating Curve 6
4 Amps Amps
2
0
25 50 75 100 125 150 175 TA = Ambient Temperature (C) Typical Reverse Characteristics
Number of Cycles @ 60 HZ Typical Junction Capacitance
TJ= 150C
mAmps
TJ= 100C TJ = 25C
pF
TJ = 25C
Percent of Rated Peak Voltage Typical Instantaneous Forward Characteristics
Pulse Width = 300 s % Duty Cycle
Reverse Voltage (Volts)
Reverse Recovery Characteristics
Non-Inductive (+) (-) 50 25 VDC D.U.T 10 1 NonInductive (-)
Pulse Generator Note 2
TJ = 25C
+.5A 0A -.25A -1.0A
tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. 1 cm Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Amps
Oscilliscope (+) Note 1
Notes: 1. Rise Time = 7 nS Max. Impedance = 1 megohm, 22 pF 2. Rise Time = 10 nS Max. Source Impedance = 50 Ohms
Time Base Set @ 50/100nS/cm
Volts
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Conditions: IF = 0.5A, I R = 1.0A, I RR = 0.25A.
Page 4-27
HER301 . . . 305 Series


▲Up To Search▲   

 
Price & Availability of HER305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X