Part Number Hot Search : 
100GA DTB3C 10U100 I2000RW MIC25 35ACP 28000 XFHCL
Product Description
Full Text Search
 

To Download GEMBR2070CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISSUED DATE :2005/08/01 REVISED DATE :2006/12/21C
G EM B R 2 0 7 0 CT ~ 2 0 1 50 C T
SCHOTTKY BARRIER RECTIFIERS R E V E R S E V O L T A G E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A The GEMBR2070CT~20150CT are designed for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.
Description
Features & Guard ring for transient protection
&Low power loss, high efficiency &High current capability, low VF
&High surge capacity
Package Dimensions
REF. A b c D E L4 L5
Millimeter Min. Max. 4.40 4.80 0.76 1.00 0.36 0.50 8.60 9.00 9.80 10.4 14.7 15.3 6.20 6.60
REF. c1 b1 L e L1 O A1
Millimeter Min. Max. 1.25 1.45 1.17 1.47 13.25 14.25 2.54 REF. 2.60 2.89 3.71 3.96 2.60 2.80
Maximum Ratings and Electrical Characteristics at Ta=25 :
Parameters Max. Recurrent Peak Reverse Voltage Max. RMS Voltage Max. DC Blocking Voltage Max. Average Forward @TC=120 : Rectified Current (See Fig.1) Peak Surge Forward Current
8.3ms single half sine-wave superimposed on rated load (JEDEC METHOD)
unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Symbol
GEMBR 2070CT GEMBR 2080CT
Ratings
GEMBR 2090CT GEMBR 2100CT GEMBR 2150CT
Unit V V V V A A V/us 0.75 0.92 0.86 1.00 V mA : /W : : 100 70 100 150 135 150
VRRM VRMS VDC I(AV) IFSM dv/dt VF IR R JC Tj Tstg
70 49 70
80 56 80
90 63 90 20 150 10000 0.75 0.85 0.85 0.95 0.1 100 2.0 -55 ~ +150 -55 ~ +175
Voltage Rate of Charge (Rated VR) IF=10A @TJ=125 : Max. Forward IF=10A @TJ=25 : IF=20A @TJ=125 : Voltage (Note 1) IF=20A @TJ=25 : Max. DC Reverse Current @TJ=25 : At Rated DC Blocking Voltage @TJ=125 : Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Notes: 1. 300us Pulse Width, 2% Duty Cycle. 2. Thermal Resistance Junction to Case.
1/2
ISSUED DATE :2005/08/01 REVISED DATE :2006/12/21C
Characteristics Curve
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
2/2


▲Up To Search▲   

 
Price & Availability of GEMBR2070CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X