Part Number Hot Search : 
BZQ55C22 MAX920 CS3524A FN2856 300CA 4731BXDC 2MR30 SB130
Product Description
Full Text Search
 

To Download FDR20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
Mechanical Dimensions
FDR20/3001 . . . 20/3004 Series
Description
Features
n LOW COST n HIGH SURGE CAPABILITY n DIFFUSED JUNCTION n LOW LEAKAGE CURRENT n HIGH TEMPERATURE CAPABILITY n MEETS UL SPECIFICATION 94V-0
FDR20/3001 . . . 20/3004 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C (Note 3) Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 80A...VF Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR Page 2-2 25C 150C FDR20/3001 100 70 100 FDR20/3002 200 140 200 FDR20/3003 300 210 300 FDR20/3004 400 280 400
Units
Volts Volts Volts Amps Amps C Volts
............................................. 25/35 .............................................. ............................................. 400/500 ................................................ ......................................... -65 to 175 .......................................... ............................................. 1.15 ...............................................
............................................. 2.0 ............................................... Amps ............................................. 250 ............................................... Amps < ............... 200 ............. > < .............. 300 ............... > pF C / W s
............................................. 0.8 ............................................... ............................................. 3.0 ...............................................
Data Sheet
20 & 30 Amp AUTOMOTIVE DISH RECTIFIERS
Typical Junction Capacitance
Junction Capacitance (pF)
1000 500 200 100 50
10 .1
100 10 1 Reverse Voltage (V) F = 1 MHz VSIG = 50 Vpp TJ = 25C Forward Current Derating Curve Average Forward Current (A) 60 50 40 30 20 10 0
10 5 Single Phase 1/2 Wave Res. or Ind. Load
Peak Forward Surge Current (A)
1000 500 200 100 50
Non-Repetitive Peak Forward Surge Current
TJ = 25C TJ = 150C
20
10 .1
Capacitive Load IPK/AV = 5, 10 & 20
1 10 Number of Cycles @ 60 Hz
100
25
5 0 7 5 100 125 150 175 Lead Temperature (C)
Typical Reverse Characteristics 10 Reverse Current (A) 1
TJ = 100C
Typical Instantaneous Forward Characteristics 1000 100 10 1 .1
TJ = 150C PW = 300 s Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
.1
.01
TJ = 25C
.001
40
80
120
Percent of Rated Peak Voltage
Forward Current (A)
.6 .9 1.1 1.4 1.7 2.0 2.3 2.6
Forward Voltage (V)
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
Page 2-3
FDR20/3001 . . . 20/3004 Series


▲Up To Search▲   

 
Price & Availability of FDR20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X