Part Number Hot Search : 
2N4240 2000A 2N3767 SMCG24 2MUV0 1206B 2CL82 2000A
Product Description
Full Text Search
 

To Download FDC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 10 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding Standard Pinouts
Unit measures 1"W x 2"L x 0.375"H
FDC10
series
Model Number
SINGLE OUTPUT FDC10-12S33 FDC10-24S33 FDC10-48S33 FDC10-12S05 FDC10-24S05 FDC10-48S05 FDC10-12S12 FDC10-24S12 FDC10-48S12 FDC10-12S15 FDC10-24S15 FDC10-48S15 DUAL OUTPUT FDC10-12D05 FDC10-24D05 FDC10-48D05 FDC10-12D12 FDC10-24D12 FDC10-48D12 FDC10-12D15 FDC10-24D15 FDC10-48D15
Output Voltage
Output Amps
Input Range
3.3 VDC
5 VDC
12 VDC
15 VDC
2 2 2 2 2 2 0.83 0.83 0.83 0.67 0.67 0.67 +/-1 +/-1 +/-1 +/-0.416 +/-0.416 +/-0.416 +/-0.333 +/-0.333 +/-0.333
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC
+/-5 VDC
+/-12 VDC
+/-15 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 10 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Pi Type 9-18 VDC 18-36 VDC 36-72 VDC
FDC10
1600VDC 1000 pF 10000 M Ohms 80%, typ 300Khz
series
GENERAL SPECIFICATIONS
Input-Out Isolation In/Out Capacitance Isolation Resistance Efficiency Switching Frequency
Input Filter
OUTPUT SPECIFICATIONS ENVIRONMENTAL SPECIFICATIONS
Voltage and Current See Selection Chart Load Regulation singles: +/-1% 10% - FL duals: +/-2% Line Regulation +/-1% Temperature Coefficient +/-0.02%/DegC Ripple/Noise(Single/Dual) (50 / 75) mV Pk-Pk, typ Voltage Stability +/- 2% Voltage Balance, Dual +/-1% Transient Response Recovery 25% Load Step Change 500 microSeconds Short Circuit Protection Continuous, self-recovering Overvoltage Protection Threshold: 3.3V Output 3.9Volts 5V Output 6.2Volts 12V Output 15Volts 15V Output 18Volts Oper. Temperature Storage Temperature Maximum Case Temp MTBF -25 to +71 DegC(FL) -55 to +125 DegC * 110 DegC * 1.97 MHrs MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Nickel-Coated Copper Non-Conductive Base Fully Encapsulated 1.1 oz, (30g)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 10 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS
1.00(25.4) 0.50 (12.7)
DIA. 0.04(1.0)
FDC10
series
OUTPUT DERATING CURVE
0.40 (10.2)
0.40 (10.2)
0.40 (10.2)
OUTPUT POWER (%)
FDC10-48S05 Derating Curve
100 75 50 25 0 -40 -25 -10 0
50 60 70 80 90 100
Nature convection
2.00(50.8)
Bottom View
0.80(20.3)
3
4 12
5
AMBIENT TEMPERATURE (C)
0.10(2.5) 0.20(5.1)
0.60(15.2)
0.22(5.6)
1. All dimensions in Inches (mm) Tolerance x.xx0.02(x.x0.5) 2. Pin Pitch tolerance 0.014(0.35)
Pin #
1 2 3 4 5
Single Outputs Dual Outputs
+ Input - Input + Output No Pin - Output + Input - Input + Output Common - Output
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of FDC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X