PreliminaryDLBM-CH120 DLBM-CH120 Bluetooth TM Module Class 2 A Class 2 Bluetooth module suitable for cellular phone, smart phone applications. TM 1.FEATURES: l l l l Support DUN, SPP, AG & FAX profiles. Minimal software effort to own Bluetooth functions. Almost no resource required from host CPU. Reducing the size and thickness greatly by using high-density packaging technology. l Compliant to various interfaces: UART, USB, PCM ...etc. l Wide operating temperature range: -30~+80. 2.Device diagram BC3-Handphone Figure 1. DLBM-CH120 Block Diagram Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 3.General Specification Bluetooth TM Specification Frequency Modulation Transmission rate Receive sensitivity Maximum output power Operating Voltage Operating temperature Antenna Impedance Package size Operating range Current consumption (TX) Current consumption (Standby) Version 1.1 2402~2480MHz FHSS/GFSK 721kbps -79 dBm +4dBm(Class 2) 2.7~3.6V -30~+80 50 ohm 9.1*7.9*1.6mm < 10 meters < 35mA < 2mA 4.Rating Min Storage Temperature VDD_1.8V VDD_IO VREG_IN Data Sheet -40 -0.4 -0.4 -0.4 Max +85 +1.9 +3.6 +3.6 Unit V V V April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 5.Interface Interface Antenna UART Interface SPI Interface PIO Interface Description External Antenna 50 ohm TX,RX,RTS,CTS(9600bps~1.5Mbps) Synchronous Serial Interface for firmware download 9 terminals 6.Power Supply Diagram ANT BPF Balun BC3-ROM VDD_IO VREG_IN X'tal Figure 2. Power Supply Diagram Terminal VDD_1.8V VDD_IO VREG_IN VDD=3.0V NC 2.7 to 3.6V 2.7 to 3.6V VDD=1.8V 1.7 to 1.9V 2.7 to 3.6V NC Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 7.RF Characteristics Operating Condition: +25, VDD=2.7V RF Characteristics 1. Frequency Range 2. Output Power 3. Sensitivity at 0.1% BER 1) 2402MHz 2) 2441MHz 3) 2480MHz 4. Maximum Input Level (BER0.1%) 5. Adjacent channel selectivity 1) C/I F=F0 + 1MHz 2) C/I F=F0 - 1MHz 3) C/I F=F0 + 2MHz 4) C/I F=F0 - 2MHz 5) C/I FF0 + 3MHz 6) C/I FF0 - 5MHz 7) C/I F=FImage 6. Adjacent channel transmit power 1) F=F0 2MHz 2) F=F0 3MHz 7. Modulation Characteristics 1) Modulation f1avg 2) Modulation f2max 8. Initial Carrier Frequency Tolerance 1) 2402MHz 2) 2441MHz 3) 2480MHz Min. Typ. Max. Unit MHz dBm dBm dBm dBm dBm 2400 ~ 2483.5 0 4 -82 -82 -82 3 -4 -4 -35 -21 -45 -45 -18 -35 -55 -9 0 0 -30 -20 dB dB dB dB dB dB dB dBc dBc 165 155 -75 -75 -75 -3 -7 -14 75 75 75 kHz kHz kHz kHz kHz Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 9. Carrier Frequency Drift 1) 1slot 2) 5slot 4) Drift rate 10. 20dB Bandwidth for modulated carrier 1) 2402MHz 2) 2441MHz 3) 2480MHz 11.C/I co - channel 9 10 8 879 816 819 9 kHz kHz KHz/50us KHz KHz KHz dB Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 8.Application circuitDLBM-CH120 Figure 4. 2.7~3.6V Supply ***Important: The circuit is offered without warranty and Delta is unable to accept any liability for direct or consequential loss associated with their use. It is therefore important for designers to ensure that their Bluetooth handphone design is properly evaluated in a Design Verification Test. The results of the Design Verification Test should be used to assess the suitability of the handphone for manufacture.*** Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 9. PIO Setting PIO Assignment Function (* = re-assignable via PSKEY_USR_17) PIO[0] AUDIO_SEL* Audio service indicator output to host (or to hardware select features): configurable for each profile PIO[1] DISCONNECT_CON* Service disconnect input (disconnects an RFCOMM connection PIO[2] CLOCK_REQ PIO[3] CLOCK_REF when using data profiles, as a UART parser is not available) Output request signal, asserted when BlueCore2/3 requires an external clock source to be enabled. *Assign to LED. Input which logically OR's with the CLOCK_REQ line, to allow an external device to request the system clock through BlueCore-Handphone PIO[4] PWR_UP* PIO[5] DATA_SEL* PIO[11] CLOCK_SEL2 Host communications wake up signal output (indicates imminent UART communications to the host) Data service indicator output to host (or to hardware select features): configurable for each profile Determines clock frequency (13, 16, 19.2 or 26 MHz, via combination of pullups with CLOCK_SEL1) Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 10. Basic Embedded Architecture MMI Profiles Audio Gateway Dial-up Networking Serial Port FAX AT interpreter AT interpreter UART AT Commands UART Digital Audio PCM Digital Audio HOSTDLBM-CH120 BTM Figure 5. Embedded Architecture Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 11.Hardware connection l l DLBM-CH120 requires the following hardware connections: Serial communications port with or without hardware flow control. PCM interface for audio gateway profile. 12. Mobile Phone Host requirements The DLBM-CH120 is designed to connect to the existing audio and data connections which or almost always made available on any mobile phone. This removes the need for any baseband software modifications on the part of the host controller since these connections already exist. The mobile phone designer need simply design a Bluetooth Man-Machine interface in order to do the following functions: l Bluetooth Neighborhood inquiry l Select, enter PIN and pair with a remote device l Show the status of a currently connected Bluetooth service. l Limited control of the Bluetooth link i.e. SCO creation (automatic option also available), in-band / out-of band ring determination etc. Since all the profiles are handles on DLBM-CH120 and a simple AT command set is utilized, there is minimal effort and time to market for the mobile phone company. 13. Software architecture 13.1 Initialization and start-up When DLBM-CH120 is initially turned on, the DLBM-CH120 firmware will request configurations data from the host using the +CCFG command. The host will download the PSKEYS, Bluetooth address and friendly name at this point and when it has finished configuring the device, will initiate a warm reset via the BCCMD interface. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 RESET ATEO No "OK" Received? Yes Request configuration from host (+CCFG) Delay 1s Host sets up supported profiles list, Bluetooth address, friendly name and other required PSKEYS Host initiates warm reset via BCCMD Figure 6. Software Architecture Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.2 Setting PSKeys Setting the PSKEYS consist of three elements in the AT+SETPS command. These elements are: l The Pskey address which is a four digit word formatted in ASCII that represents the address of the key to be set. Therefore, to change the contents of address 0x0108, this field will be set to "0108". l The data string which is made up of multiples of four digit words. These word will be filled in the respective PSKey address's data field. E.g. "000112349876" will enter the word 0001 1234 9876 into the selected PSKEY. l The store type. Typically this should be set to 8 to select the Ram are of PSKEYS. An example of setting the PSKEYS is to set the crystal frequency trim :AT+SETPS=01f6,001d,0008. To set a string value such as the friendly name, the host must prefix the data field with `s' i.e. AT+SETPS =0108,sHandphone,0008. This will change the friendly name to "Handphone" To read a PSKEY, the host must use the AT+GETPS command e.g. AT+GETPS=01f6 will return the crystal frequency trim value. To initiate a warm reset, the host must use the BCCMD protocol using the varid 0x4002 e.g. AT+BCCMD=4002,0002,0000. One of the field that must be set is the supported profiles list or PSKey address 0x028d Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.3 Supported profiles list (0x028d) During the configuration process, the host must set up the supported profile list in PSKEY_USR_3 as follows: Bit 7 Reserved Bit 6 Bit 5 Bit 4 Fax Bit 3 Handsfree Bit 2 DUN Bit 1 SPP Bit 0 Headset Reserved Reserved Setting the respective bit will cause this profile to be registered after the warm reset. Phone Event +CCFG AT+SETPS=0001,,0008 OKDLBM-CH120 Event Start Initialization Set Bluetooth address Set Bluetooth address Set friendly name AT+SETPS=0108,s,0008 Set friendly name OK Set other required PSKEYS AT+SETPS=,,0008 OK Initiate warm reset AT+BCCMD=4002,0002,0000DLBM-CH120 reset with new values in RAM Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.4 Device Registration process Once the configuration process has completed, and the warm reset has been initiated, the host must register the trusted devices with the firmware. The host can register devices at any time after the DLBM-CH120 as sent the +CRREG request command. Once the device registration command has been sent from the host, the host must wait for the OK response from the DLBM-CH120 before registering the next device. Phone Event +CRREG AT+CREG=, OKDLBM-CH120 Event Initialization completed Retrieve first trusted device Register bd_addr[0] with link key[0] Retrieve trusted device n AT+CREG=, OK Register bd_addr[n] with link key[n] Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.5 Pairing Process The sequence to pair the DLBM-CH120 with external remote devices is done as follows: Mobile Phone Host Search BT Neighborhood UA RT AT+CIQR = (1, 2),(1-8) OK +CINQRES = name 1 , bd_addr 1DLBM-CH120 Start Inquiry Comments 1- Audio Devices 2- All Devices 1-8 - no of returns Inquiry Result indication Receive responses Devices Found Name 1 Name 2 Name 5 +CINQRES = name n , bd_addr n AT+CPRR = bd_addr 2 +CINQRES = name 2 , bd_addr 2 Select a device e.g name 2 Name 2 PIN : **** Starts Paring process OK +CPINREQ = bd_addr 2 with bd_addr 2 Ask for PIN from host Remote device request a PIN code User enters the PIN code 1234 Name 2 Name 2 paired successfully AT+CPCR = bd_addr 2, 1234DLBM-CH120 sends the PIN code to the remote device +CPINCFM = (0 - 4), DLBM-CH120 sends the result of the paring process to the host If PIN is correct pairing successful otherwise failure Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 A "+CINQCFM= message will be sent to the host indicating why an inquiry is finished. This may be due to inquiry cancellation (e.g. when the user selects a device in the middle of an inquiry), Inquiry complete when the inquiry timer has expired, or maximum number of responses has been received. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.6 Incoming call is received (out-of-band ring used) Mobile Phone Host Connect request to headset Bluetooth connection established Headset Profile +CPROFILE = 1 Headset plays ring sequence User answers call UA RTDLBM-CH120 Comments Handphone will attempt a connection AT+CCMR= , 1,1 Connect request with device bd_addr RFComm connection established +CRFCSTAT=bd_addr,0 Incoming Call Call answered RING +CKPD=200 Send Ring command DLBM-CH120 can answer automatically (PSKEY_USR11 : 8) If +CKPD = 200 then ask for SCO AT+CASR=0DLBM-CH120 establishes a HV3 SCO connection Audio path open +CSCOSTAT=0DLBM-CH120 indicates SCO Call Disconnected +CKPD=200DLBM-CH120 receives AT+CKPD = 200 command User disconnects call Phone indicates call disconnection NO CARRIER +CSCOSTAT=3DLBM-CH120 removes SCO connection Audio lost Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 Phone disconnects RFComm connection Phone Disconnected +CRFCSTAT=bd_addr,3 AT+CRDRDLBM-CH120 removes RFComm link lost RFC connection Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.7 Incoming call is received (in-band ring used) Mobile Phone Host Incoming Call UA RT AT +CCMR=bd_addr,1,1DLBM-CH120 Connect request with bd_addr CommentsDLBM-CH120 will attempt a connection unless a service level connection already exists Bluetooth connection established Headset profile Incoming Call +CRFCSTAT=bd_addr,0 RFComm connection established +CPROFILE=1 RING DLBM-CH120 opens audio path DLBM-CH120 indicates SCO status DLBM-CH120 indicates button press User answers call Audio path open Headset plays in band ring tone from phone +CSCOSTAT=0 Call answered +CKPD=200 Call Disconnected +CKPD=200DLBM-CH120 receives AT+CKPD = 200 command User disconnects call Phone indicates call disconnection NO CARRIER +CSCOSTAT=3DLBM-CH120 removes Audio lost SCO connection Bluetooth connection lost e.g. out of range +CRFCSTAT=bd_addr,3 Example of user goes out of range RFComm link lost Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.8 Data services The DLBM-CH120 supports the following data services l l l l Serial Port Profile (+CPROFILE = 2) Dial-up networking (+CPROFILE = 3) Handsfree Profile (+CPROFILE = 4) Fax (+CPROFILE = 5) The default state of the firmware is to always be in idle. Therefore to put the device into connectable mode, the host must issue the AT+CCSR command. On connection of a service from a remote devices, the firmware will indicate the status of the service level connection with +CRFCSTAT = ,0. Thereafter the service type will be indicated with +CPROFILE=. At this point, DLBM-CH120 will route all traffic passing over the RFComm layer directly to the UART and vice versa. Therefore, all "Fone Suite" applications will run over the serial port profile allowing the use of features such a sync, SMS, calendar etc over Bluetooth. Dial-up networking and fax operations will also directly route the RFComm traffic over UART, therefore all modem settings for the mobile phone will be configured on the remote device configuration settings. When a service is disconnected, DLBM-CH120 will indicate the removal of the service level connection with +CRFCSTAT=,3. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.9 SPP, DUN and Fax connections Mobile Phone Host Bluetooth connection established SPP,DUN,Fax Profile UA RT +CRFCSTAT=bd_addr,0DLBM-CH120 RFComm connection established Start 200ms timer to flush buffers Comments SPP,Dial-up or Fax service connects to DLBM-CH120 +CPROFILE=(2,3,5) Direct communications with remote device PAIR I/O momentarily pulled high to disconnect RFComm Bluetooth connection lost +CRFCSTAT=0.3 RFComm traffic routed directly to UART and vice versa RFComm Disconnect Request RFComm disconnectedDLBM-CH120 does not process any commands Remote user disconnects service UART data now available to DLBM-CH120 When the Dial-up Networking, SPP or FAX profiles are activated, DLBM-CH120 will initiate two actions: * Change the mode state hardware output according to the setting is PSKEY_USR18. It will also issue the data stored in PSKEY_USR32 (SPP service connected), PSKEY_USR33 (DUN service connected) or PSKEY_USR35 (Fax service connected) which may be required by certain mobile phones to switch modes. * Immediately create a direct link between the UART data and RFComm data. At this point, the DLBM-CH120 is not involved in any data between the two devices. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 On disconnection of the RFComm link, the mode state hardware output will change to the default mode and issue the data stored in PSKEY_USR30 To ensure that the mobile phone does indeed disconnect on the loss of an RFComm link, PSKEY_USR36 can be used to store the text string that will unconditionally disconnect the phone from the network (e.g +++ATH\r). An alternative method is to use the DATA_SEL I/O which will invert state for a period of 1s after the RFComm link has been lost. This can be used to simulate disconnection of a data service. For the list of DUN and FAX commands, refer to DUN and FAX profile specification from the Bluetooth SIG. 13.10 Changing the default states of DLBM-CH120 It is possible to change the default states to the following: * Make DLBM-CH120 idle. This is accomplished by sending the AT+CCNR command. This will cancel the last operation and switch off the BlueCore radio. * Make DLBM-CH120 discoverable. This is accomplished by sending the AT+CDIS= command to BlueCore. This will set-up a page and inquiry scan process so that the device is discoverable and connectable to other Bluetooth devices. This has the disadvantage of increasing the power consumption of DLBM-CH120 . If Use Authentication is set then the DLBM-CH120 will request a PIN on first connection to the remote device. * Make DLBM-CH120 connectable. This is accomplished by sending the AT+CCSR= command to device. This will set-up a page scan process only so that the device is only connectable to other Bluetooth devices which know it's address already. If Use Authentication is set then the firmware will request a PIN on first connection to the remote device. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 * You can restart the DLBM-CH120 software by sending a AT+CRST command. This causes the software to panic and then relies on the watchdog timer to reset the device. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.11 Using Low Power Modes with the AT command set Since the standard UART protocol does not allow for the retry of transmission when information is lost over the UART, DLBM-CH120 uses a specific set off instructions to cause the device to exit out of deep sleep. The software recognises the AT command "AT+CWUP" from the host and will respond with a " WAKEOK= DLBM-CH120 will be awake and is sent in millisecond units. Therefore the host does not have to send AT+CWUP commands during this period. To reduce latencies, it is possible to re-transmit the second AT+CWUP command within 100ms of the first AT+CWUP command since there will be a high probability that DLBM-CH120 would now be awake. Thereafter it is suggested to wait at least 5000ms between subsequent AT+CWUP commands in order for DLBM-CH120 to respond. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 Mobile Phone Host Host wishes to send a command to DLBM-CG121. It is not sure if DLBM-CH120 is able to receive UA RTDLBM-CH120 DLBM-CH120 is in deep sleep Comments Communications causes DLBM-CH120 to exit deep sleep with corrupt data in the Uart. Timer starts to keep DLBM-CH120 awake AT+CWUP DLBM-CH120 is in shallow sleep AT+CWUP DLBM-CH120 decodes Wakeup Command and starts 500mS wakeup timer DLBM-CH120 restarts 5000mS timer on each UART event DLBM-CH120 restarts 5000mS timer on each UART event No Response so resend Wakeup command WAKEOK=500ms Host can now send command within 500mS Host sends next command within the 5000mS period AT+XXXX AT+XXXX 5000mS expires. DLBM-CH120 may now enter deep sleep Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.12 Improving Execution Time It is possible to improve the execution time for known events by setting flags in PSKEY_USR11 as follows: PSKEY_USR11 (Bit Position) 0-5 6 7 8 9 10 Function Reserved Automatically connect SCO on receipt of ATA from Handsfree device Automatically disconnect SCO on receipt of AT+CHUP from Handsfree device Automatically connect SCO on receipt of AT+BVRA=1 from Handsfree device Automatically connect SCO on receipt of AT+CKPD=200 from Headset device Automatically connect SCO on receipt of +CIEV:,1 from host and Automatically disconnect SCO on receipt of +CIEV:,0 from host 13.13 Hands Free Operation In order for hands free to work correctly there must be a serial link to the GSM phone supporting the GSM07.07 generic commands for hands free operation. These include the following: l ATA l AT+CHUP l ATDdd..dd; l ATD>nnn; l AT+CCWA l +CCWA l AT+CHLD l AT+CIND=? Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 l l l l l AT+CIND? AT+CLIP +CLIP AT+CMER +CIEV The above commands are not interpreted by DLBM-CH120 and rely on the mobile phone to respond to these messages. All responses are passed directly to the hands free kit. All other operation relating to service level connection and Bluetooth operation is handled by DLBM-CH120 . In handset mode, some of these commands will be passed to the phone host for interpretation such as AT+BVRA = for voice recognition activation and AT+NREC= for noise cancellation request. 13.13.1 Bluetooth Hands Free Profile The Bluetooth Hands Free profile is a mixture of analogue and data services. On connection of a Hands Free kit to the phone, the mode state will be Audio. Therefore a phone not supporting audio and data services simultaneously will not be able to support Bluetooth Hands free operation. The majority of commands used by the Hands Free profile are based on the GSM07.07 AT command set. For all these commands, DLBM-CH120 firmware will simply act as a feed through for the commands and responses. Therefore, commands such as CMER, CIND, ATA, AT+CHUP, ATD etc are not issued by DLBM-CH120 but by the Hands Free kit. It is still possible, however, to add more functionality to the Bluetooth hands free profile by emulating some of the Bluetooth commands into a mode that the phone supports, e.g. AT+BVRA=1 would initiate a voice tag dial in a Bluetooth phone. In order to set up the supported features list to be sent with the SDP record, PSKEY_USR7 stores the Supported Features list in the same order as expected by the Hands Free Profile i.e. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 PSKEY_USR7(Bit Position) 0 1 2 3 4 Function Three way calling Echo cancellation or noise reduction (Unlikely to be supported) Voice Recognition Function (is enabled will cause DLBM-CH120 to initiate a long pulse sequence) In-Band Ring Tone. (If enabled will force an Audio SCO Connection on incoming calls) Attach phone number to tag (Not supported) 13.14 Managing the Trusted Device List Support has been included to manage the trusted device list. The commands associated with this process are as follows: Registering trusted devices stored within the host. This is done after DLBM-CH120 requests registration of these devices using +CRREG command. The host can then register the devices at any time, keeping in mind that any device not registered, attempting to connect with the Handphone would require authentication. Therefore, If a device is not a registered device, DLBM-CH120 will go through the process of requesting a PIN, and if successful, will respond with the +CLINK=, response to inform the host of the new devices' link key and address. It would be up to the host to decide whether to add this device to it's trusted device list or not. Once the device have been registered, they may be removed from DLBM-CH120 security manager by issuing the AT+CTDDEL = command. This Bluetooth address will thereafter be deleted from the registry. The management of the trusted device list is kept within the host, therefore the host may decide how many trusted devices to hold, and may change the name of the remote device name if so required. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.15 Initiating Connections It is possible for the host to initiate a connection to a device as follows: 13.15.1 Devices found during inquiry After completion of inquiry search, a list of devices will have been sent to the host using "+CINQRES=,". It is possible to connect directly to a device without pairing by issuing the command AT+CMMR=Bluetooth address,, . If authenticate is set then DLBM-CH120 will expect a pin code to be issued during the connection process therefore to establish an un-secure connection, the authenticate field must be set to 0 for unauthenticated connections. The service you wish to connect to will be put into as follows: 1 - Headset Profile 2 - Serial Port Profile 3 - Dial-up Network Profile 4 - Hands free profile 5 - Fax Profile Once connection to the remote device is established, the normal status commands will be issued by DLBM-CH120 to the host to indicate the status of the connection. Please note that one cannot use the AT command set when the DLBM-CH120 is in data mode (i.e. DUN, SPP or FAX) since the UART and RFComm links are directly connected. If the link has to be disconnected by the DLBM-CH120 , then the disconnect I/O must be used to disconnect the RFComm link. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.15.2 Connecting to devices in the trusted device list Connecting to devices in the trusted device list follows the same procedure as above, but the source will come from the hosts trusted device list. AT+CMMR=,, 13.16 Configuring PIO assignments The PIO's for DLBM-CH120 can be dynamically configured via PSKEY_USR17 as follows: PIO[0] 0001 PIO[1] PIO[2] PIO[3] PIO[4] PIO[5] PIO[6] PIO[7] PIO[8] PIO[9] PIO[10] PIO[11] 0002 0004 0008 0010 0020 0040 0080 0100 0200 0400 0800 PSKEY_USR17 consists of four words. Each word is assigned a function as follows: Word 1 (most significant word) Audio service indicator output Word 2 Service disconnect input Word3 Data service indicator output Word 4 Host communications wake up signal Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 13.17 Input / output indicators for service connections There are two indicator outputs which are used to indicate when the service DLBM-CH120 is connected to. These indicators are as set up using PSKEY_USR_18 as follows: B7 *1 B6 X B5 Fax B4 Hands Free B3 DUN B2 SPP B1 Headset B0 Default when idle or in Page Scan Note *1)Word 1 - Pulse DATA_SEL line when RFComm lost during DUN, FAX and SPP Word 2 - Use UART WAKEUP pulse PSKEY_USR_18 consists of two words, The first word sets up the state of the AUDIO_SEL I/O when in accordance with the above table bit positions. The second word sets up the DATA_SEL I/O in accordance with he above table bit positions. These I/O pins can be used to hardware select features or as indications into a host processor. If Bit 7 is set then DATA_SEL line will pulse high then low for a period of at least 20ms and then return to the original state. This can be used to wake up a host if necessary. For example PSKEY_USR18 = 0013 003c sets up I/O's as follows: AUDIO_SEL State = 0x0013 : Idle Headset SPP DUN Hands Free Fax High High Low Low High Low Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 DATA_SEL state = 0x003c Idle Headset SPP DUN Hands Free Fax Low Low High High High High Setting bit 7 (0x80) of this word will generate a minimum 20ms pulse on the PWR_UP I/O. This can be used if the phone requires a wakeup before Uart communications. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 14 List of PSKEYS PSKEY 3 Function Supported profiles Comments Bit 0 - Headset profile Bit 1 - Serial port profile Bit 2 - Dial-up networking profile Bit 3 - Handsfree profile Bit 4 - Fax profile Described earlier In 1ms increments - Time for wake-up pulse to ensure host is ready to receive data Bit 0 - Default SCO Flag (0-HV3, 1 HV1) Bit 1 - phone uses in-band ringing for headset Bit 2 - Reserved Bit 3 - Reserved Bit 4 - Reserved Bit 5 - Use 1.28s page scan interval Bit 6 - Automatic SCO creation on ATA Bit 7 - Automatic SCO disconnection on AT+CHUP Bit 8 - Automatic SCO creation on AT+BVRA=1 Bit 9 - Automatic SCO creation on AT+CKPD=200 Bit 10 - Control SCO on call status events Max interval, min interval, attempts, timeout 7 9 Hands Free Supported Features Time for host communication wakeup signal General Flags 11 14 Sniff mode parameters Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 17 PIO configuration settings Word 1 - Audio service indicator output Word 2 - Disconnect service input Word 3 - Data service indicator output Word 4 - Host wakeup signal Sent to phone when service disconnected Sent to phone when connected to Headset service Sent to phone when connected to SPP service Sent to phone when connected to DUN service Sent to phone when connected to Hands Free service Sent to phone when connected to Fax service Sent to the phone when a DUN service is disconnected Used if present, otherwise ATA is used Used if present, otherwise AT+CHUP is used Used to generate last number redial or voice tag via AT commands. 30 31 32 33 34 35 36 37 38 39 Default AT String Headset Mode AT string SPP Mode AT string DUN Mode AT string Hands Free Mode AT string Fax Mode AT string Force Modem Disconnect AT string Alternative Call Answer string Alternative Call disconnect string Alternate Call Initiate string Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 15. RECOMMENDED REFLOW PROFILE Figure 7. REFLOW PROFILE Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 16.Pin description Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Name PIO_11 PIO_9 PCM_OUT PCM_SYNC PCM_CLK PCM_IN Gnd Gnd Gnd ANT AIO_0 Gnd Gnd Gnd Vdd_1.8V VREG_IN Refer to Power supply diagram Refer to Power supply diagram RF input/output Programmable input/output Description Programmable I/O terminal Programmable I/O terminal /Synchronous data output /Synchronous data sync /Synchronous data clock /Synchronous data input Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 VDD_IO USB_DN USB_DP UART_TX UART_RX UART_CTS UART_RTS Reset_B PIO_4 PIO_5 PIO_10 PIO_3 Gnd Gnd Gnd PIO_2 PIO_1 PIO_0 SPI_MOSI Programmable input/output line Programmable input/output line Programmable input/output line Serial Peripheral Interface data input Refer to Power supply diagram USB data minus USB data plus with selectable internal 1.5kohm pull-up resistor UART data output active high UART data input active high UART clear to send active low UART request to send active low Reset if low Programmable input/output line Programmable input/output line Programmable input/output line Programmable input/output line Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 36 37 38 SPI_MISO SPI_CLK SPI_CSB Serial Peripheral Interface data output Serial Peripheral Interface clock Chip select for Serial Peripheral Interface, active low Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 17.Dimensions (mm) Figure 8. Output pin dimensions Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 18. Layout Guide Don't place the ground on the top layer (Inside area) Unit: mm Figure 9. Land Pattern DLBM-C**2* T5mil Ground VIA Main Ground plant Side View Figure 10. Layout Example Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com PreliminaryDLBM-CH120 20. Record of changes Date Jan 21, 2005' April 6, 2005' April 20, 2005' Content of change 1) Revise the PIO setting List Include SPI connection Includes pin dimension tolerance Contact information: Website: http://www.deltaww.com Email: Jonathan.Chen@delta.com.tw Tel No.: 886-3-3591968#2925 Data Sheet April 20, 2005 Proprietary Information and Specifications are Subject to Change PDF created with pdfFactory trial version www.pdffactory.com