|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DOMINANT Semiconductors Innovating Illumination TM DATA SHEET: DomiLEDTM AlInGaP : DDx-xJS-I2 DomiLED TM TM Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. Features: > > > > > > High brightness surface mount LED. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering. Environmental friendly; RoHS compliance. Applications: > > > > > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. Consumer Appliances: LCD illumination as in PDAs, LCD TV. Communication: indicator and backlight in mobilephone. Display: full color display video notice board. Industry: white goods (eg: Oven, microwave, etc.). (c) 2005 DomiLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice. 1 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Part Ordering Number DDS-CJS-J2L1-1-I2 * DDS-CJS-J2 * DDS-CJS-K1 * DDS-CJS-K2 * DDS-CJS-L1 DDO-CJS-KL2-1-I2 * DDO-CJS-K1 * DDO-CJS-K2 * DDO-CJS-L1 * DDO-CJS-L2 DDY-CJS-KL2-1-I2 * DDY-CJS-K1 * DDY-CJS-K2 * DDY-CJS-L1 * DDY-CJS-L2 Chip Technology / Color AlIGaP Super-red, 632nm Viewing Angle 120 Luminous Intensity @ IF = 2mA IV (mcd) 5.6 - 14.0 5.6 - 7.2 7.2 - 9.0 9.0 - 11.2 11.2 -14.0 AlIGaP Orange, 605nm 120 7.2 - 18.0 7.2 - 9.0 9.0 - 11.2 11.2 - 14.0 14.0 - 18.0 AlIGaP Yellow, 587nm 120 7.2 - 18.0 7.2 - 9.0 9.0 - 11.2 11.2 - 14.0 14.0 - 18.0 NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 2 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Wavelength Grouping Color Group Wavelength distribution (nm) DDS; Super-red DDO; Orange Full Full W X Y Z 625 - 640 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 DDY; Yellow Full W X Y Z Dominant wavelength is measured with an accuracy of 1 nm. Electrical Characteristics at Ta=25C Part Number DDS-CJS, DDO-CJS, DDY-CJS Vf @ If = 2mA Typ. (V) Max. (V) 1.8 2.2 Vr @ Ir = 10uA Min. (V) 12 Forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1V. Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.1) Reverse voltage ESD Thereshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 100 12 2 125 -40 ... +100 -40 ... +100 45 Unit mA mA V KV C C C mW 3 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Forward Current Vs Forward Voltage 20 18 16 14 12 10 8 6 4 2 0 1.2 1.4 1.6 1.8 2 2.2 2.4 30 25 20 15 10 5 0 Maximum Current Vs Temperature Forward Current, mA Forward Current, mA 0 20 40 60 80 100 Forward Voltage, V Ambient Temperature Relative Intensity vs Wavelength 1 0.9 0.8 0.7 Yellow Orange Radiation Pattern 30 20 10 0 1.0 40 0.8 Relative Intensity 0.6 0.5 0.4 0.3 0.2 0.1 0 500 Super Red 50 0.6 60 70 80 0.4 0.2 600 700 800 90 0 Wavelength, nm 4 06/09/2006 V2.0 DOMINANT TM Innovating Illumination TM Semiconductors AlInGaP : DDx-xJS-I2 DomiLED * AllnGap : DDx-xJS-I2 Package Outlines 5 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Recommended Solder Pad 6 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Taping and orientation * Reels come in quantity of 2000 units. * Reel diameter is 180 mm. 7 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Packaging Specification 8 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Packaging Specification Moisture sensitivity level Barcode label DOMINANT Semiconductors LOT NO : lotno ROHS Compliant PB Free S/N : xxx D/C: xxxx PART NO : partno QTY : qty GROUP : group Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Average 1pc DomiLED/Multi DomiLED Weight (gram) Weight (gram) 0.034 0.034 1 completed bag (2000pcs) 190 10 190 10 DOMINANT TM Semiconductors Cardboard Box For DomiLED TM Cardboard Box Size Small Large Dimensions (mm) Empty Box Weight (kg) 0.58 1.74 Reel / Box Quantity / Box (pcs) 300 x 250 x 250 416 x 516 x 476 15 reels MAX 55 reels MAX 30,000 MAX 110,000 MAX 9 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 Recommended Sn-Pb IR-Reflow Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s Temperature (C) 175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s Recommended Pb-free Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s Temperature (C) 200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s Time (sec) 10 06/09/2006 V2.0 DOMINANT TM Innovating Illumination Semiconductors AlInGaP : DDx-xJS-I2 Revision History Page Subjects New Format Date of Modification 06 Sep 2006 NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors. 11 06/09/2006 V2.0 DOMINANT TM Semiconductors Innovating Illumination AlInGaP : DDx-xJS-I2 About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com. Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com DOMINANT Semiconductors Innovating Illumination TM |
Price & Availability of DDO-CJS-KL2-1-I2 |