Part Number Hot Search : 
HYS64T 1A66B TA400 R2001 8HC11K LBN140 90XS27D3 BAV74215
Product Description
Full Text Search
 

To Download DA03-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7.62mm (0.3INCH) DUAL DIGIT NUMERIC DISPLAY
Part Number: DA03-11SRWA Super Bright Red
Features
0.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAB9971 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1302000048
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. DA03-11SRWA Super Bright Red (GaAlAs) WHITE DIFFUSED 3000 Typ. 13600 Common Anode Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 75 30 155 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAB9971 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1302000048
Super Bright Red
DA03-11SRWA
SPEC NO: DSAB9971 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1302000048
PACKING & LABEL SPECIFICATIONS
DA03-11SRWA
SPEC NO: DSAB9971 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1302000048


▲Up To Search▲   

 
Price & Availability of DA03-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X