Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download D8255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D8255
Programmable Peripheral Interface ver 1.00
OVERVIEW
The D8255 is a programmable I/O device which is designed for use with all Intel and most other microprocessors. It provides 24 I/O pins which may be individually programmed in 2 groups of 12 and used in 3 major modes of operation: Mode 0 - Basic Input/Output. This functional configuration provides simple input and output operations for each of the three ports. No handshaking'' is required, data is simply written to or read from a specified port. Mode 0 Basic Functional Definitions:
Two 8-bit ports and two 4-bit ports. Any 16 The 8-bit data port can be either input or out-
put Both inputs and outputs are latched.
The 4-bit port is used for control and status of
the 8-bit data port.
MODE 2 - Strobed Bidirectional Bus I/O. This functional configuration provides a means for communicating with a peripheral device or structure on a single 8-bit bus for both transmitting and receiving data (bidirectional bus I/O). Handshaking'' signals are provided to maintain proper bus flow discipline in a similar manner to MODE 1. Interrupt generation and enable/disable functions are also available. MODE 2 Basic Functional Definitions:
Used in Group A only. One 8-bit, bi-directional bus port (Port A) and
port can be input or output.
different Input/Output configurations are possible in this Mode
a 5-bit control port (Port C).
The 5-bit control port (Port C) is used for con-
MODE 1 - Strobed Input/Output. This functional configuration provides a means for transferring I/O data to or from a specified port in conjunction with strobes or handshaking'' signals. In mode 1, Port A and Port B use the lines on Port C to generate or accept these handshaking'' signals. Mode 1 Basic functional Definitions:
Two Groups (Group A and Group B). Each group contains one 8-bit data port and
trol and status for the 8-bit, bi-directional bus port (Port A)
The functional configuration of the D8255 is programmed by the system software so that normally no external logic is necessary to interface peripheral devices or structures. The control word register can be both written and read as shown in the address decode table in the pin descriptions.
one 4-bit control/data port.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
KEY FEATURES


SYMBOL
datai(7:0) portai(7:0) portbi(7:0) portci(7:0) a(1:0) we rd cs rst clk datao (7:0) portao (7:0) portbo (7:0) portco (7:0)
Compatible with industry standard 8255 24 I/O lines individually programmed in
2 groups of 12:
Group A - Port A and upper half of Port C Group B - Port B and lower half of Port C

3 major modes of operation
Mode 0 - Basic input/output Mode 1 - Strobed Input/output Mode 2 - Bi-directional Bus

Control Word Read-Back Capability Direct Bit Set/Reset Capability Interrupt control functions No internal three states busses Fully synthesizable technology independent source code.
clk reset cs rd we a[1:0] portai[7:0] portbi[7:0] portci[7:0] datai[7:0] datao[7:0] portao[7:0] portbo[7:0] portco[7:0]
PINS DESCRIPTION
PIN TYPE
input input input input input input input input input input output output output output
DESCRIPTION
Global clock Global reset Chip select Processor read strobe Processor write strobe Processor address lines Port A input Port B input Port C input Data bus (input) Data bus (output) Port A output Port B output Port C output
DESIGN FEATURES
ONE GLOBAL SYSTEM CLOCK SYNCHRONOUS RESET ALL ASYNCHRONOUS INPUT SIGNALS ARE
SYNCHRONIZED BEFORE INTERNAL USE
ALL LATCHES IMPLEMENTED IN ORIGINAL 8255 DEVICES ARE REPLACED BY EQUIVALENT FLIP-FLOP REGISTERS, WITH THE SAME FUNCTIONALITY
APPLICATIONS
Embedded microprocessor boards Interface to the printer I/O component to interface peripheral equipment to the microcomputer system bus
BLOCK DIAGRAM
Data Bus Buffer- The Data Bus Buffer is used to interface the D8255 to the system data bus. Data is transmitted or received by the buffer upon execution of input or output instructions by the CPU. Control words and status information are also transferred through the data bus buffer. Read/Write and Control Logic - The control logic block manages all of the internal and external transfers of both Data and Control or Status words. It accepts inputs from the CPU Address and Control busses and in turn, issues commands to both of the Control Groups A and B.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
Group A and Group B Controls - The functional configuration of each port is programmed by the systems software. In essence, the CPU "outputs"' a control word to the D8255. The control word contains information such as "mode"', "bit set", "bit reset", etc., that initializes the functional configuration of the D8255. Each of the Control blocks (Group A and Group B) accepts "commands" from the Read/Write Control Logic, receives "control words" from the internal data bus and issues the proper commands to its associated ports. Group A - Port A and upper half of Port C Group B - Port B and lower half of Port C The control word register can be both written and read. Figure below shows the control word format for both Read and Write operations. When the control word is read, bit D7 will always be a logic "1", as this implies control word mode information.
clk rst
Group A Control Group A Port A
Port B - One 8-bit data input/output latch/buffer. Only pull-up'' bus hold devices are present on Port B. Port C - One 8-bit data output latch/buffer and one 8-bit data input buffer (no latch for input). This port can be divided into two 4-bit ports under the mode control. Each 4-bit port contains a 4-bit latch and it can be used for the control signal outputs and status signal inputs in conjunction with ports A and B. Only pull-up'' bus hold devices are present on Port C.
DELIVERABLES
Source code: VHDL Source Code or/and VERILOG Source Code or/and ALTERA's Megafunction or/and EDIF netlist VHDL & VERILOG test bench environment Active-HDL automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance Delivery the IP Core updates, minor and major versions changes Delivery the documentation updates Phone & email support

portai[7:0] portao[7:0]
datai datao a1 a0 rd wr cs
Data Bus Buffer & Control Logic
Group A Port C Upper Group B Port C Lower
portci[7:4] portco[7:4]
portci[3:0] portco[3:0] portbi[7:0] portbo[7:0]

Group B Control
Group B Port B
Ports A, B, and C - The D8255 contains three 8-bit ports. All can be configured in a wide variety of functional characteristics by the system software but each has its own special features or "personality" to further enhance the power and flexibility of the D8255. Port A - One 8-bit data output latch/buffer and one 8-bit input latch buffer. Both pull-up'' and "pulldown" bus hold devices are present on Port A.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
LICENSING
Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows use IP Core in single FPGA bitstream and ASIC implementation. Unlimited Designs, One Year licenses allow use IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time restriction except One Year license where time of use is limited to 12 months.

CONTACTS
For any modification or special request please contact to Digital Core Design or local distributors. Headquarters: Wroclawska 94 41-902 Bytom, POLAND
nfo@dcd.pl e-mail: iinfo@dcd.pl
tel. fax : +48 32 282 82 66 : +48 32 282 74 37
Distributors: http://www.dcd.pl/apartn.php Please check http://www.dcd.pl/apartn.php
Single Design license for
VHDL, Verilog source code called HDL Source Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only

Unlimited Designs license for
HDL Source Netlist

Upgrade from
Single Design to Unlimited Designs HDL Source to Netlist
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of D8255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X