Part Number Hot Search : 
1N1956B 55005 100M100 100N10 LT551 ASTMB545 T1008 SP1404
Product Description
Full Text Search
 

To Download CP53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < SMD Type: CP Series>
Type: CP53
*Y
Product Description
*E *E *E *E
*Y
6.2A
5.9mm Max.(LA
W), 3.8mm Max. Height.
Inductance range:800H Max., reference unloaded Q:50 Operating Frequency:15MHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
Feature
*E *E *E
*Y
Low profile variable type of tight-space design Ideally used in automotive tuner units of high reliabilities. RoHS Compliance
Dimensions(mm)
*Y
6.2
Connection (Bottom)
0.1 + 0.5-0.05
3
4
5. 6 * } 0 . 3
3.5*0.2 }
0. 7 2. 8
5 .8
3.5
2 S1 6
0.7 2.8
3.8 MA X .
0.8 5.6*0.3 }
"S" is winding start
*- *- *- *Y
Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Dimension without tolerance are approx.
Specification
NO. 01 02 03 04 05 06 07 Part No. CP53-4R8C CP53-4R8B CP53-6R8C CP53-6R8B CP53-15OC CP53-15OB CP53-23OC Stamp 4R8 6R8 15O Inductance *m Variable*n u P 4.8E 6.8E 15E 23E H2*" H2*" H2*" H2*" Measured Frequency 7.96MHz
7.96MHz
Unloaded Q [MIN.] 55 50 45 50
2.52MHz 2.52MHz
*-
23O 08 CP53-23OB Part No. Description (1) In case of reel packing: CP53-XXXC (2) IN case of box packing: CP53-XXXB
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of CP53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X