Part Number Hot Search : 
SK8050 MAX038 21210 2N167A SK8GD126 SG6520 3223C D7677
Product Description
Full Text Search
 

To Download CMH07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMH07
TOSHIBA High Efficiency Rectifier Silicon Epitaxial Type
CMH07
Switching Mode Power Supply Applications
Unit: mm * * * * * Repetitive peak reverse voltage: VRRM = 200 V Average forward current: IF (AV) = 2.0 A Low forward voltage: VFM = 0.98 V Very Fast Reverse-Recovery Time: trr = 35 ns (Max) Suitable for compact assembly due to small surface-mount package "M-FLATTM" (Toshiba package name)
Absolute Maximum Ratings (Ta = 25C)
Characteristics Repetitive peak reverse voltage Average forward current Peak one cycle surge forward current (non-repetitive) Junction temperature Storage temperature range Symbol VRRM IF (AV) IFSM Tj Tstg Rating 200 2.0 (Note1) 40 (50 Hz) -40~150 -40~150 Unit V A A C C
Note 1: Ta35C
Device mounted on a ceramic board board size: 50 mm x 50 mm soldering land: 2mm x2mm glass-epoxy board thickness 0.64 t
JEDEC JEITA

Note2:
TOSHIBA 3-4E1A Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in Weight: 0.023 g (typ.) temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25C)
Characteristics Peak forward voltage Peak repetitive reverse current Reverse recovery time Forward recovery time Symbol VFM (1) VFM (2) VFM (3) IRRM trr tfr Test Condition IFM = 0.1 A (pulse test) IFM = 1.0 A (pulse test) IFM = 2.0 A (pulse test) VRRM = 200 V (pulse test) IF = 1 A, di/dt = -30 A/s IF = 1 A Device mounted on a ceramic board (board size: 50 mm x 50 mm) (soldering land: 2 mm x 2 mm) (board thickness: 0.64 t) Thermal resistance (junction to ambient) Rth (j-a) Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm) (soldering land: 6 mm x 6 mm) (board thickness: 1.6 t) Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm) (soldering land: 2.1 mm x 1.4 mm) (board thickness: 1.6 t) Thermal resistance (junction to lead) Rth (j-) Min Typ. 0.68 0.83 0.91 Max 0.98 10 35 100 60 V A ns ns pF Unit
135 C/W
210
16
C/W
1
2006-11-08
CMH07
Marking
Abbreviation Code H7 Part No. CMH07
Standard Soldering Pad
Unit: mm
1.4
3.0
1.4
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The following are the general derating methods that we recommend when you design a circuit with a device. VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for an AC circuit. VRRM has a temperature coefficient of 0.1%/. Take this temperature coefficient into account designing a device at low temperature. IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV). Carry out adequate heat design. If you can't design a circuit with excellent heat radiation, set the margin by using an allowable Tamax-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180. Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. We recommend that a device be used at a Tj of below 120 under the worst load and heat radiation conditions. Thermal resistance between junction and ambient fluctuates depending on the device's mounting condition. When using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value. Please refer to the Rectifiers databook for further information.
2.1
2
2006-11-08
CMH07
iF - vF
100 Pulse test 2.4
PF (AV) - IF (AV)
Rectangular Waveform 0
iF (A)
10
Average forward power dissipation PF (AV) (W)
Instantaneous forward current
150C 75C 1 Tj = 25C
180 360
1.2
0.8
0.1
0.4
0.01 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0 0
0.4
0.6
1.2
1.6
2.0
2.4
Instantaneous forward voltage vF
(V)
Average forward current
IF (AV) (A)
Ta max - IF (AV)
160
Ta max - IF (AV)
160
Maximum allowable ambient temperature Ta max (C)
140 120 100 80 60 40 0 20 0 0 180 360 0.4 Rectangular Waveform
Maximum allowable ambient temperature Ta max (C)
Device mounted on a ceramic board: board size: 50 mm x 50 mm Soldering land: 2.0 mm x 2.0 mm board thickness: 0.64 t
140 120 100 80 60 40
Device mounted on a glass-epoxy board: board size: 50 mm x 50 mm Soldering land: 6.0 mm x 6.0 mm board thickness: 1.6 t
Rectangular Waveform
0 20 0 0
180 360
0.8
1.2
1.6
2.0
2.4
0.4
0.8
1.2
1.6
2.0
2.4
Average forward current
IF (AV)
(A)
Average forward current
IF (AV)
(A)
rth (j-a) - t
1000 500 Device mounted on a glass-epoxy board: board size: 50 mm x 50 mm Soldering land: 2.1 mm x 1.4 mm board thickness: 1.6 t
Transient thermal impedance rth (j-a) (C/W)
300
100 50 30 Device mounted on a glass-epoxy board: board size: 50 mm x 50 mm Soldering land: 6.0 mm x 6.0 mm board thickness: 1.6 t
10 5 3 Device mounted on a ceramic board: board size: 50 mm x 50 mm Soldering land: 2.0 mm x 2.0 mm board thickness: 0.64 t 0.003 0.01 0.03 0.1 0.3 1 3
1 0.001
10
30
100
300
1000
Time t (s)
3
2006-11-08
CMH07
Surge forward current Cj - VR
100 Ta = 25C
(Typ.) (A)
50
(non-repetitive)
Ta = 25C f = 50 Hz 40
Cj (pF)
30
Peak surge forward current
Junction capacitance
IFSM
50
f = 1 MHz
30
10
20
5 3
10
1 1
10
100
0 1
10
100
Reverse voltage
VR
(V)
Number of cycles
4
2006-11-08
CMH07
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-08


▲Up To Search▲   

 
Price & Availability of CMH07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X