Part Number Hot Search : 
CT326 HT3400 LTC1067 EP16F AD103 FTRPB PM150B12 1DQ06
Product Description
Full Text Search
 

To Download CD104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CD104
Product Description
10.3x9.3mm Max.(LxW),4.5mm Max. Height. Inductance range: 10560H Rated current range:0.322.38A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically unshielded construction. Ideally used in PDA,MP3,DSC/DVC,HDD,Portable DVD,etc as DC-DC Converter inductors. RoHS Compliance
Dimensions (mm)
9.00.3 10.00.3 4.00.5 9.0
10.0
Land Pattern (mm)
9.5 2.5 10.0
PART OF ELECTRODE
R1.0
PART OF SILK
Please refer to the sales offices on our website for a representative near you www.sumida.com
2.1
1/2
POWER INDUCTORS
Type: CD104
Specification
Part Name CD1O4NP-1OOM CD1O4NP-12OM CD1O4NP-15OM CD1O4NP-18OM CD1O4NP-22OM CD1O4NP-27OM CD1O4NP-33OM CD1O4NP-39OM CD1O4NP-47OM CD1O4NP-56OK CD1O4NP-68OK CD1O4NP-82OK CD1O4NP-1O1K CD1O4NP-121K CD1O4NP-151K CD1O4NP-181K CD1O4NP-221K CD1O4NP-271K CD1O4NP-331K CD1O4NP-391K CD1O4NP-471K CD1O4NP-561K Inductance Within 1 10H20% 12H20% 15H20% 18H20% 22H20% 27H20% 33H20% 39H20% 47H20% 56H10% 68H10% 82H10% 100H10% 120H10% 150H10% 180H10% 220H10% 270H10% 330H10% 390H10% 470H10% 560H10% D.C.R (m) [Max.] (TYP.) (at 20) 53(40.8) 61(46.4) 70(53.9) 81(62.2) 88(67.4) 100(77.2) 120(92.0) 151(116.1) 170(130.6) 199(152.7) 223(171.6) 252(194.1) 344(264.9) 396(304.7) 544(418.1) 621(477.7) 721(554.5) 949(730.3) 1100(845.8) 1245(957.5) 1526(1220.6) 1904(1522.9) Rated Current (A) 2 2.38 2.13 1.87 1.73 1.60 1.44 1.26 1.20 1.10 1.01 0.91 0.85 0.74 0.69 0.61 0.56 0.53 0.45 0.42 0.38 0.35 0.32 S.R.F. (MHz) (TYP.) 29.9 29.7 25.1 23.0 20.0 18.5 16.9 14.9 13.8 12.6 10.4 10.0 9.42 8.74 7.29 6.53 5.85 5.51 4.91 4.32 4.06 3.55
Stamp
100M 120M 150M 180M 220M 270M 330M 390M 470M 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K
Description of part Name
Box
Carrier tape 10H 82H at 2.52 MHz 100H 560H at 1 kHz 2: Rated current: The DC current at which the inductance decreases to 90 % of it's initial value or when t40, whichever is lower(Ta=20).
1: Measuring Frequency
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CD104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X