Part Number Hot Search : 
GP406 KBP005 IRF3710 10U2P MM74C08N A53CW BCR141T 020CT
Product Description
Full Text Search
 

To Download BZX79C15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1/2 Watt ZENER DIODES (2.4V to 75V)
Mechanical Dimensions
JEDEC D0-35 Glass
.120 .200 1.00 Min.
Description
.060 .090
.018 .022
Features
n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0
Maximum Ratings Continuous Forward Current...IF Power Dissipation @ TA = 50oC...PD Lead Length = 8.0mm Forward Voltage @ 100mA...VF Operating & Storage Temperature Range...TJ, TSTRG
BZX79C2V4 . . . 75 Series ............................................. 250 ............................................... ............................................. 500 ............................................... ............................................. 1.5 ............................................... ........................................ -65 to 200 .........................................
Power Derating Curve
Power Dissipation (mW)
Ambient Temperature (oC) Page 12-7
BZX79C2V4. . . 75 Series
Units mA mW V
o
C
Data Sheet
1/2 Watt ZENER DIODES (2.4V to 75V)
BZX79C2V4. . . 75 Series
NOTES: 1. The Zener Voltage is measured under pulse conditions so that TJ is no more than 2oC greater than TA. 2. Part numbers have max / min Zener Voltage as listed. Tolerance of 2% is designated by a B in place of the C, and 1% by an A. 3. The Zener Impedance is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0kHz.
Electrical Characteristics @ 25 O C. Part # BZX79C2V4 BZX79C2V7 BZX79C3V0 BZX79C3V3 BZX79C3V6 BZX79C3V9 BZX79C4V3 BZX79C4V7 BZX79C5V1 BZX79C5V6 BZX79C6V2 BZX79C6V8 BZX79C7V5 BZX79C8V2 BZX79C9V1 BZX79C10 BZX79C11 BZX79C12 BZX79C13 BZX79C15 BZX79C16 BZX79C18 BZX79C20 BZX79C22 BZX79C24 BZX79C27 BZX79C30 BZX79C33 BZX79C36 BZX79C39 BZX79C43 BZX79C47 BZX79C51 BZX79C56 BZX79C62 BZX79C68 BZX79C75 Minimum V Z (V) 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0
Zener Voltage @ I ZT (1)
Maximum V Z (V) 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 79.0
Test Current I ZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
Max. Zener Impedance (3) Z ZT @ IZT () 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255
Max. Reverse Leakage Current @ VR
IR (A) 100 75 50 25 15 10 5.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14 15.4 16.8 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5
Typ. Temp. Typ. Capacitance Coef. (mV/oC) VR = 0, f = 1MHz
Min. -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.9 14.4 16.4 18.4
Max.
CD (pF) 255 230 215 200 185 175 160 130 110 95 90 85 80 75 70 70 65 65 60 55 52 47 36 34 33 30 27 25 23 21 21 19 19 18 17 17 16.5
0 0 0 0 0 0.3 1.0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 23.5 26 29 31 34 37 40 44 47 51 56 60
Page 12-8


▲Up To Search▲   

 
Price & Availability of BZX79C15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X