Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download BPR-301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS
Device Number: BPR-301 Absolute Maximum Rating Item Power Dissipation Input Reverse Voltage Forward Current Peak Forward Current Collector Current C-E Voltage E-C Voltage Operating Temperature Storage Temperature Soldering Temperature (*2) (*2) t=5 Sec (*1) tw=100 uSec.T=10 mSec. (*1) Collector Power Dissipation Output (Ta=25) Symbol Pd VR IF IFP PC IC VCEO VECO Topr Tstg Tsol Rating 75 5 50 1 100 20 30 5 -25 ~ +85 -40 ~ +100 260 Page: Version: 2 1.0
Unit mW V mA A mW mA V V
Electrical Optical Characteristics (Ta=25)
Parameter Forward Voltage Input Reverse Current Peak Wavelength Dark Current Output C-E Saturation Voltage VCE(sat) Symbol VF IR p ID Condition IF=20mA VR=5V IF=20mA VCE=10V IC=0.25mA IF=20mA VCE=5V / IF=20mA D=3.81mm (90% Reflective white paper) IFP=20mA VCE=5V RL=1000 -- -- Min. -- -- Typ. 1.2 -- 940 -- -- 200 0.4 Max. 1.5 100 Unit V A nm nA V
Light Current
IL
160
--
--
A
Speed
Rise Time Fall Time
Tr Tf
-- --
20 20
-- --
sec sec
BRIGHT LED ELECTRONICS
Device Number: BPR-301 Package Dimensions Page: Version: 3 1.0
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
BRIGHT LED ELECTRONICS
Device Number: BPR-301 Typical Electrical / Optical Characteristics Curves (Ta=25) Page: Version: 4 1.0
BRIGHT LED ELECTRONICS
Device Number: BPR-301 Typical Electric / Optical Characteristics Curves (Ta=25) Page: Version: 5 1.0
BRIGHT LED ELECTRONICS
Device NumberBPR-301 Packaging Box Dimensions Page: Version: 6 1.0
Packaging Bag Dimensions
Notes: 1. 250pcs per bag, 1kpcs per box. 2. All Dimensions are in millimeters (inches). 3. Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of BPR-301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X