Part Number Hot Search : 
NX2016AA HTCM366 1N4746AP MC3062 DSS12 SR2040 ESR0604 AWT6251
Product Description
Full Text Search
 

To Download BC547 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC546 ... BC549
BC546 ... BC549 NPN
Version 2006-05-31 Power dissipation - Verlustleistung
CBE
General Purpose Si-Epitaxial Planar Transistors Si-Epitaxial Planar-Transistoren fur universellen Einsatz
NPN
500 mW TO-92 (10D3) 0.18 g
Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
18 9
16
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
2 x 2.54
Dimensions - Mae [mm]
Maximum ratings (TA = 25C) BC546 Collector-Emitter-voltage Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Peak Emitter current - Emitter-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Characteristics (Tj = 25C) Group A DC current gain - Kollektor-Basis-Stromverhaltnis 2) VCE = 5 V, IC = 10 A VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 100 mA h-Parameters at/bei VCE = 5 V, IC = 2 mA, f = 1 kHz Small signal current gain Kleinsignal-Stromverstarkung Input impedance - Eingangs-Impedanz Output admittance - Ausgangs-Leitwert Reverser voltage transfer ratio Spannungsruckwirkung hfe hie hoe hre typ. 220 1.6 ... 4.5 k 18 < 30 S typ. 1.5*10-4 hFE hFE hFE typ. 90 110 ... 220 typ. 120 E-B short B open E open C open VCES VCEO VCBO VEB0 Ptot IC ICM IBM - IEM Tj TS 85 V 65 V 80 V
Grenzwerte (TA = 25C) BC547 50 V 45 V 50 V 5V 500 mW 1) 100 mA 200 mA 200 mA 200 mA -55...+150C -55...+150C Kennwerte (Tj = 25C) Group B typ. 150 200 ... 450 typ. 200 Group C typ. 270 420 ... 800 typ. 400 BC548/549 30 V 30 V 30 V
typ. 330 3.2 ...8.5 k 30 < 60 S typ. 2*10-4
typ. 600 6 ... 15 k 60 < 110 S typ. 3*10-4
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BC546 ... BC549 Characteristics (Tj = 25C) Min. Collector-Emitter cutoff current - Kollektor-Emitter-Reststrom VCE = 80 V, (B-E short) VCE = 50 V, (B-E short) VCE = 30 V, (B-E short) VCE = 80 V, Tj = 125C, (B-E short) VCE = 50 V, Tj = 125C, (B-E short) VCE = 30 V, Tj = 125C, (B-E short) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base saturation voltage - Basis-Sattigungsspannung 2) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-Emitter-voltage - Basis-Emitter-Spannung 2) VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 10 mA Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat VCB = 10 V, IE =ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 A, RG = 2 k f = 1 kHz, f = 200 Hz BC546 / BC547 BC548 / BC549 F F RthA - - 2 dB 1.2 dB < 200 K/W 1) BC556 ... BC559 BC546A BC547A BC548A BC546B BC547B BC548B BC549B BC547C BC548C BC549C 10 dB 4 dB CEB0 - 9 pF - CCBO - 3.5 pF 6 pF fT - 300 MHz - VBE VBE 580 mV - 660 mV - 700 mV 720 mV VBEsat VBEsat - - 700 mV 900 mV - - BC546 BC547 BC548 / BC549 BC546 BC547 BC548 / BC549 ICES ICES ICES ICES ICES ICES VCEsat VCEsat - - - - - - - - 0.2 nA 0.2 nA 0.2 nA - - - 80 mV 200 mV 15 nA 15 nA 15 nA 4 A 4 A 4 A 200 mV 600 mV Kennwerte (Tj = 25C) Typ. Max.
Collector-Emitter saturation voltage - Kollektor-EmitterSattigungsspg. 2)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Available current gain groups per type Lieferbare Stromverstarkungsgruppen pro Typ
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BC547

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X