Part Number Hot Search : 
51880 H0022 MSZ52 VHCT125A MC3418 16100 TIP127 MBRF1050
Product Description
Full Text Search
 

To Download BAV99S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV99S
VOLTAGE 85 Volts CURRENT 200 mA
HIGH SPEED SWITCHING DIODE ARRAY
This device comes with two pairs of high speed switching diodes connected in series, where both pairs are electrically isolated, offering a very low capacitance, minmizing the insertion losses in data transmission lines.
FEATURES
* Maximum capacitance of 1.5pF * Maximum leakage current of 2.5 A * Reverse breakdown voltage of 70V * Rail to rail ESD protection * Overshoot and undershoot switching control * Mobile phones and accessories * Video game consoles connector ports * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
MECHANICAL DATA
Case: SOT-363 molded plastic
Terminals: Lead solderable per MIL-STD-202G, Method 208.
MAXIMUM RATINGS
(PER DIODE) TJ = 25OC, UNLESS OTHERWISE NOTED
Rating Maximum repetitve peak reverse voltage Continuous reverse voltage Continuous forward voltage Non-repetitve peak forward current, t=1 sec, Tj=25 OC square wave Total power dissioation , Tj=85
O
Symbol VRRM VR IF IFSM
Value 85 75 200 4.5
Units V V mA A
C
PTOT
250
mW
Operating Junction Temperature range
TJ
-50 to + 150
O
C
Storage temperature range
TSTG
-50 to + 150
O
C
Soldering Temperature, t max = 10 secs
TL
260
O
C
REV.0-MAR.26.2005
PAGE . 1
BAV99S
ELECTRICAL CHARACTERISTICS
(PER DIODE) TJ = 25OC, UNLESS OTHERWISE NOTED
Parameter Breakdown voltage
Symbol V BR
Conditions IBR=100 A IF=1mA IF=10mA IF=50mA IF=150mA VR=75V VR=25V VR=70V 0Vdc Bias, f=1MHz IF=10mA,IR=10mA RL=100 Ohms measured at I =1mA R IF=10mA,tr=20nsec
Min 75
Typ
Max
Units
Forward voltage Reverse leakage current Reverse leakage current at Tj=150 C Junction capacitance Reverse recovery time Forward recovery voltage
O
VF IR IR CD trr Vfr
715 855 1 1.25 2.5 30 50 1.5 4 1.75
mV mV V V A A pF ns V
REV.0-MAR.26.2005
PAGE . 2
BAV99S
100
Reverse leakage current, IR( m A)
10 T J=150 C
O
T J=150 C 1
O
Forward current,IF(mA)
10
T J=25 C T J=75 C
O O
T J=75 C
O
0.1
1
T J=-25 C
O
0.01
T J=25 C
O
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 Forward voltage, V F(V)
0.001 0 20 40 60 Reverse voltage, VR(V) 80
Fig.1-Typical forward voltage
Fig.2-Typical reverse leakage
0.8
Capacitance (pF)
0.6
0.4
0.2
0 0 10 20 30 40 50 60 Reverse voltage.V R(V)
Fig.3-Typical capacitance
REV.0-MAR.26.2005
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAV99S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X