Part Number Hot Search : 
MA3UD06 RG10GGF D187X APC77165 ER30011 UPA1874 HFC02 D187X
Product Description
Full Text Search
 

To Download AMC78L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMC78L05
www.addmtek.com DESCRIPTION The AMC78L05 is a 3-terminal positive regulator with a fixed output voltage of 5V. Although it is designed as a fixed-voltage regulator, the output voltage can be increased by the use of a simple voltage divider. This regulator can provide local on card regulation, eliminating the distribution problems associated with single point regulation. In addition, it can be used with power-pass elements to make high-current voltage regulators with 100mA output current. Protection features such as thermal shutdown and current limiting have been designed internally which will protect the device from damage in case of overload or overheating. APPLICATIONS Logic Systems Computer Add-On Cards Monitors Power Suppliers
100mA / 3-TERMINAL 5V REGULATOR
FEATURES 5% tolerance of output voltage Wide input range Output current > 100mA Internal thermal overload protection No External Components Short circuit protection Available in 3L plastic TO-92, surface mount SOT-89 and plastic 8 pin S.O.I.C. Identical pin assignment to earlier 78L05 series.
PACKAGE PIN OUT
INPUT GND OUTPUT INPUT GND OUTPUT
3-Pin Plastic TO-92 (Top View)
3-Pin Plastic SOT-89 Surface Mount (TOP View)
Output GND GND NC
INPUT GND GND NC
8-Pin S.O.I.C Surface Mount (Top View)
ORDER INFORMATION TA (OC)
0 to 70 0 to 70
Note:
LP
TO-92 3-pin
DM
SO-8 8-pin
PK
SOT-89 3-pin
AMC78L05LP(SnPb) AMC78L05LPF(Lead Free)
AMC78L05DM(SnPb) AMC78L05DMF(Lead Free)
AMC78L05PK(SnPb) AMC78L05PKF(Lead Free)
1. All surface-mount and TO-92 packages are available in Tape & Reel. Append the letter "T" to part number (i.e. AMC78L05LPT, AMC78L05DMT or AMC78L05PKT). 2. For TO-92 in Tape & Box (without reel), add suffix "TB" (i.e. AMC78L05LPTB) 3. The letter "F" is marked for Lead Free process .
Copyright (c) 2006 ADDtek Corp.
1
DD061_D
--
JUNE 2006
AMC78L05
ABSOLUTE MAXIMUM RATINGS Input Voltage Maximum junction operating temperature, TJ Storage temperature range Lead temperature (soldiering, 10 seconds)
Note : Exceeding these ratings could cause damage to the device. out of the specified terminal.
(Note 1) 30V 150 OC -65OC to 150OC 260 OC
All voltages are with respect to Ground. Currents are positive into, negative
POWER DISSIPATION TABLE Package DM DMF LP LPF PK PKF
Note :
JA ( OC/W ) 165 165 156 156 71(note) 71(note)
Derating factor ( mW/OC ) TA 25 OC 6.06 6.06 6.41 6.41 14.1 14.1
TA 25 OC Power rating(mW) 757 757 801 801 1763 1763
TA=70 OC Power rating(mW) 485 485 513 513 1128 1128
TA= 85 OC Power rating (mW) 394 394 417 417 916 916
1.For PK package, Thermal Resistance-Junction to Tab ( JT ) = 35 OC/W. TJ = TTAB + (PD x JT). PD: Power Dissipation. 2.JA: Thermal Resistance-Junction to Ambient Junction Temperature Calculation: TJ = TA + (Pd x ja). The ja numbers are guidelines for the thermal performance of the device/PC-board system. All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Input Voltage VI 7 20 Output Current IOUT 100 Operating Virtual Junction Temperature TJ 0 125
Units V mA O C
Copyright (c) 2006 ADDtek Corp.
2
DD061_D
-- JUNE 2006
AMC78L05
ELECTRICAL CHARACTERISTICS Unless otherwise specified, these specifications in bold type apply over the operating temperature range of 0OC TJ +150OC, VIN = 10V, IOUT = 40mA,CIN = 0.33F, COUT= 0.1F, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.) Parameter Symbol TJ = 25 OC Output Voltage VOUT 7V VIN 20V, 1mA IOUT 40mA 1mA IOUT 70mA Line Regulation VOI VOL IPEAK IQ RR f =120Hz, 8V VIN 16V, TJ = 25 C
O
Test Conditions
AMC78L05 Min. 4.8 4.75 4.75 Typ. 5.0 Max. 5.2 5.25 5.25 18 10 20 5 140 1.7 3 47 62 40 2.0 5
O
Units
V
7V VIN 20V,TJ = 25 C
O
75 54 60 30 mV mA V mA dB V mV
8V VIN 20V,TJ = 25 C
O
Load Regulation Peak Output Current Dropout Voltage Quiescent Current Ripple Rejection ( note 1 ) Output Noise Voltage ( note 1 )
Note 1:
1mA IOUT 100mA, TJ = 25 OC 1mA IOUT 40mA, TJ = 25 C TJ = 25 OC TJ = 25 OC
VO RMS 10Hz f 100KHz, TJ = 25 OC
These parameters, although guaranteed, are not 100% tested in production prior to shipment.
Copyright (c) 2006 ADDtek Corp.
3
DD061_D
-- JUNE 2006
AMC78L05
TYPICAL APPLICATIONS
INPUT
AMC78L05
OUTPUT
INPUT
AMC78L05 IQ R1
OUTPUT
0.33F
0.1F
0.33F
0.1F R2
Fig. 1. Fixed Output Regulator - capacitors are required if the regulator is far away from the power supply filter.
Fig. 2. Adjustable Output Regulator - VOUT = 5V + (5V/R1 +IQ)R2
INPUT AMC78L05 R1 0.33F IOUT OUTPUT
Fig. 3. Current Regulator: IOUT = (VOUT /R1) + IQ
Copyright (c) 2006 ADDtek Corp.
4
DD061_D
-- JUNE 2006
AMC78L05
PACKAGE
3-Pin Plastic TO-92
INCHES
B K M
MILLIMETERS MAX MIN 4.45 4.32 3.18 TYP 4.57 4.57 3.62 0.38 1.27 3.81 MAX 5.21 5.33 4.19 -
MIN A
TYP
0.175 0.180 0.205 0.170 0.180 0.210
A
B
G F
C 0.125 0.142 0.165 F 0.015 0.050 0.150 -
C
G
N
J K
0.500 0.580 5 5
12.70 14.73 5 5
Note: For TO-92 in tape and reel, refer to TO-92 package and carrier dimension data for lead dimensions.
M N
3-Pin Plastic TO-92 Package (Taped and Reeled) and Carrier Dimensions
P1 P
INCHES MIN
C
MILLIMETERS MAX MIN 2.00 12.2 12.4 3.8 5.85 4.2 17.0 15.5 5.7 8.5 TYP 12.7 12.7 4.0 6.35 5.0 18.0 16.0 6.0 9.0 MAX 13.2 13.0 4.2 6.85 5.6 19.0 16.5 6.3 9.5
TYP -
C 0.079 P
0.480 0.500 0.520
Ho Wo
Po 0.488 0.500 0.512 Do 0.150 0.157 0.165 P1 0.230 0.250 0.256
W
W1
Fo 0.165 0.197 0.220 W 0.669 0.709 0.748 Ho 0.610 0.630 0.649
F1 Do Po Fo
Wo 0.224 0.236 0.248 W1 0.335 0.354 0.374
Note: For 3L TO92, 2,000 units per Reel
Copyright (c) 2006 ADDtek Corp.
5
DD061_D
-- JUNE 2006
AMC78L05
8-Pin Plastic S.O.I.C.
A
MIN A 0.183 0.144 0.068 0.010 0.015 INCHES TYP MAX 0.202 0.163 0.074 0.020 0.035 MILLIMETERS MIN 4.65 3.66 1.73 0.25 0.38 TYP 1.27 BSC 0.19 0.13 4.80 5.79 0.25 0.25 5.21 8 6.20 MAX 5.13 4.14 1.88 0.51 0.89
B F
P
B C D
D
G L C
F G J
0.050 BSC 0.007 0.005 0.189 0.228 0.010 0.010 0.205 8 0.244
SEATING PLAN
K
M J
K L
Note: For 8 pin S.O.I.C., 100 units per tube
M P
3-Pin Surface Mount SOT-89
INCHES MIN TYP MAX 0.181 0.102 0.063 0.017 0.090 0.019 MILLIMETERS MIN 4.39 2.28 1.39 0.38 2.13 0.33 TYP 1.49 BSC 2.99 BSC 0.45 3.94 1.70 0 0.89 0.55 4.24 1.82 8 1.19 MAX 4.59 2.59 1.60 0.43 2.28 0.48
A L
C D
A B
0.173 0.090
C 0.055 D 0.015
K N F J G H
B
E
E F
0.084 0.016
M
G H J K L M
0.059 BSC 0.118 BSC 0.018 0.155 0.067 0 0.022 0.167 0.072 8 0.047
N 0.035
Copyright (c) 2006 ADDtek Corp.
6
DD061_D
-- JUNE 2006
AMC78L05
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of its products to the specifications applicable at the time of sale.
ADDtek Corp. 9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105 TEL: 2-25700299 FAX: 2-25700196
Copyright (c) 2006 ADDtek Corp.
7
DD061_D
-- JUNE 2006


▲Up To Search▲   

 
Price & Availability of AMC78L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X