Part Number Hot Search : 
HD14012 10406 KRA728E IRL81A BR206 7073598 BAT240A MAX2644
Product Description
Full Text Search
 

To Download AL875 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AL875
High Speed Triple 8-bit ADC
Applications
- - - - LCD/PDP Monitors LCD Projectors Other Flat Panel Displays High-end Video/Graphics Processing
* * * * * * * * * * * * * High speed 8-bit ADC up to 110MHz encode rate Support display resolution up to 1280x1024 at 60Hz Low power dissipation (0.8W typical at 3.3V, 110MHz) 0.6~2.0V p-p analog input range 10k~1MHz HSYNC locking range Full programmability via I2C interface Support automatic screen positioning Support automatic clock phase adjustment TTL compatible digital inputs and outputs High impedance tri-state output Power-down mode Single 3.3 volt power with 5 volt tolerant I/O 100-pin 14x20 mm PQFP package
Description
The AL875 is a high-speed triple 8-bit monolithic analog-to-digital converter (ADC) designed for digitizing RGB graphics/video signal or other applications. Its 110 MHz conversion rate can support display resolution up to 1280x1024 at 60Hz.
ADDR1/2 SDA SCL
CKEXT IIC Interface & Control Logic HSYNC Digital Logic Circuits VSYNC CK REF CP
RIN VRT VN VRB
T/H
ADC/R
Output Logic
ROUT<7:0>
GIN VRT VN VRB
T/H
ADC/G
Output Logic
GOUT<7:0>
BIN VRT VN VRB
T/H
ADC/B
Output Logic
BOUT<7:0>
/OE
AL875-01a functional block diagram.vsd
AVERLOGIC TECHNOLOGIES, INC. E-mail: sales_usa@averlogic.com AVERLOGIC TECHNOLOGIES, CORP. E-mail: sales@averlogic.com.tw
URL: www.averlogic.com URL: www.averlogic.com.tw
February 25, 2003
The AL875 is a high-speed triple 8-bit monolithic analog-to-digital converter (ADC) designed for digitizing RGB graphics/video signal or other applications. Its 110 MHz conversion rate can support display resolution of up to 1280x1024 at 60Hz refresh rate. The AL875 accepts 0.6~2.0V analog input range without using pre-amplifiers which may reduce the overall S/N ratio. Digitized data is piped at the full clock rate to the 24-bit output port. The AL875 uses 3.3V power with 5V tolerant I/O and low power dissipation. The sampling clock is provided by an external clock source, usually a PLL, which multiplies the frequency of the input reference clock (usually a HSYNC signal) to generate the sampling clock. The AL875 provides a programmable PLL divider up to 4096. In addition, the input active horizontal and vertical starting and ending positions can be detected to ensure that the whole picture fits into the displayable region of the screen. Through an I2C interface, the AL875 is fully programmable to support various graphic resolutions. Analog graphic/video signals such as RGB, YCbCr and YPbPr can be digitized by the AL875. The digitized data can then be processed by the AL250/251 line doubler, AL300 LCD controller, or other proprietary designs for various applications.
Ordering Information
Part number AL875 Package 100-pin QFP Power supply +3.3 volt Maximum Operating Frequency 110MHz
For more information about the AL875 or other AverLogic products, please contact your local authorized representatives, visit our website, or contact us directly.
DISTRIBUTED BY:
AVERLOGIC TECHNOLOGIES, INC. E-mail: sales_usa@averlogic.com AVERLOGIC TECHNOLOGIES, CORP. E-mail: sales@averlogic.com.tw
URL: www.averlogic.com URL: www.averlogic.com.tw
February 25, 2003


▲Up To Search▲   

 
Price & Availability of AL875

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X