Part Number Hot Search : 
Y5DU56 LAA120PL 9479E BAR64 MBR40 M62353GP W7NK90Z AR35D
Product Description
Full Text Search
 

To Download AB-0151WD-12V0-M00-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
HIGH POWER LED BULB
Data Sheet
Description: These high power LED bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 5mm round shaped radiation pattern (60) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
High efficiency LED materials are used in this Bulb. Every lamp is made with an resistant Saving power advanced optical grade Long life epoxy offering superior high shock and high temperature resistance in outdoor applications.
Feature: Wide view angle High luminous output Solid-state Vibration
Option: 12V AC/DC Other industry standard base.
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
A-BRIGHT 1 7/2/2007
A - B RI G H T
PACKAGE DIMENSIONS:
A-BRIGHT INDUSTRIAL CO., LTD.
High Power LED Bulb
Part No.: AB-0151WD-12V0-M00-S
NOTE:
1.All dimensions are in millimeter. 2.Bulb base :MR16. 3.All tolerance are 0.5mm.
A-BRIGHT 2 7/2/2007
A - B RI G H T
FEATURE:
1x1W HI-POWER LED.
A-BRIGHT INDUSTRIAL CO., LTD.
High Power LED Bulb
Part No.: AB-0151WD-12V0-M00-S
SUPER LUMINOSITY WHITE LED (InGaN). YELLOW DIFFUSED PACKAGE. USING COPPER, HIGH PRECISION OPTICAL GLASS, ELECTRONIC CERAMIC AND OTHER RAW MATERIALS. WIDE VIEWING ANGLE. BASE MODEL MR16. ELECTRIC AC/DC BI-POLAR. RoHS APPROVALS.
ABSOLUTE MAXIMUM RATING:
Ta = 25 50 TO 60 Hz 20 TO 40 40 TO 85 30000 HOURS
OPERATING FREQUENCY ......................... OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE......................................
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25
* Lamp house Material/Parameter
Chromaticity
Luminous Flux Min. --Typ. 30
Forward Voltage Typ. 3.6 Max. 4.5
View Angle Typ. 60
Spec.
Input Voltage
LED Q'TY
Emitting Color
Coordinates
Typ. LED 12V (AC/DC) 1 WHITE ---
A-BRIGHT 3 7/2/2007


▲Up To Search▲   

 
Price & Availability of AB-0151WD-12V0-M00-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X