Part Number Hot Search : 
00111 TS4999 BR9069 BR9069 167BZI PST9334U PST9334U 80500
Product Description
Full Text Search
 

To Download 5STP10D1201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDRM IT(AV)M IT(RMS) ITSM V(T0) rT
= = = = = =
1600 969 1521 15x103 0.933 0.302
V A A A V m
Phase Control Thyristor
5STP 10D1601
Doc. No. 5SYA1057-01 March 05
* * *
Low on-state and switching losses Designed for traction, energy and industrial applications Optimum power handling capability
Blocking
Maximum rated values
1)
Symbol VDRM, VRRM dV/dtcrit Parameter
Conditions f = 50 Hz, tp = 10 ms Exp. to 1070 V, Tvj = 125C Symbol Conditions IDRM IRRM
5STP 10D1601 5STP 10D1401 1600 V 1400 V 1000 V/s min typ
5STP 10D1201 1200 V
Characteristic values
max 70 70
Unit mA mA
Forward leakage current Reverse leakage current
VDRM, Tvj = 125C VRRM, Tvj = 125C
Mechanical data
Maximum rated values
1)
Parameter Mounting force Acceleration Acceleration
Characteristic values
Symbol Conditions FM a a Device unclamped Device clamped
min 8
typ 10
max 12 50 100
Unit kN m/s m/s Unit kg mm mm
2 2
Parameter Weight Surface creepage distance
Symbol Conditions m DS
min 25
typ
max 0.26
Air strike distance Da 14 1) Maximum rated values indicate limits beyond which damage to the device may occur
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
5STP 10D1601
On-state
Maximum rated values
1)
Parameter Average on-state current RMS on-state current Peak non-repetitive surge current Limiting load integral Peak non-repetitive surge current Limiting load integral
Characteristic values
Symbol Conditions IT(AV)M IT(RMS) ITSM I2t ITSM I2t tp = 10 ms, Tvj = 125 C, VD = VR = 0 V tp = 8.3 ms, Tvj = 125 C, VD = VR = 0 V Half sine wave, Tc = 70C
min
typ
max 969 1521 15x10
3
Unit A A A
6
1.13x10 16x10
3
A2s A
1.06x10 min typ max 1.4 0.933 0.302 Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C 170 90 450 350
6
A2s Unit V V m mA mA mA mA
Parameter On-state voltage Threshold voltage Slope resistance Holding current Latching current
Symbol Conditions VT V(T0) rT IH IL IT = 1500 A, Tvj = 125 C IT = 1000 A - 3600 A, Tvj= 125 C
Switching
Maximum rated values
1)
Parameter Critical rate of rise of onstate current Critical rate of rise of onstate current
Symbol Conditions di/dtcrit di/dtcrit Tvj = 125 C, IT = IT(AV), VD 1070 V, IFG = 2 A, tr = 0.3 s Cont. f = 50 Hz Cont. f = 1 Hz
min
typ
max 200 1000
Unit A/s A/s s
Circuit-commutated turn-off tq time
Characteristic values
Tvj = 125C, ITRM = 1500 A, VR = 200 V, diT/dt = -12.5 A/s, VD 0.67VDRM, dvD/dt = 50V/s min
150
Parameter Recovery charge
Symbol Conditions Qrr Tvj = 125C, ITRM = 1500 A, VR = 200 V, diT/dt = -12.5 A/s VD = 0.4VRM, IFG = 2 A, tr = 0.3 s, Tvj = 25 C
typ 1400
max
Unit As
Gate turn-on delay time
tgd
2
s
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1057-01 March 05 page 2 of 6
5STP 10D1601
Triggering
Maximum rated values
1)
Parameter Peak forward gate voltage Peak forward gate current Peak reverse gate voltage Mean forward gate power
Characteristic values
Symbol Conditions VFGM IFGM VRGM PG(AV) Symbol Conditions VGT Tvj = -40 C Tvj = 25 C Tvj = 125 C
min
typ
max 12 10 10 3
Unit V A V W Unit V
Parameter Gate-trigger voltage
min
typ
max 4 3
0.25
2 500 250 mA
Gate-trigger current
IGT
Tvj = -40 C Tvj = 25 C Tvj = 125 C 10
150
Thermal
Maximum rated values
1)
Parameter Operating junction temperature range
Characteristic values
Symbol Conditions Tvj
min -40 -40 min
typ
max 125 125
Unit C C Unit K/kW K/kW K/kW K/kW K/kW
Storage temperature range Tstg Parameter Symbol Conditions Double-side cooled Fm = 8...12 kN Anode-side cooled Fm = 8...12 kN Cathode-side cooled Fm = 8...12 kN Double-side cooled Fm = 8...12 kN Single-side cooled Fm = 8...12 kN
typ
max 32 52 83 7.5 15
Thermal resistance junction Rth(j-c) to case Rth(j-c)A Rth(j-c)C Thermal resistance case to Rth(c-h) heatsink Rth(c-h)
Analytical function for transient thermal impedance:
Zth(j-c) (t) = R th i (1 - e-t/ i )
i =1
i Rth i(K/kW) i(s) 1 13.070 0.4857 2 8.030 0.2162 3 8.200 0.0762 4 2.700 0.0043 Fig. 1 Transient thermal impedance junction-to case.
n
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1057-01 March 05 page 3 of 6
5STP 10D1601
2 i dt
6000
24
1,5
I TSM
22 1,4 1,3 1,2 1,1 1 0,9 0,8 0,7 100
5000
20
4000
18 16 14 12
3000
2000
1000
10
0 0 1 2 3 VT (V)4
8 1 10 t ( ms )
Fig. 2 Max. on-state voltage characteristics
7
Fig. 3 Surge forward current vs. pulse length. Half sine wave, single pulse, VR = 0 V
VG ( V )
14 V FGM
VG ( V )
6
DC = P GAVm
12
5
-40 C
10
500s 1ms
4
+25 C
8
2
IGTmin
+125 C
4
1
V GTmin
2
10ms DC = P GAVm
0 0
0
0,5
1
0 IG ( A )
2
4
6
8
10
IFGM
3
6
12
IG ( A )
Fig. 4 Gate trigger characteristics
Fig. 5 Gate trigger characteristics
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1057-01 March 05 page 4 of 6
i 2dt (106 A2s)
ITSM ( kA )
IT ( A )
7000
25C
125C
26
1,6
5STP 10D1601
PT ( W )
PT ( W ) 1800 1600 1400 1200 1000 800 600 400 200 0 0 200 400 600 800 1000 1200
180 = 30 60 90 120 DC
1800 1600
= 30 60 90 120 180 270 DC
1400 1200 1000 800 600 400 200 0 0 200 400 600 800 1000 1200
I TAV ( A )
I TAV ( A )
Fig. 6 Forward power loss vs. average forward current, sine waveform, f = 50 Hz, T = 1/f
TC ( C )
130
Fig. 7 Forward power loss vs. average forward current, square waveform, f = 50 Hz, T = 1/f
TC ( C )
130
120
120
110
110
100
100
90
90
80
80
DC
70 70
DC 270
60 0 200
= 30 60
400 600
90 120180
800 1000 1200
60 0 200
= 30 60 90120 180
400 600 800 1000 1200
I TAV ( A )
I TAV ( A )
Fig. 8 Max. case temperature vs.average forward current, sine waveform, f = 50Hz, T = 1/f
Fig. 9 Max. case temperature vs.average forward current, square waveform, f = 50Hz, T = 1/f
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1057-01 March 05 page 5 of 6
5STP 10D1601
RED WHITE
Fig. 10 Device Outline Drawing.
Related application notes:
Doc. Nr 5SYA2020 5SYA2034 5SYA 2036 Titel Design of RC-Snubber for Phase Control Applications Gate-drive Recommendations for PCT's Recommendations regarding mechanical clamping of Press Pack High Power Semiconductors
Please refer to http://www.abb.com/semiconductors for actual versions.
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
ABB Switzerland Ltd Semiconductors Fabrikstrasse 3 CH-5600 Lenzburg, Switzerland Telephone Fax Email Internet +41 (0)58 586 1419 +41 (0)58 586 1306 abbsem@ch.abb.com www.abb.com/semiconductors
Doc. No. 5SYA1057-01 March 05


▲Up To Search▲   

 
Price & Availability of 5STP10D1201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X