Part Number Hot Search : 
ZHCS400T 16F100M T90S23 B120N BH6519FS C2895A C100KC IRF7433
Product Description
Full Text Search
 

To Download 5SMY12K1201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCE IC
= =
1200 V 100 A
IGBT-Die
5SMY 12K1201
Die size: 11.9 x 11.2 mm
Doc. No. 5SYA1635-01 Sep 06
* Ultra low loss thin IGBT die * Highly rugged SPT+ design * Large bondable emitter area
Maximum rated values
Parameter Collector-emitter voltage DC collector current Peak collector current Gate-emitter voltage IGBT short circuit SOA Junction temperature
1)
1)
Symbol Conditions VCES IC ICM VGES tpsc Tvj VCC = 900 V, VCEM 1200 V VGE 15 V, Tvj 125 C Limited by Tvjmax VGE = 0 V, Tvj 25 C
min
max 1200 100 200
Unit V A A V s C
-20
20 10
-40
150
Maximum rated values indicate limits beyond which damage to the device may occur per IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
5SMY 12K1201
IGBT characteristic values
Parameter Collector (-emitter) breakdown voltage Collector-emitter saturation voltage Collector cut-off current Gate leakage current Gate-emitter threshold voltage Gate charge Input capacitance Output capacitance Reverse transfer capacitance Internal gate resistance Turn-on delay time Rise time Turn-off delay time Fall time
2)
Symbol Conditions V(BR)CES VCE sat ICES IGES VGE(TO) Qge Cies Coes Cres RGint td(on) tr td(off) tf VCC = 600 V, IC = 100 A, RG = 10 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 100 A, RG = 10 , VGE = 15 V, L = 60 nH, inductive load VCC = 600 V, IC = 100 A, VGE = 15 V, RG = 10 , L = 60 nH, inductive load, FWD: 5SLX 12H1200 VCC = 600 V, IC = 100 A, VGE = 15 V, RG = 10 , L = 60 nH, inductive load Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C VGE = 0 V, IC = 1 mA, Tvj = 25 C IC = 100 A, VGE = 15 V VCE = 1200 V, VGE = 0 V Tvj = 25 C Tvj = 125 C Tvj = 25 C Tvj = 125 C
min 1200
typ
max
Unit V
1.8 2.0 100 400 -200 5 6.2 1050 7.43 0.52 0.34 2 125 135 60 60 420 490 60 75 8.6 200 7
V V A A nA V nC nF ns ns ns ns
VCE = 0 V, VGE = 20 V, Tvj = 125 C IC = 4 mA, VCE = VGE, Tvj = 25 C IC = 100 A, VCE = 600 V, VGE = -15 ..15 V VCE = 25 V, VGE = 0 V, f = 1 MHz, Tvj = 25 C
Turn-on switching energy
Eon
mJ 12.4 6.8 mJ 10.8 470 A
Turn-off switching energy
Eoff
Short circuit current
2)
ISC
tpsc 10 s, VGE = 15 V, Tvj = 125 C, VCC = 900 V, VCEM 1200 V
Characteristic values according to IEC 60747 - 9
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1635-01 Sep 06 page 2 of 5
5SMY 12K1201
Mechanical properties
Parameter Overall die L x W Dimensions exposed L x W (except gate pad) front metal gate pad thickness Metallization
3) 3)
Unit 11.9 x 11.2 10.4 x 9.7 1.2 x 1.22 130 20 AlSi1 Al / Ti / Ni / Ag 4 1.2 mm mm mm m m m
LxW
front (E) back (C)
For assembly instructions refer to : IGBT and Diode chips from ABB Switzerland Ltd, Semiconductors, Doc. No. 5SYA 2033.
Outline drawing
1.31 1.20 0.05
G 11.19 0.05 1.22 0.05 1.32
10.06
9.67
Emitter
10.37 10.77 11.89 0.05
Note: all dimensions are shown in mm
This is an electrostatic sensitive device, please observe the international standard IEC 60747-1, Chap. IX. This product has been designed and qualified for Industrial Level.
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1635-01 Sep 06 page 3 of 5
5SMY 12K1201
300
200 VCE = 20 V 180
250 25 C 200
160 140 125 C 120 IC [A]
IC [A]
150
100 80
100
60 40 20 VGE = 15 V 125 C 25 C
50
0 0 1 2 VCE [V] 3 4 5
0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 VGE [V]
Fig. 1
Typical on-state characteristics
Fig. 2
Typical transfer characteristics
100 90 80 70 Eon, Eoff [mJ] 60 50 40 30 20 Eoff 10
Esw [mJ] = 1.23 x 10 x I C + 2.33 x 10 x IC + 7.29
-3 2 -2
45 VCC = 600 V RG = 10 ohm VGE = 15 V Tvj = 125 C L = 60 nH Eon, Eoff [mJ] 40 35 30 25 20 15 Eoff 10 5 0 0 50 100 150 IC [A] 200 250 300 0 10 20 30 40 50 60 70 RG [ohm] VCC = 600 V IC = 100 A VGE = 15 V Tvj = 125 C L = 60 nH Eon
Eon
0
Fig. 3
Typical switching characteristics vs collector current
Fig. 4
Typical switching characteristics vs gate resistor
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1635-01 Sep 06 page 4 of 5
5SMY 12K1201
20
10 Cies VCC = 600 V
15 VCC = 800 V VGE [V]
VGE = 0 V fOSC = 1 MHz VOSC = 50 mV C [nF] 1 Coes
10
Cres 5
IC = 100 A Tvj = 25 C 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 Qg [C] 0.9 1.0 0.1 0 5 10 15 20 VCE [V] 25 30 35
Fig. 5
Typical gate charge characteristics
Fig. 6
Typical capacitances vs collector-emitter voltage
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
ABB Switzerland Ltd Semiconductors Fabrikstrasse 3 CH-5600 Lenzburg, Switzerland Telephone Fax Email Internet +41 (0)58 586 1419 +41 (0)58 586 1306 abbsem@ch.abb.com www.abb.com/semiconductors
Doc. No. 5SYA1635-01 Sep 06


▲Up To Search▲   

 
Price & Availability of 5SMY12K1201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X