Part Number Hot Search : 
EP8250 DL41A NJM2723 DPH140T PWR4006 TQRLC PP80N0 NOA1312
Product Description
Full Text Search
 

To Download 31DF4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 31DF4 THRU 31DF6
3.0 AMPS. Ultra Fast Recovery Rectifiers
Voltage Range 400 to 600 Volts Current 3.0 Amperes
Features
Low forward voltage drop Low power loss, high efficiency High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MILSTD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 1.2 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol Type Number 31DF4 Maximum Recurrent Peak Reverse Voltage VRRM 400 Maximum RMS Voltage VRMS 280 Maximum DC Blocking Voltage VDC 400
Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 29 (Note 1) @TL = 109 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
31DF6 600 420 600 1.2 3.0 45 1.7 20
Units V V V A A V uA nS /W
I(AV)
IFSM VF IR Trr RJA TJ TSTG
35 80 -40 to +150 -40 to +150
Notes: 1. Without Fin or P.C.Board.. 2. Thermal Resistance from Junction to Ambient .375"(9.5mm) Lead Length. 3. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
- 246 -
RATINGS AND CHARACTERISTIC CURVES (31DF4 THRU 31DF6)
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
4 200
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
3
100
Tj=25 0C
2
50 40 30 20 8.3ms Single Half Sine Wave JEDEC Method
1
Single Phase Half Wave 50 HZ Inductive Load 0.375" (9.5mm) Lead Length
0 0 25 50 75 100 125 150 175 LEAD TEMPERATURE. (OC)
10 1 2 3 5 8 10 20 30 50 80 100 NUMBER OF CYCLES AT 60 Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
100
30
INSTANTANEOUS FORWARD CURRENT. (A)
10
3
1
0.3
0.1
0.03
Tj=25OC Pulse Width=300 s 1% Duty Cycle 1.5 1.6 1.7 1.8 1.9 2.0 2.1
0.01 1.4
FORWARD VOLTAGE. (V)
- 247 -


▲Up To Search▲   

 
Price & Availability of 31DF4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X