Part Number Hot Search : 
F11NM OA4ZHA MSG10407 BU4845G 12150 6100CT MB252W 74LVCH16
Product Description
Full Text Search
 

To Download 2SA844 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SA844
FEATURES Power dissipation
TRANSISTOR (PNP) TO-92
1. EMITTER
PCM : 0.3 W (Tamb=25) Collector current ICM: -0.1 A Collector-base voltage V(BR)CBO : -55 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
2. COLLECTOR
3. BASE
123
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE(on) Test conditions MIN -55 -55 -5 -0.1 -0.05 160 800 -0.5 -0.75 150 V V MHz TYP MAX UNIT V V V A A
Ic= -10A , IE=0 IC= -1mA , IB=0 IE= -10A, IC=0 VCB= -18V , IE=0 VEB= -2 V , IC=0
VCE=-12V, IC= -2mA IC= -10mA, IB= -1 mA VCE= -12V, IC= -2mA VCE=-12V, IC= -2mA
Transition frequency
fT
CLASSIFICATION OF hFE
Rank Range C 160-320 D 250-500 E 400-800


▲Up To Search▲   

 
Price & Availability of 2SA844

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X