Part Number Hot Search : 
10005 TIP35 00LVEL BAS40L 431AS HT2263 FARM1T13 05220
Product Description
Full Text Search
 

To Download 2SA1296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SA1296
FEATURES Power dissipation PCM : 0.75 W (Tamb=25)
2. COLLECTOR
TRANSISTOR (PNP) TO-92
1. EMITTER
Collector current : -2 A ICM Collector-base voltage V V(BR)CBO : -20 Operating and storage junction temperature range TJ, Tstg: -55 to +150
3. BASE
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE(sat) VBE
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=-0.1mA, IE=0 Ic=-10mA, IB=0 IE=-0.1mA, IC=0 VCB=-20V, IE=0 VEB=-6V, IC=0 VCE=-2V, IC=-0.1A VCE=-2V, IC=-2A IC=-2A, IB=-0.1A VCE=-2V, IC=-0.1A VCE=-2V, IC=-0.5A VCB=-10V, IE=0,f=1MHz
-20 -20 -6 -0.1 -0.1 120 40 -0.5 -0.85 120 40 400
A A
V V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking Y 120-240 GR 200-400


▲Up To Search▲   

 
Price & Availability of 2SA1296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X