Part Number Hot Search : 
EN25Q40 HSIP185 00002 A2V15 BZT52B75 BZT52B75 BZX51 259685
Product Description
Full Text Search
 

To Download 1SS419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS419
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS419
High-Speed Switching Applications
* * * Small package Low forward voltage: VF (3) = 0.56 V (typ.) Low reverse current: IR = 5 A (max) Unit: mm
CATHODE MARK
Rating 45 40 200 100 1 100 125 -55~125 -40~100 Unit V V mA mA A mW C C C
Absolute Maximum Ratings (Ta = 25C)
Characteristic Maximum (peak) reverse voltage Reverse voltage Maximum (peak) forward current Average forward current Surge current (10 ms) Power dissipation Junction temperature Storage temperature range Operating temperature range Symbol VRM VR IFM IO IFSM P* Tj Tstg Topr
sESC
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). * Mounted on a glass-epoxy circuit board of 20 x 20 mm, pad dimensions of 4 x 4 mm.
JEDEC JEITA TOSHIBA 1-1K1A Weight: 0.0011 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Symbol VF (1) Forward voltage VF (2) VF (3) Reverse current Total capacitance IR CT IF = 1 mA IF = 10 mA IF = 50 mA VR = 40 V VR = 0, f = 1 MHz Test Condition Min Typ. 0.28 0.36 0.56 15 Max 0.62 5 A pF V Unit
Equivalent Circuit (Top View)
Marking
X
1
2007-11-01
1SS419
IF - VF
100
IR - VR
100u 100 Ta=100C 10u 10 75 50 25
FORWARD CURRENT IF (mA)
10
Ta = 100C
REVERSE CURRENT IR (A)
1u 1
100n 0
25
-25
10n 0
0
1
1n 0
-25
0 100p
0.1 0 0.2 0.4 0.6 FORWORD VOLTAGE VF (V) 0.8
0 10p 0 10 20 REVERSE VOLTAGE 30
VR (V)
40
CT - VR
100 TOTAL CAPACITANCE CT (pF) P (mW) Ta = 25C f = 1MHz 140 120 100 80 60 40 20 0 0 10 20 30 40 0 25 50
P - Ta
Mounted on a glass glassepoxy circuit board of 20 x 20 mm, pad dimensions of 4 x 4 mm.
10
1
0.1 REVERSE VOLTAGE VR (V)
POWER DISSIPATION
75
100
125
150
AMBIENT TEMPERATURE Ta (C)
2
2007-11-01
1SS419
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
3
2007-11-01


▲Up To Search▲   

 
Price & Availability of 1SS419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X