Part Number Hot Search : 
BA4558N CHEST 2SJ244 2689J2 C68HC711 IN1232 ARL156 UR460
Product Description
Full Text Search
 

To Download 1N4007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G THRU 1N4007G
1.0 AMP. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-41
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.34 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 1N Symbol 1N Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 75 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125
1N 1N 1N 1N 1N 4001G 4002G 4003G 4004G 4005G 4006G 4007G
Units V V V A A V uA uA pF
O
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.0
600 420 600
800 1000 560 700 800 1000
5.0 100 Typical Junction Capacitance ( Note 1 ) Cj 10 Typical Thermal Resistance (Note 2) RJA 65 Operating and Storage Temperature Range TJ,TSTG - 65 to + 150 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
C/W
- 534 -
RATINGS AND CHARACTERISTIC CURVES (1N4001G THRU 1N4007G)
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
50
1.50 1.25 1.00 0.75 0.5 0.25 0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
40
30
10
20
0
1
2
4
6
8 10
20
40
60 80 100
25
50
75
100
o
125
150
175
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL JUNCTION CAPACITANCE
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
0.1 0.5 1 2 5 10
JUNCTION CAPACITANCE.(pF)
1
10
0.1
1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
- 535 -


▲Up To Search▲   

 
Price & Availability of 1N4007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X