Part Number Hot Search : 
1N5266B LC020 16245 2SK21 TS0013A 1N6082B UT7Q512 1005C
Product Description
Full Text Search
 

To Download W78L058A24DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W78LE58/W78L058A 8-BIT MICROCONTROLLER
Table of Contents1. 2. 3. 4. 5. 6. 7. 8. 9. GENERAL DESCRIPTION .............................................................................................................. 2 FEATURES...................................................................................................................................... 2 PIN CONFIGURATIONS ................................................................................................................. 3 PIN DESCRIPTION ......................................................................................................................... 4 FUNCTIONAL DESCRIPTION ........................................................................................................ 5 SECURITY..................................................................................................................................... 17 ABSOLUTE MAXIMUM RATINGs................................................................................................. 18 DC CHARACtERISTICS................................................................................................................ 19 AC CHARACTERISTICS............................................................................................................... 21
10. TIMING WAVEFORMS.................................................................................................................. 23 11. TYPICAL APPLICATION CIRCUIT ............................................................................................... 25 11.1 Expanded External Data Memory and Oscillator ............................................................ 26 12. PACKAGE DIMENSIONS.............................................................................................................. 27 13. REVISION HISTORY..................................................................................................................... 34
-1-
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
1. GENERAL DESCRIPTION
The W78L058A is an 8-bit microcontroller which has an in-system programmable Flash EPROM for firmware updating. The instruction set of the W78L058A is fully compatible with the standard 8052. The W78L058A contains a 32K bytes of main ROM and a 4K bytes of auxiliary ROM which allows the contents of the 32KB main ROM to be updated by the loader program located at the 4KB auxiliary ROM; 512 bytes of on-chip RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 4-bit port P4; three 16-bit timer/counters; a serial port. These peripherals are supported by a eight sources two-level interrupt capability. To facilitate programming and verification, the ROM inside the W78L058A allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security. The W78L058A microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.
2. FEATURES
* Fully static design 8-bit CMOS microcontroller * 32K bytes of in-system programmable Flash EPROM for Application Program (APROM) * 4K bytes of auxiliary ROM for Loader Program (LDROM) * 512 bytes of on-chip RAM. (including 256 bytes of AUX-RAM, software selectable) * 64K bytes program memory address space and 64K bytes data memory address space * Four 8-bit bi-directional ports * One 4-bit multipurpose programmable port * Three 16-bit timer/counters * One full duplex serial port * Eight-sources, two-level interrupt capability * Built-in power management * Code protection * Packaged in
- Lead Free (RoHS) DIP 40:
W78L058A24DL
- Lead Free (RoHS) PLCC 44: W78L058A24PL - Lead Free (RoHS) PQFP 44: W78L058A24FL
-2-
W78LE58/W78L058A
3. PIN CONFIGURATIONS
40-Pin DIP
T2, P1.0 T2EX, P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 RST RXD, P3.0 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5 WR, P3.6 RD, P3.7 XTAL2 XTAL1 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD P0.0, AD0 P0.1, AD1 P0.2, AD2 P0.3, AD3 P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13 P2.4, A12 P2.3, A11 P2.2, A10 P2.1, A9 P2.0, A8
44-Pin PLCC
/ I N T 3 , P 4V .D 2D
44-Pin QFP
T 2 E X , P 1 . 1 / I N T 3 , P 4V .D 2D
P 1 . 4
P 1 . 3
P 1 . 2
T 2 E X , P 1 . 1
T 2 , P 1 . 0
A D 0 , P 0 . 0
A D 1 , P 0 . 1
A D 2 , P 0 . 2
A D 3 , P 0 . 3 P1.5 P1.6 P1.7 RST RXD, P3.0 INT2, P4.3 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5 1 2
P 1 . 4
P 1 . 3
P 1 . 2
T 2 , P 1 . 0
A D 0 , P 0 . 0
A D 1 , P 0 . 1
A D 2 , P 0 . 2
A D 3 , P 0 . 3
P1.5 P1.6 P1.7 RST RXD, P3.0 INT2, P4.3 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5
6 5 4 3 2 1 44 43 42 41 40 7 39 38 8 37 9 36 10 35 11 34 12 33 13 32 14 31 15 30 16 29 17 18 19 20 21 22 23 24 25 26 27 28 P 3 . 6 , / W R P 3 . 7 , / R D X T A L 2 X T A L 1 V S S P 4 . 0 P 2 . 0 , A 8 P 2 . 1 , A 9 P 2 . 2 , A 1 0 P 2 . 3 , A 1 1 P 2 . 4 , A 1 2
P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA P4.1 ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13
44 43 42 41 40 39 38 37 36 35 34 33 32 31 3 30 4 29 5 28 6 27 7 26 8 9 25 10 24 23 11 12 13 14 15 16 17 18 19 20 21 22 P 3 . 6 , / W R P 3 . 7 , / R D X T A L 2 XV TS AS L 1 P 4 . 0 P 2 . 0 , A 8 P 2 . 1 , A 9 P 2 . 2 , A 1 0 P 2 . 3 , A 1 1 P 2 . 4 , A 1 2
P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA P4.1 ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13
-3-
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
4. PIN DESCRIPTION
SYMBOL TYPE I DESCRIPTIONS EXTERNAL ACCESS ENABLE: This pin forces the processor to execute the external ROM. The ROM address and data will not be presented on the bus if the EA pin is high. PROGRAM STORE ENABLE: PSEN enables the external ROM data in the Port 0 address/data bus. When internal ROM access is performed, no PSEN strobe signal outputs originate from this pin. ADDRESS LATCH ENABLE: ALE is used to enable the address latch that separates the address from the data on Port 0. ALE runs at 1/6th of the oscillator frequency. RESET: A high on this pin for two machine cycles while the oscillator is running resets the device. CRYSTAL 1: This is the crystal oscillator input. This pin may be driven by an external clock. CRYSTAL 2: This is the crystal oscillator output. It is the inversion of XTAL1. GROUND: ground potential. POWER SUPPLY: Supply voltage for operation.
EA
PSEN
OH
ALE
OH
RST XTAL1 XTAL2 VSS VDD P0.0-P0.7 P1.0-P1.7 P2.0-P2.7 P3.0-P3.7 P4.0-P4.3
IL I O I I
I/O D PORT 0: Function is the same as that of standard 8052. I/O H PORT 1: Function is the same as that of standard 8052. I/O H PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides the upper address bits for accesses to external memory.
I/O H PORT 3: Function is the same as that of the standard 8052. I/O H PORT 4: A bi-directional I/O. See details below.
* Note: TYPE I: input, O: output, I/O: bi-directional, H: pull-high, L: pull-low, D: open drain
-4-
W78LE58/W78L058A
5. FUNCTIONAL DESCRIPTION
The W78L058A architecture consists of a core controller surrounded by various registers, four general purpose I/O ports, one special purpose programmable 4-bits I/O port, 512 bytes of RAM, three timer/counters, a serial port. The processor supports 111 different opcodes and references both a 64K program address space and a 64K data storage space.
RAM
The internal data RAM in the W78L058A is 512 bytes. It is divided into two banks: 256 bytes of scratchpad RAM and 256 bytes of AUX-RAM. These RAMs are addressed by different ways. * RAM 0H-7FH can be addressed directly and indirectly as the same as in 8051. Address pointers are R0 and R1 of the selected register bank. * RAM 80H-FFH can only be addressed indirectly as the same as in 8051. Address pointers are R0, R1 of the selected registers bank. * AUX-RAM 0H-FFH is addressed indirectly as the same way to access external data memory with the MOVX instruction. Address pointer are R0 and R1 of the selected register bank and DPTR register. An access to external data memory locations higher than FFH will be performed with the MOVX instruction in the same way as in the 8051. The AUX-RAM is disable after a reset. Setting the bit 4 in CHPCON register will enable the access to AUX-RAM. When AUX-RAM is enabled the instructions of "MOVX @Ri" will always access to on-chip AUX-RAM. When executing from internal program memory, an access to AUX-RAM will not affect the Ports P0, P2, WR and RD . Example, CHPENR REG F6H CHPCON REG BFH MOV CHPENR,#87H MOV CHPENR,#59H ORL CHPCON,#00010000B ; enable AUX-RAM MOV CHPENR,#00H MOV R0,#12H MOV A,#34H MOVX @R0,A ; Write 34h data to 12h address.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0, TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide control functions for timers 0, 1. The T2CON register provides control functions for Timer 2. RCAP2H and RCAP2L are used as reload/capture registers for Timer 2. The operations of Timer 0 and Timer 1 are the same as in the W78C51. Timer 2 is a 16-bit timer/counter that is configured and controlled by the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an external event counter or as an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating modes: capture, auto-reload, and baud rate generator. The clock speed at capture or auto-reload mode is the same as that of Timers 0 and 1.
-5-
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Clock
The W78L058A is designed with either a crystal oscillator or an external clock. Internally, the clock is divided by two before it is used by default. This makes the W78L058A relatively insensitive to duty cycle variations in the clock.
Crystal Oscillator
The W78L058A incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each pin to ground.
External Clock
An external clock should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as required by the crystal oscillator.
Power Management
Idle Mode Setting the IDL bit in the PCON register enters the idle mode. In the idle mode, the internal clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The processor will exit idle mode when either an interrupt or a reset occurs. Power-down Mode When the PD bit in the PCON register is set, the processor enters the power-down mode. In this mode all of the clocks are stopped, including the oscillator. To exit from power-down mode is by a hardware reset or external interrupts INT0 to INT1 when enabled and set to level triggered.
Reduce EMI Emission
The W78L058A allows user to diminish the gain of on-chip oscillator amplifier by using programmer to clear the B7 bit of security register. Once B7 is set to 0, a half of gain will be decreased. Care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may affect the external crystal operating improperly at high frequency. The value of C1 and C2 may need some adjustment while running at lower gain.
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to deglitch the reset line when the W78L058A is used with an external RC network. The reset logic also has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.
-6-
W78LE58/W78L058A
W78L058A Special Function Registers (SFRs) and Reset Values
F8 F0 E8 E0 D8 D0 C8 C0 B8 B0 A8 A0 98 90 88 80 Notes: 1.The SFRs marked with a plus sign(+) are both byte- and bit-addressable. 2. The text of SFR with bold type characters are extension function registers. +ACC 00000000 +P4 xxxx1111 +PSW 00000000 +T2CON 00000000 XICON 00000000 +IP 00000000 +P3 00000000 +IE 00000000 +P2 11111111 +SCON 00000000 +P1 11111111 +TCON 00000000 +P0 11111111 TMOD 00000000 SP 00000111 TL0 00000000 DPL 00000000 TL1 00000000 DPH 00000000 SBUF xxxxxxxx P41AL 00000000 TH0 00000000 P40AL 00000000 P41AH 00000000 TH1 00000000 P40AH 00000000 PCON 00110000 P43AL 00000000 P42AL 00000000 P43AH 00000000 P42AH 00000000 P2ECON 0000xx00 +B 00000000 CHPENR 00000000 FF F7 EF E7 DF D7 RCAP2L 00000000 P4CONA 00000000 RCAP2H 00000000 P4CONB 00000000 TL2 00000000 SFRAL 00000000 TH2 00000000 SFRAH 00000000 CF SFRFD 00000000 SFRCN 00000000 CHPCON 0xx00000 C7 BF B7 AF A7 9F 97 8F 87
Port 4 Port 4, address D8H, is a 4-bit multipurpose programmable I/O port. Each bit can be configured individually by software. The Port 4 has four different operation modes. Mode 0: P4.0-P4.3 is a bi-directional I/O port which is same as port 1. P4.2 and P4.3 also serve as external interrupt PSEN and INT2 if enabled. Mode 1: P4.0-P4.3 are read strobe signals that are synchronized with RD signal at specified addresses. These signals can be used as chip-select signals for external peripherals. Mode 2: P4.0-P4.3 are write strobe signals that are synchronized with WR signal at specified addresses. These signals can be used as chip-select signals for external peripherals.
-7-
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Mode 3: P4.0-P4.3 are read/write strobe signals that are synchronized with RD or WR signal at specified addresses. These signals can be used as chip-select signals for external peripherals. When Port 4 is configured with the feature of chip-select signals, the chip-select signal address range depends on the contents of the SFR P4xAH, P4xAL, P4CONA and P4CONB. The registers P4xAH and P4xAL contain the 16-bit base address of P4.x. The registers P4CONA and P4CONB contain the control bits to configure the Port 4 operation mode.
INT2 / INT3
Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register is bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To set/clear bits in the XICON register, one can use the "SETB ( CLR ) bit" instruction. For example, "SETB 0C2H" sets the EX2 bit of XICON. XICON - external interrupt control (C0H) PX3 EX3 IE3 IT3 PX2 EX2 IE2 IT2
PX3: External interrupt 3 priority high if set EX3: External interrupt 3 enable if set IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software PX2: External interrupt 2 priority high if set EX2: External interrupt 2 enable if set IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software Eight-source interrupt information: INTERRUPT SOURCE External Interrupt 0 Timer/Counter 0 External Interrupt 1 Timer/Counter 1 Serial Port Timer/Counter 2 External Interrupt 2 External Interrupt 3 VECTOR ADDRESS 03H 0BH 13H 1BH 23H 2BH 33H 3BH POLLING SEQUENCE WITHIN PRIORITY LEVEL 0 (highest) 1 2 3 4 5 6 7 (lowest) ENABLE REQUIRED SETTINGS IE.0 IE.1 IE.2 IE.3 IE.4 IE.5 XICON.2 XICON.6 INTERRUPT TYPE EDGE/LEVEL TCON.0 TCON.2 XICON.0 XICON.3
-8-
W78LE58/W78L058A
P4CONB (C3H)
BIT NAME FUNCTION 00: Mode 0. P4.3 is a general purpose I/O port which is the same as Port1. 01: Mode 1. P4.3 is a Read Strobe signal for chip select purpose. The address range depends on the SFR P43AH, P43AL, P43CMP1 and P43CMP0. 7, 6 P43FUN1 10: Mode 2. P4.3 is a Write Strobe signal for chip select purpose. The address P43FUN0 range depends on the SFR P43AH, P43AL, P43CMP1 and P43CMP0. 11: Mode 3. P4.3 is a Read/Write Strobe signal for chip select purpose. The address range depends on the SFR P43AH, P43AL, P43CMP1, and P43CMP0. Chip-select signals address comparison: 00: Compare the full address (16 bits length) with the base address register P43AH, P43AL. 5, 4 P43CMP1 01: Compare the 15 high bits (A15-A1) of address bus with the base address register P43AH, P43AL. P43CMP0 10: Compare the 14 high bits (A15-A2) of address bus with the base address register P43AH, P43AL. 11: Compare the 8 high bits (A15-A8) of address bus with the base address register P43AH, P43AL. 3, 2 1, 0 P42FUN1 The P4.2 function control bits which are the similar definition as P43FUN1, P42FUN0 P43FUN0. P42CMP1 The P4.2 address comparator length control bits which are the similar definition P42CMP0 as P43CMP1, P43CMP0.
P4CONA (C2H)
BIT 7, 6 5, 4 3, 2 1, 0 NAME FUNCTION P41FUN1 The P4.1 function control bits which are the similar definition as P43FUN1, P41FUN0 P43FUN0. P41CMP1 The P4.1 address comparator length control bits which are the similar definition P41CMP0 as P43CMP1, P43CMP0. P40FUN1 The P4.0 function control bits which are the similar definition as P43FUN1, P40FUN0 P43FUN0. P40CMP1 The P4.0 address comparator length control bits which are the similar definition P40CMP0 as P43CMP1, P43CMP0.
-9-
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
P2ECON (AEH)
BIT NAME FUNCTION The active polarity of P4.3 when pin P4.3 is defined as read and/or write strobe signal. = 1: P4.3 is active high when pin P4.3 is defined as read and/or write strobe signal. = 0: P4.3 is active low when pin P4.3 is defined as read and/or write strobe signal. The similarity definition as P43SINV. The similarity definition as P43SINV. The similarity definition as P43SINV. Reserve Reserve 0 0
7
P43CSINV
6 5 4 3 2 1 0
P42CSINV P41CSINV P40CSINV -
Port 4 Base Address Registers P40AH, P40AL: The Base address register for comparator of P4.0. P40AH contains the high-order byte of address, P40AL contains the low-order byte of address. P41AH, P41AL: The Base address register for comparator of P4.1. P41AH contains the high-order byte of address, P41AL contains the low-order byte of address. P42AH, P42AL: The Base address register for comparator of P4.2. P42AH contains the high-order byte of address, P42AL contains the low-order byte of address. P43AH, P43AL: The Base address register for comparator of P4.3. P43AH contains the high-order byte of address, P43AL contains the low-order byte of address. P4 (D8H) BIT 7 6 5 4 3 2 1 0 NAME P43 P42 P41 P40 Reserve Reserve Reserve Reserve Port 4 Data bit which outputs to pin P4.3 at mode 0. Port 4 Data bit. which outputs to pin P4.2 at mode 0. Port 4 Data bit. which outputs to pin P4.1at mode 0. Port 4 Data bit which outputs to pin P4.0 at mode 0. FUNCTION
- 10 -
W78LE58/W78L058A
Here is an example to program the P4.0 as a write strobe signal at the I/O port address 1234H-1237H and positive polarity, and P4.1-P4.3 are used as general I/O ports. MOV P40AH,#12H MOV P40AL,#34H MOV P4CONA,#00001010B MOV P4CONB,#00H MOV P2ECON,#10H
; Base I/O address 1234H for P4.0 ; P4.0 a write strobe signal and address line A0 and A1 are masked. ; P4.1-P4.3 as general I/O port which are the same as PORT1 ; Write the P40SINV = 1 to inverse the P4.0 write strobe polarity ; default is negative.
Then any instruction MOVX @DPTR,A (with DPTR = 1234H-1237H) will generate the positive polarity write strobe signal at pin P4.0. And the instruction MOV P4,#XX will output the bit3 to bit1 of data #XX to pin P4.3-P4.1.
P4xCSINV P4 REGISTER P4.x DATA I/O RD_CS MUX 4->1 WR_CS READ WRITE
RD/WR_CS PIN P4.x
ADDRESS BUS EQUAL REGISTER P4xAL P4xAH
P4xFUN0 P4xFUN1
Bit Length Selectable comparator REGISTER P4xCMP0 P4xCMP1
P4.x INPUT DATA BUS
In-System Programming (ISP) Mode
The W78L058A equips one 32K byte of main ROM bank for application program (called APROM) and one 4K byte of auxiliary ROM bank for loader program (called LDROM). In the normal operation, the microcontroller executes the code in the APROM. If the content of APROM needs to be modified, the W78L058A allows user to activate the In-System Programming (ISP) mode by setting the CHPCON register. The CHPCON is read-only by default, software must write two specific values 87H, then 59H sequentially to the CHPENR register to enable the CHPCON write attribute. Writing CHPENR register with the values except 87H and 59H will close CHPCON register write Publication Release Date: December 4, 2006 Revision A6
- 11 -
W78LE58/W78L058A
attribute. The W78L058A achieves all in-system programming operations including enter/exit ISP Mode, program, erase, read ... etc, during device in the idle mode. Setting the bit CHPCON.0 the device will enter in-system programming mode after a wake-up from idle mode. Because device needs proper time to complete the ISP operations before awaken from idle mode, software may use timer interrupt to control the duration for device wake-up from idle mode. To perform ISP operation for revising contents of APROM, software located at APROM setting the CHPCON register then enter idle mode, after awaken from idle mode the device executes the corresponding interrupt service routine in LDROM. Because the device will clear the program counter while switching from APROM to LDROM, the first execution of RETI instruction in interrupt service routine will jump to 00H at LDROM area. The device offers a software reset for switching back to APROM while the content of APROM has been updated completely. Setting CHPCON register bit 0, 1 and 7 to logic-1 will result a software reset to reset the CPU. The software reset serves as a external reset. This in-system programming feature makes the job easy and efficient in which the application needs to update firmware frequently. In some applications, the in-system programming feature make it possible to easily update the system firmware without opening the chassis.
Note: The ISP Mode operates by supply voltage from 3.3V to 5.5V.
SFRAH, SFRAL: The objective address of on-chip ROM in the in-system programming mode.
SFRAH contains the high-order byte of address, SFRAL contains the low-order byte of address.
SFRFD: The programming data for on-chip ROM in programming mode. SFRCN: The control byte of on-chip ROM programming mode. SFRCN (C7)
BIT 7 6 5 4 3, 2, 1, 0 NAME WFWIN OEN CEN CTRL[3:0] Reserve. On-chip ROM bank select for in-system programming. = 0: 32K bytes ROM bank is selected as destination for re-programming. = 1: 4K bytes ROM bank is selected as destination for re-programming. ROM output enable. ROM chip enable. The flash control signals FUNCTION
MODE Erase 32KB APROM Program 32KB APROM Read 32KB APROM Erase 4KB LDROM Program 4KB LDROM Read 4KB LDROM
WFWIN 0 0 0 1 1 1
CTRL<3:0> 0010 0001 0000 0010 0001 0000
OEN 1 1 0 1 1 0
CEN 0 0 0 0 0 0
SFRAH, SFRAL X Address in Address in X Address in Address in
SFRFD X Data in Data out X Data in Data out
- 12 -
W78LE58/W78L058A
In-System Programming Control Register (CHPCON)
CHPCON (BFH) BIT 7 6 5 4 3 2 NAME FUNCTION
When this bit is set to 1, and both FBOOTSL and FPROGEN are set to 1. It will SWRESET enforce microcontroller reset to initial condition just like power on reset. This (F04KMODE) action will re-boot the microcontroller and start to normal operation. To read this bit in logic-1 can determine that the F04KBOOT mode is running. ENAUXRAM
Reserve. Reserve. 1: Enable on-chip AUX-RAM. 0: Disable the on-chip AUX-RAM Must set to 0. Must set to 0.
0 0
1
0
The Program Location Select. 0: The Loader Program locates at the 32 KB APROM. 4KB LDROM is FBOOTSL destination for re-programming. 1: The Loader Program locates at the 4 KB memory bank. 32KB APROM is destination for re-programming. ROM Programming Enable. = 1: enable. The microcontroller enter the in-system programming mode after entering the idle mode and wake-up from interrupt. During in-system FPROGEN programming mode, the operation of erase, program and read are achieve when device enters idle mode. = 0: disable. The on-chip flash memory is read-only. In-system programmability is disabled.
F04KBOOT Mode (Boot From LDROM)
By default, the W78L058A boots from APROM program after a power on reset. On some occasions, user can force the W78L058A to boot from the LDROM program via following settings. The possible situation that you need to enter F04KBOOT mode when the APROM program can not run properly and device can not jump back to LDROM to execute in-system programming function. Then you can use this F04KBOOT mode to force the W78L058A jumps to LDROM and executes in-system programming procedure. When you design your system, you may reserve the pins P2.6, P2.7 to switches or jumpers. For example in a CD-ROM system, you can connect the P2.6 and P2.7 to PLAY and EJECT buttons on the panel. When the APROM program fails to execute the normal application program. User can press both two buttons at the same time and then turn on the power of the personal computer to force the W78L058A to enter the F04KBOOT mode. After power on of personal computer, you can release both buttons and finish the in-system programming procedure to update the APROM code. In application system design, user must take care of the P2, P3, ALE, EA and PSEN pin value at reset to prevent from accidentally activating the programming mode or F04KBOOT mode.
- 13 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
F04KBOOT MODE P4.3 X L P2.7 L X P2.6 L X MODE FO4KBOOT FO4KBOOT
The Reset Timing For Entering F04KBOOT Mode
P2.7
Hi-Z
P2.6
Hi-Z
RST
30 mS 10 mS
- 14 -
W78LE58/W78L058A
The Algorithm of In-System Programming
Part 1:32KB APROM START
procedure of entering In-System Programming Mode
Enter In-System Programming Mode ? (conditions depend on user's application) Yes
No
Setting control registers MOV CHPENR,#87H MOV CHPENR,#59H MOV CHPCON,#03H
Execute the normal application program
Setting Timer (about 1.5 us) and enable timer interrupt
END
Start Timer and enter idle Mode. (CPU will be wakened from idle mode by timer interrupt, then enter In-System Programming mode)
CPU will be wakened by interrupt and re-boot from 4KB LDROM to execute the loader program.
Go
- 15 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Part 2: 4KB LDROM
Go Procedure of Updating the 32KB APROM
Timer Interrupt Service Routine: Stop Timer & disable interrupt PGM
Yes Is F04KBOOT Mode? (CHPCON.7=1) No Reset the CHPCON Register: MOV CHPENR,#87H MOV CHPENR,#59H MOV CHPCON,#03H Setting Timer and enable Timer interrupt for wake-up . (50us for program operation) End of Programming ?
Yes
No
Is currently in the F04KBOOT Mode ? No Software reset CPU and re-boot from the 32KB APROM. MOV CHPENR,#87H MOV CHPENR,#59H MOV CHPCON,#83H
Yes
Get the parameters of new code
Setting Timer and enable Timer interrupt for wake-up . (15 ms for erasing operation) (Address and data bytes) through I/O ports, UART or other interfaces.
Setting erase operation mode: MOV SFRCN,#22H (Erase 32KB APROM)
Setting control registers for programming: MOV SFRAH,#ADDRESS_H MOV SFRAL,#ADDRESS_L MOV SFRFD,#DATA MOV SFRCN,#21H
Start Timer and enter IDLE Mode. (Erasing...)
Hardware Reset to re-boot from new 32 KB APROM. (S/W reset is invalid in F04KBOOT Mode)
End of erase operation. CPU will be wakened by Timer interrupt.
END
Executing new code from address 00H in the 32KB APROM.
PGM
- 16 -
W78LE58/W78L058A
6. SECURITY
During the on-chip ROM programming mode, the ROM can be programmed and verified repeatedly. Until the code inside the ROM is confirmed OK, the code can be protected. The protection of ROM and those operations on it are described below. The W78L058A has a Security Register that can be accessed in programming mode. Those bits of the Security Registers can not be changed once they have been programmed from high to low. They can only be reset through erase-all operation. The Security Register is located at the 0FFFFH of the LDROM space.
B7 Reserved
B2 B1 B0
Security Bits
4KB On-chip ROM Program Memory LDROM
0000h 32KB On-chip ROM Program Memory 0FFFh APROM
B0: Lock bit, logic 0: active B1: MOVC inhibit, logic 0: the MOVC instruction in external memory cannot access the code in internal memory. logic 1: no restriction. B2: Encryption logic 0: the encryption logic enable logic 1: the encryption logic disable B07: Osillator Control logic 0: 1/2 gain logic 1: Full gain Default 1 for all security bits. Reserved bits must be kept in logic 1.
Reserved Reserved
7FFFh
Security Register
FFFFh
Special Setting Register
Lock bit This bit is used to protect the customer's program code in the W78L058A. It may be set after the programmer finishes the programming and verifies sequence. Once this bit is set to logic 0, both the ROM data and Security Register can not be accessed again. MOVC Inhibit This bit is used to restrict the accessible region of the MOVC instruction. It can prevent the MOVC instruction in external program memory from reading the internal program code. When this bit is set to logic 0, a MOVC instruction in external program memory space will be able to access code only in the external memory, not in the internal memory. A MOVC instruction in internal program memory space will always be able to access the ROM data in both internal and external memory. If this bit is logic 1, there are no restrictions on the MOVC instruction. Encryption This bit is used to enable/disable the encryption logic for code protection. Once encryption feature is enabled, the data presented on port 0 will be encoded via encryption logic. Only whole chip erase will reset this bit.
- 17 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Oscillator Control W78L058A/E516 allow user to diminish the gain of on-chip oscillator amplifier by using programmer to set the bit B7 of security register. Once B7 is set to 0, a half of gain will be decreased. Care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may improperly affect the external crystal operation at high frequency above 20 MHz. The value of R and C1, C2 may need some adjustment while running at lower gain.
7. ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Power Supply Input Voltage Operating Temperature Storage Temperature SYMBOL VDD-VSS VIN TA TST MIN. -0.3 VSS -0.3 0 -55 MAX. +6.0 VDD +0.3 60 +150 UNIT V V C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
- 18 -
W78LE58/W78L058A
8. DC CHARACTERISTICS
VSS = 0V, TA = 25 C, unless otherwise specified.
PARAMETER Operating Voltage Operating Current Idle Current Power Down Current Input Current P1, P2, P3, P4 Input Current RST Input Leakage Current P0, EA Logic 1 to 0 Transition Current P1, P2, P3, P4 Input Low Voltage P0, P1, P2, P3, P4, EA Input Low Voltage RST[*1] Input Low Voltage XTAL1 [*3] Input High Voltage P0, P1, P2, P3, P4, EA Input High Voltage RST[*1] Input High Voltage XTAL1 [*3]
SYM. VDD VDD IDD IIDLE IPWDN IIN1 IIN2 ILK
SPECIFICATION MIN. MAX. 2.4 3.3 -50 -10 -10 5.5 5.5 20 3 6 1.5 50 20 +10 +300 +10
UNIT V V mA mA mA mA A A A A A
TEST CONDITIONS Without ISP With ISP No load VDD = 5.5V No load VDD = 2.4V VDD = 5.5V, Fosc = 20 MHz VDD = 2.4V, Fosc = 12 MHz VDD = 5.5V, Fosc = 20 MHz VDD = 2.4V, Fosc = 12 MHz VDD = 5.5V VIN = 0V or VDD VDD = 5.5V 0 < VIN < VDD VDD = 5.5V 0V < VIN < VDD VDD = 5.5V VIN = 2.0V VDD = 4.5V VDD = 2.4V VDD = 4.5V VDD = 2.4V VDD = 4.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V
ITL [*4]
-500 0
0.8 0.5 0.8 0.3 0.8 0.4 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2
A V V V V V V V V V V V V
VIL1
0 0 0 0 0 2.4 1.4 3.5 1.7 3.5 2.4
VIL2 VIL3 VIH1 VIH2 VIH3
- 19 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
DC CHARACtERISTICS, continued
PARAMETER Output Low Voltage P1, P2, P3, P4 Output Low Voltage
SYM. VOL1
SPECIFICATION MIN. MAX. 0.45 0.25 0.45 0.25 12 5.4 16 9 -250 -50 -14 -3.8
UNIT V V V V mA mA mA mA V V V V A A mA mA
TEST CONDITIONS VDD = 4.5V, IOL = +2 mA VDD = 2.4V, IOL = +1 mA VDD = 4.5V, IOL = +4 mA VDD = 2.4V, IOL = +2 mA VDD = 4.5V, Vin = 0.45V VDD = 2.4V, Vin = 0.45V VDD = 4.5V, Vin = 0.45V VDD = 2.4V, Vin = 0.4V VDD = 4.5V, IOH = -100 A VDD = 2.4V, IOH = -8 A VDD = 4.5V, IOH = -400 A VDD = 2.4V, IOH = -200 A VDD = 4.5V, Vin = 2.4V VDD = 2.4V, Vin = 1.4V VDD = 4.5V, Vin = 2.4V VDD = 2.4V, Vin = 1.4V
VOL2 P0, ALE, PSEN [*2] Sink Current P1, P2, P3, P4 Sink Current ISK2 P0, ALE, PSEN Output High Voltage P1, P2, P3, P4 Output High Voltage VOH2 P0, ALE, PSEN [*2] Source Current P1, P2, P3, P4 Source Current ISR2 P0, ALE, PSEN
Notes: *1. RST pin is a Schmitt trigger input.
4 1.8 8 4.5 2.4 1.4 2.4 1.4 -100 -20 -8 -1.9
ISK1
VOH1
ISR1
*2. P0, ALE and PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input. *4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.
- 20 -
W78LE58/W78L058A
9. AC CHARACTERISTICS
The AC specifications are a function of the particular process used to manufacture the part, the ratings of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the specifications can be expressed in terms of multiple input clock periods (TCP), and actual parts will usually experience less than a 20 nS variation. The numbers below represent the performance expected from a 0.6 micron CMOS process when using 2 and 4 mA output buffers.
Clock Input Waveform
XTAL1
T CH F OP, TCP T CL
PARAMETER Operating Speed Clock Period Clock High Clock Low
SYMBOL FOP TCP TCH TCL
MIN. 0 50 25 25
TYP. -
MAX. 20 -
UNIT MHz nS nS nS
NOTES 1 2 3 3
Notes: 1. The clock may be stopped indefinitely in either state. 2. The TCP specification is used as a reference in other specifications. 3. There are no duty cycle requirements on the XTAL1 input.
Program Fetch Cycle
PARAMETER Address Valid to ALE Low Address Hold from ALE Low ALE Low to PSEN Low SYMBOL TAAS TAAH TAPL TPDA TPDH TPDZ TALW TPSW MIN. 1 TCP- 1 TCP- 1 TCP- 0 0 2 TCP- 3 TCP- TYP. 2 TCP 3 TCP MAX. 2 TCP 1 TCP 1 TCP UNIT nS nS nS nS nS nS nS nS 4 4 NOTES 4 1, 4 4 2 3
PSEN Low to Data Valid
Data Hold after PSEN High Data Float after PSEN High ALE Pulse Width
PSEN Pulse Width
Notes: 1. P0.0-P0.7, P2.0-P2.7 remain stable throughout entire memory cycle. 2. Memory access time is 3 TCP.
3. Data have been latched internally prior to PSEN going high. 4. "" (due to buffer driving delay and wire loading) is 20 nS.
- 21 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Data Read Cycle
PARAMETER ALE Low to RD Low
RD Low to Data Valid
SYMBOL TDAR TDDA TDDH TDDZ TDRD
MIN. 3 TCP- 0 0 6 TCP-
TYP. 6 TCP
MAX. 3 TCP+ 4 TCP 2 TCP 2 TCP -
UNIT nS nS nS nS nS
NOTES 1, 2 1
Data Hold from RD High Data Float from RD High
RD Pulse Width
2
Notes: 1. Data memory access time is 8 TCP. 2. "" (due to buffer driving delay and wire loading) is 20 nS.
Data Write Cycle
PARAMETER ALE Low to WR Low Data Valid to WR Low Data Hold from WR High
WR Pulse Width
SYMBOL TDAW TDAD TDWD TDWR
MIN. 3 TCP- 1 TCP- 1 TCP- 6 TCP-
TYP. 6 TCP
MAX. 3 TCP+ -
UNIT nS nS nS nS
Note: "" (due to buffer driving delay and wire loading) is 20 nS.
Port Access Cycle
PARAMETER Port Input Setup to ALE Low Port Input Hold from ALE Low Port Output to ALE SYMBOL TPDS TPDH TPDA MIN. 1 TCP 0 1 TCP TYP. MAX. UNIT nS nS nS
Note: Ports are read during S5P2, and output data becomes available at the end of S6P2. The timing data are referenced to ALE, since it provides a convenient reference.
- 22 -
W78LE58/W78L058A
10. TIMING WAVEFORMS
Program Fetch Cycle
S1 XTAL1
S2
S3
S4
S5
S6
S1
S2
S3
S4
S5
S6
TALW ALE TAPL PSEN TPSW TAAS PORT 2 TAAH PORT 0 Code A0-A7 Data A0-A7 Code A0-A7 Data A0-A7 TPDA TPDH, TPDZ
Data Read Cycle
S4 XTAL1 ALE PSEN PORT 2
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA TDAR TDDA
PORT 0 TDDH, TDDZ RD TDRD
- 23 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Timing Waveforms, continued
Data Write Cycle
S4 XTAL1 ALE PSEN PORT 2 PORT 0 WR
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA OUT
TDAD
T DWD
T DAW
T DWR
Port Access Cycle
S5 XTAL1
S6
S1
ALE TPDS PORT INPUT SAMPLE TPDH T PDA DATA OUT
- 24 -
W78LE58/W78L058A
11. TYPICAL APPLICATION CIRCUIT
Expanded External Program Memory and Crystal
V DD
31 19 10 u R
CRYSTAL
EA XTAL1 XTAL2 RST INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7
18 9
8.2 K C1 C2
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD
39 AD0 38 AD1 37 AD2 36 AD3 35 AD4 34 AD5 33 AD6 32 AD7 21 22 23 24 25 26 27 28 17 16 29 30 11 10 A8 A9 A10 A11 A12 A13 A14 A15
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 GND
3 4 7 8 13 14 17 18 1 11
D0 D1 D2 D3 D4 D5 D6 D7 OC G
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
2 5 6 9 12 15 16 19
A0 A1 A2 A3 A4 A5 A6 A7
12 13 14 15 1 2 3 4 5 6 7 8
74LS373
A0 10 A1 9 A2 8 A3 7 A4 6 A5 5 A6 4 A7 3 A8 25 A9 24 A10 21 A11 23 A12 2 A13 26 A14 27 A15 1 GND 20 22
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 CE OE 27512
O0 O1 O2 O3 O4 O5 O6 O7
11 12 13 15 16 17 18 19
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
W78LE58/W78L058A
Figure A
CRYSTAL 6 MHz 16 MHz 20 MHz
C1 47P 30P 15P
C2 47P 30P 10P
R -
Above table shows the reference values for crystal applications.
Notes:
1. C1, C2, R components refer to Figure A 2. Crystal layout must get close to XTAL1 and XTAL2 pins on user's application board.
- 25 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Typical Application Circuit, continued
11.1 Expanded External Data Memory and Oscillator
VDD VDD 31 19 10 u OSCILLATOR 18 8.2 K 9 12 13 14 15 1 2 3 4 5 6 7 8 EA XTAL1 XTAL2 RST INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD 39 38 37 36 35 34 33 32 21 22 23 24 25 26 27 28 17 16 29 30 11 10 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 A8 A9 A10 A11 A12 A13 A14 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 GND 1 11 3 4 7 8 13 14 17 18 D0 D1 D2 D3 D4 D5 D6 D7 OC G 74LS373 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 2 5 6 9 12 15 16 19 A0 A1 A2 A3 A4 A5 A6 A7 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 GND 10 9 8 7 6 5 4 3 25 24 21 23 2 26 1 20 22 27 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 CE OE WR 20256 D0 D1 D2 D3 D4 D5 D6 D7 11 12 13 15 16 17 18 19 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
W78LE58/W78L058A
Figure B
- 26 -
W78LE58/W78L058A
12. PACKAGE DIMENSIONS
40-pin DIP
Symbol
Dimension in inch Dimension in mm Min. Nom. Max. Min. Nom. Max.
0.210 0.010 0.150 0.016 0.048 0.008 0.155 0.018 0.050 0.010 2.055 0.590 0.540 0.090 0.120 0 0.630 0.650 0.600 0.545 0.100 0.130 0.160 0.022 0.054 0.014 2.070 0.610 14.986 0.550 0.110 0.140 15 0.670 0.090 13.72 2.286 3.048 0 16.00 16.51 0.254 3.81 0.406 1.219 0.203 3.937 0.457 1.27 0.254 52.20 15.24 13.84 2.54 3.302 4.064 0.559 1.372 0.356 52.58 15.494 13.97 2.794 3.556 15 17.01 2.286 5.334
D 40 21
E1
A A1 A2 B B1 c D E E1 e1 L
a
1 S
20 E c
eA S
Notes:
A A2
A1
Base Plane Seating Plane
L B B1
e1
a
eA
1. Dimension D Max. & S include mold flash or tie bar burrs. 2. Dimension E1 does not include interlead flash. 3. Dimension D & E1 include mold mismatch and . are determined at the mold parting line. 4. Dimension B1 does not include dambar protrusion/intrusion. 5. Controlling dimension: Inches. 6. General appearance spec. should be based on final visual inspection spec.
- 27 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
Package Dimensions, continued
44-pin PLCC
HD D
6 1 44 40
Symbol
7 39
Dimension in inch Min. Nom. Max.
0.185 0.020 0.145 0.026 0.016 0.008 0.648 0.648 0.150 0.028 0.018 0.010 0.653 0.653 0.155 0.032 0.022 0.014 0.658 0.658
Dimension in mm Min. Nom. Max.
4.699 0.508 3.683 0.66 0.406 0.203 16.46 16.46 3.81 0.711 0.457 0.254 16.59 16.59 3.937 0.813 0.559 0.356 16.71 16.71
E
HE
GE
17
29
18
28
c
A A1 A2 b1 b c D E e GD GE HD HE L y
Notes:
0.050 0.590 0.590 0.680 0.680 0.090
BSC 0.630 0.630 0.700 0.700 0.110 0.004
1.27 14.99 14.99 17.27 17.27 2.296
BSC 16.00 16.00 17.78 17.78 2.794 0.10
0.610 0.610 0.690 0.690 0.100
15.49 15.49 17.53 17.53 2.54
L A2 A
e
Seating Plane GD
b b1
A1 y
1. Dimension D & E do not include interlead flash. 2. Dimension b1 does not include dambar protrusion/intrusion. 3. Controlling dimension: Inches 4. General appearance spec. should be based on final visual inspection spec.
44-pin PQFP
HD D
Dimension in inch
Dimension in mm
Symbol
44 34
Min. Nom. Max.
--0.002 0.075 0.01 0.004 0.390 0.390 0.025 0.510 0.510 0.025 0.051 --0.01 0.081 0.014 0.006 0.394 0.394 0.031 0.520 0.520 0.031 0.063 --0.02 0.087 0.018 0.010 0.398 0.398 0.036 0.530 0.530 0.037 0.075 0.003 0 7
Min. Nom.
--0.05 1.90 0.25 0.101 9.9 9.9 0.635 12.95 12.95 0.65 1.295 --0.25 2.05 0.35 0.152 10.00 10.00 0.80 13.2 13.2 0.8 1.6
Max.
--0.5 2.20 0.45 0.254 10.1 10.1 0.952 13.45 13.45 0.95 1.905 0.08
1
33
E HE
11
12
e
b
22
A A1 A2 b c D E e HD HE L L1 y
Notes:
c
0
7
A2 A A1 L L1 Detail F
Seating Plane
See Detail F
y
1. Dimension D & E do not include interlead flash. 2. Dimension b does not include dambar protrusion/intrusion. 3. Controlling dimension: Millimeter 4. General appearance spec. should be based on final visual inspection spec.
- 28 -
W78LE58/W78L058A
Application Note: In-system Programming Software Examples
This application note illustrates the in-system programmability of the Winbond W78L058A ROM microcontroller. In this example, microcontroller will boot from 32KB APROM bank and waiting for a key to enter in-system programming mode for re-programming the contents of 32KB APROM. While entering in-system programming mode, microcontroller executes the loader program in 4KB LDROM bank. The loader program erases the 32KB APROM then reads the new code data from external SRAM buffer (or through other interfaces) to update the 32KB APROM. EXAMPLE 1: ;******************************************************************************************************************* ;* Example of 32K APROM program: Program will scan the P1.0. if P1.0 = 0, enters in-system ;* programming mode for updating the content of APROM code else executes the current ROM code. ;* XTAL = 16 MHz ;*******************************************************************************************************************
.chip 8052 .RAMCHK OFF .symbols CHPCON CHPENR SFRAL SFRAH SFRFD SFRCN EQU EQU EQU EQU EQU EQU BFH F6H C4H C5H C6H C7H
ORG 0H LJMP 100H ; JUMP TO MAIN PROGRAM ;************************************************************************ ;* TIMER0 SERVICE VECTOR ORG = 000BH ;************************************************************************ ORG 00BH CLR TR0 ; TR0 = 0, STOP TIMER0 MOV TL0,R6 MOV TH0,R7 RETI ;************************************************************************ ;* 32K APROM MAIN PROGRAM ;************************************************************************ ORG 100H MAIN_32K: MOV A,P1 ; SCAN P1.0 ANL A,#01H CJNE A,#01H,PROGRAM_32K ; IF P1.0 = 0, ENTER IN-SYSTEM PROGRAMMING MODE JMP NORMAL_MODE PROGRAM_32K: MOV CHPENR,#87H MOV CHPENR,#59H MOV CHPCON,#03H MOV TCON,#00H MOV IP,#00H MOV IE,#82H
; CHPENR = 87H, CHPCON REGISTER WRTE ENABLE ; CHPENR = 59H, CHPCON REGISTER WRITE ENABLE ; CHPCON = 03H, ENTER IN-SYSTEM PROGRAMMING MODE ; TR = 0 TIMER0 STOP ; IP = 00H ; TIMER0 INTERRUPT ENABLE FOR WAKE-UP FROM IDLE MODE
- 29 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
MOV R6,#F0H MOV R7,#FFH MOV TL0,R6 MOV TH0,R7 MOV TMOD,#01H MOV TCON,#10H MOV PCON,#01H ; TL0 = F0H ; TH0 = FFH
; TMOD = 01H, SET TIMER0 A 16-BIT TIMER ; TCON = 10H, TR0 = 1,GO ; ENTER IDLE MODE FOR LAUNCHING THE IN-SYSTEM ; PROGRAMMING
;******************************************************************************** ;* Normal mode 32KB APROM program: depending user's application ;******************************************************************************** NORMAL_MODE: . . . . ; User's application program
EXAMPLE 2:
;****************************************************************************************************************************** Example of 4 KB LDROM program: This loader program will erase the 32KB APROM first, then reads the new ;* code from external SRAM and program them into 32 KB APROM bank. XTAL = 16 MHz ;***************************************************************************************************************************** .chip 8052 .RAMCHK OFF .symbols CHPCON CHPENR SFRAL SFRAH SFRFD SFRCN ORG LJMP EQU EQU EQU EQU EQU EQU 000H 100H BFH F6H C4H C5H C6H C7H
; JUMP TO MAIN PROGRAM
;************************************************************************ ;* 1. TIMER0 SERVICE VECTOR ORG = 0BH ;************************************************************************ ORG 000BH CLR TR0 ; TR0 = 0, STOP TIMER0 MOV TL0,R6 MOV TH0,R7 RETI ;************************************************************************ ;* 4KB LDROM MAIN PROGRAM ;************************************************************************ ORG 100H
- 30 -
W78LE58/W78L058A
MAIN_4K: MOV SP,#C0H MOV CHPENR,#87H ; CHPENR = 87H, CHPCON WRITE ENABLE. MOV CHPENR,#59H ; CHPENR = 59H, CHPCON WRITE ENABLE. MOV A,CHPCON ANL A,#80H CJNE A,#80H,UPDATE_32K ; CHECK F04KBOOT MODE ? MOV CHPCON,#03H ; CHPCON = 03H, ENABLE IN-SYSTEM PROGRAMMING. MOV CHPENR,#00H ; DISABLE CHPCON WRITE ATTRIBUTE MOV TCON,#00H MOV TMOD,#01H MOV IP,#00H MOV IE,#82H MOV R6,#F0H MOV R7,#FFH MOV TL0,R6 MOV TH0,R7 MOV TCON,#10H MOV PCON,#01H UPDATE_32K: MOV CHPENR,#00H MOV TCON,#00H MOV IP,#00H MOV IE,#82H MOV TMOD,#01H MOV R6,#E0H MOV R7,#B1H MOV TL0,R6 MOV TH0,R7 ERASE_P_4K: MOV SFRCN,#22H MOV TCON,#10H MOV PCON,#01H ; TCON = 00H, TR = 0 TIMER0 STOP ; TMOD = 01H, SET TIMER0 A 16BIT TIMER ; IP = 00H ; IE = 82H, TIMER0 INTERRUPT ENABLED
; TCON = 10H, TR0 = 1, GO ; ENTER IDLE MODE
; DISABLE CHPCON WRITE-ATTRIBUTE ; TCON = 00H , TR = 0 TIM0 STOP ; IP = 00H ; IE = 82H, TIMER0 INTERRUPT ENABLED ; TMOD = 01H, MODE1 ; SET WAKE-UP TIME FOR ERASE OPERATION, ABOUT 15 mS. DEPENDING ; ON USER'S SYSTEM CLOCK RATE.
; SFRCN(C7H) = 22H ERASE 32K ; TCON = 10H, TR0 = 1,GO ; ENTER IDLE MODE (FOR ERASE OPERATION)
;********************************************************************* ;* BLANK CHECK ;********************************************************************* MOV SFRCN,#0H ; READ 32KB APROM MODE MOV SFRAH,#0H ; START ADDRESS = 0H MOV SFRAL,#0H MOV R6,#FEH ; SET TIMER FOR READ OPERATION, ABOUT 1.5 S. MOV R7,#FFH MOV TL0,R6 MOV TH0,R7 BLANK_CHECK_LOOP: SETB TR0 ; ENABLE TIMER 0 MOV PCON,#01H ; ENTER IDLE MODE MOV A,SFRFD ; READ ONE BYTE CJNE A,#FFH,BLANK_CHECK_ERROR
- 31 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
INC SFRAL ; NEXT ADDRESS MOV A,SFRAL JNZ BLANK_CHECK_LOOP INC SFRAH MOV A,SFRAH CJNE A,#80H,BLANK_CHECK_LOOP ; END ADDRESS = 7FFFH JMP PROGRAM_32KROM BLANK_CHECK_ERROR: MOV P1,#F0H MOV P3,#F0H JMP $ ;******************************************************************************* ;* RE-PROGRAMMING 32KB APROM BANK ;******************************************************************************* PROGRAM_32KROM: MOV DPTR,#0H ; THE ADDRESS OF NEW ROM CODE MOV R2,#00H ; TARGET LOW BYTE ADDRESS MOV R1,#00H ; TARGET HIGH BYTE ADDRESS MOV DPTR,#0H ; EXTERNAL SRAM BUFFER ADDRESS MOV SFRAH,R1 ; SFRAH, TARGET HIGH ADDRESS MOV SFRCN,#21H ; SFRCN(C7H) = 21 (PROGRAM 32K) MOV R6,#BEH ; SET TIMER FOR PROGRAMMING, ABOUT 50 S. MOV R7,#FFH MOV TL0,R6 MOV TH0,R7 PROG_D_32K: MOV SFRAL,R2 MOVX A,@DPTR ; SFRAL(C4H) = LOW BYTE ADDRESS ; READ DATA FROM EXTERNAL SRAM BUFFER. BY ACCORDING USER? ; CIRCUIT, USER MUST MODIFY THIS INSTRUCTION TO FETCH CODE ; SFRFD(C6H) = DATA IN ; TCON = 10H, TR0 = 1,GO ; ENTER IDLE MODE (PRORGAMMING)
MOV SFRFD,A MOV TCON,#10H MOV PCON,#01H INC DPTR INC R2 CJNE R2,#0H,PROG_D_32K INC R1 MOV SFRAH,R1 CJNE R1,#80H,PROG_D_32K
;***************************************************************************** ; * VERIFY 32KB APROM BANK ;***************************************************************************** MOV R4,#03H ; ERROR COUNTER MOV R6,#FEH ; SET TIMER FOR READ VERIFY, ABOUT 1.5 S. MOV R7,#FFH MOV TL0,R6 MOV TH0,R7 MOV DPTR,#0H ; The start address of sample code MOV R2,#0H ; Target low byte address MOV R1,#0H ; Target high byte address MOV SFRAH,R1 ; SFRAH, Target high address MOV SFRCN,#00H ; SFRCN = 00 (Read ROM CODE)
- 32 -
W78LE58/W78L058A
READ_VERIFY_32K: MOV SFRAL,R2 ; SFRAL(C4H) = LOW ADDRESS MOV TCON,#10H ; TCON = 10H, TR0 = 1,GO MOV PCON,#01H INC R2 MOVX A,@DPTR INC DPTR CJNE A,SFRFD,ERROR_32K CJNE R2,#0H,READ_VERIFY_32K INC R1 MOV SFRAH,R1 CJNE R1,#80H,READ_VERIFY_32K ;****************************************************************************** ;* PROGRAMMING COMPLETLY, SOFTWARE RESET CPU ;****************************************************************************** MOV CHPENR,#87H ; CHPENR = 87H MOV CHPENR,#59H ; CHPENR = 59H MOV CHPCON,#83H ; CHPCON = 83H, SOFTWARE RESET. ERROR_32K: DJNZ R4,UPDATE_32K . . . .
; IF ERROR OCCURS, REPEAT 3 TIMES. ; IN-SYSTEM PROGRAMMING FAIL, USER'S PROCESS TO DEAL WITH IT.
- 33 -
Publication Release Date: December 4, 2006 Revision A6
W78LE58/W78L058A
13. REVISION HISTORY
VERSION A2 A3 A4 A5 A6 DATE November 2000 April 19, 2005 November 14, 2005 October 2, 2006 December 4, 2006 2 32 2 PAGE Add Important Notice Add Lead-free(RoHS) parts Remove block diagram Change operating frequency into 20MHz Remove all Leaded package parts REASONS FOR CHANGE
Important Notice Winbond products are not designed, intended, authorized or warranted for use as components in systems or equipment intended for surgical implantation, atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, or for other applications intended to support or sustain life. Further more, Winbond products are not intended for applications wherein failure of Winbond products could result or lead to a situation wherein personal injury, death or severe property or environmental damage could occur. Winbond customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Winbond for any damages resulting from such improper use or sales.
- 34 -


▲Up To Search▲   

 
Price & Availability of W78L058A24DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X