Part Number Hot Search : 
3CU30 MB39A1 SSD25 ATMEGA32 C559C 7972SSM 2SD1454 S1500
Product Description
Full Text Search
 

To Download UUP0J100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UP
6mmL Chip Type, Bi-Polarized
series
Chip type, bi-polarized withstanding high temperature range up to +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC). UN Extended range
UP
High Temperature
WP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 0.1 ~ 47F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.05 CV or 10 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.20 6.3 4 8
16 0.17 10 3 6
25 0.17 16 2 4 25 2 4
35 0.15 35 2 3
50 0.15 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
Shelf Life Resistance to soldering heat Marking
After 1000 hours' application of rated Capacitance change Within 20% of initial value voltage at 105C with the polarity inverted tan 200% or less of initial specified value every 250 hours, capacitors meet the Leakage current Initial specified value or less characteristic requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
105C Marking Capacitance
Lot No.
Type numbering system (Example : 16V 10F)
1
Plastic platform 0.3 MAX. 0.5 MAX.
2
3
4
5
6
7
8
9 10 11 12 13 14
UUP 1C 1 0 0 MCL1GS
Taping code
A0.2
D
Voltage
C0.2
L0.3 0.5 ~ 0.8
A B C E L
4 1.8 4.3 4.3 1.0 5.8
(mm) 5 6.3 2.1 2.4 5.3 6.6 5.3 6.6 1.3 2.2 5.8 5.8
Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
X2P 10 16V
D0.5
B0.2
E
Voltage mark for 6.3V is 6V
Dimensions
Cap.(F) V Code
6.3 0J
10 1A
A0.2
16 1C
25 1E
35 1V
50 1H
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470
5 6.3 6.3
28 37 45
4 6.3 6.3
17 33 41
4 5 6.3 6.3
12 23 37 49
5 5 6.3
12 16 27
4 5 5 6.3
8.4 16 18 29
4 4 4 4 4 5 5 6.3
1.0 2.0 2.8 4.0 8.4 13 17 20
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UN(p.77) series if high CV products are required. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUP0J100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X