Part Number Hot Search : 
2SC536 MSIW1022 EP9677 HAE332 SAA7346 16800 MC12002D MC12002D
Product Description
Full Text Search
 

To Download UUE1A102MNS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UE
Item
Chip Type , Vibration Resistance
series
Chip type with load life of 2000 ~ 5000 hours at 125C. Suited for automobile electronics where heavy duty services are indispensable. Adapted to the RoHS directive (2002/95/EC).
UB UH
Vibration Resistance
UE
Specifications
Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
- 55 ~ +125C ( 12.5 ~ 20) - 40 ~ +125C ( 8 , 10) 10 ~ 50V 33 ~ 4700F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater. For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
Rated voltage (V) tan (MAX) 10 0.26 16 0.20 25 0.16 35 0.14 50 0.14 120Hz 20C
8
*
10
12.5 ~ 20 8 * 10 12.5 ~ 20
0.22
10
0.18
16
0.16
25
0.14
35
0.12
50 120Hz
Rated voltage (V)
Stability at Low Temperature Impedance ratio Z-40C / Z+20C
(MAX)
10 8
8 6
6 4
4 3
4 3
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Endurance
After 5000 hours' ( 8 * 10 : 2000 hours ) application of rated voltage at 125C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Shelf Life Marking
After storing the capacitors under no load at 125C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
Chip Type
Type numbering system (Example : 50V 330F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UUE 1 H 3 3 1 M NS 1 MS
Package code
8 10 12.5 ~ 20 12.5 ~ 20 Size code Taping Taping Tray GS MS ZD
Configuration D 8 ~ 18 20 Code NS RS
Capacitance Tolerance (20%) Rated Capacitance (330F) Rated voltage (50V) Series name Type
D
A B C E H
(mm) 8 2.9 8.3 8.3 3.1 10 3.2 10.3 10.3 4.5 12.5 4.8 13.6 13.6 4.0 16 5.4 17.1 17.1 6.3 18 6.4 19.1 19.1 6.3 20 6.2 21.1 21.1 8.8
1.1~1.5 1.1~1.5 1.0~1.4 1.0~1.4 1.0~1.4 1.3~1.7
Dimensions
V
Cap.(F)
Code
10 1A
16 1C
8 x 10 10 x 10 12.5 x 13.5 12.5 x 13.5 16 x 16.5 18 x 16.5 18 x 16.5
25 1E
8 x 10 10 x 10 12.5 x 13.5 16 x 16.5 18 x 16.5 16 x 21.5 18 x 21.5
35 1V
8 x 10 10 x 10 12.5 x 13.5 16 x 16.5 16 x 16.5 18 x 16.5 20 x 21.5 100 150 550 1000 1000 1200 1400
50 1H
8 x 10 10 x 10 12.5 x 13.5 16 x 16.5 16 x 16.5 18 x 16.5 90 130 500 850 850 950
33 47 100 220 330 470 680 1000 2200 3300 4700
330 470 101 221 331 471 681 102 222 332 472
8 x 10 10 x 10 12.5 x 13.5 12.5 x 16 12.5 x 16 18 x 16.5 16 x 21.5 18 x 16.5 18 x 21.5
140 190 750 900 900 1200 1200 1200 1550
140 190 750 750 1000 1200 1200
140 190 750 1000 1200 1200 1550
Case size D x L (mm)
Rated ripple
In this case, 6 will be put at 12th digit of type numbering system, " "
Rated Ripple (mArms) at 125C 100kHz
Frequency coefficient of rated ripple current
33 ~ 330 100 ~ 680 12.5 ~ 20 1000 ~ 4700
D 8 * 10
Frequency
Cap.(F)
50 Hz 0.47 0.53 0.74
120 Hz 0.67 0.67 0.87
300 Hz 0.78 0.82 0.96
1 kHz 0.91 0.89 0.98
10 kHz~ 1.00 1.00 1.00
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V-1


▲Up To Search▲   

 
Price & Availability of UUE1A102MNS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X