Part Number Hot Search : 
DS2890V SB130 2SAA1 26LV400 MBRF2 CSNE371 RT3050 F2UAOR0
Product Description
Full Text Search
 

To Download TLP763J07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP763J
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP763J
Office Machine Household Use Equipment Triac Driver Solid State Relay
The TOSHIBA TLP763J consists of a GaAs infrared LED optically coupled to a zero voltage crossing turn-on photo-triac in a 6 lead plastic DIP. * * * * * * Peak off-state voltage: 600 V (Min.) Trigger LED current: 10 mA (Max.) On-state current: 100 mA (Max.) Isolation voltage: 4000Vrms (Min.) UL recognized: UL1577, file No. E67349 BSI approved: BS EN60065: 2002, Certificate No. 8945 BS EN60950-1: 2002, Certificate No. 8946 * SEMKO approved: SS EN60065 (EN60065, 1993) SS EN60950 (EN60950, 1992) SS EN60335 (EN60335, 1988) Certificate No. 9522145 * Option (D4) type VDE approved: DIN EN 60747-5-2 Certificate No. 40009373 Maximum operating insulation voltage : 890 VPk Highest permissible over voltage : 6000 VPk (Note) When an EN60747-5-2 approved type is needed, please designate the "option (D4)".
1 2 3 ZC 1 : Anode 2 : Cathode 3 : N.C. 4 : Terminal 1 4 6
Unit: mm
TOSHIBA
11-7A10
Weight: 0.42g (Typ.)
Pin configuration (top view)
*
Creepage distance Clearance Insulation thickness
7.62mm pich TLP763J type : 7.0mm (Min.) : 7.0mm (Min.) : 0.5mm (Min.)
10.16mm pich TLP763JF type 8.0mm (Min.) 8.0mm (Min.) 4.0mm (Min.) 0.5mm (Min.)
6 : Terminal 2
Internal creepage path : 4.0mm (Min.)
1
2007-10-01
TLP763J
Absolute Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current derating (Ta 53C) LED Peak forward current (100 s pulse, 100 pps) Reverse voltage Junction temperature Off-state output terminal voltage On-state RMS current Detector Ta = 25C Ta = 70C Symbol IF IF/C IFP VR Tj VDRM IT(RMS) IT/C ITP ITSM Tj Tstg Topr Tsol BVS Rating 50 -0.7 1 5 125 600 100 50 -1.1 2 1.2 115 -55~125 -40~100 260 4000 Unit mA mA/C A V C V mA mA/C A A C C C C Vrms
On-state current derating (Ta 25C) Peak on-state current (100s pulse, 120pps) Peak nonrepetitive surge current (PW = 10 ms, DC = 10%) Junction temperature
Storage temperature range Operating temperature range Lead soldering temperature (10s) Isolation voltage (AC, 1 min., R.H. 60%)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Recommended Operating Conditions
Characteristic Supply voltage Forward current Peak on-state current Operating temperature Symbol VAC IF ITP Topr Min. 15 -25 Typ. 20 Max. 240 25 1 85 Unit Vac mA A C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
2
2007-10-01
TLP763J
Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Peak off-state current Peak on-state voltage Detector Holding current Critical rate of rise of off-state voltage Critical rate of rise of commutating voltage Symbol VF IR CT IDRM VTM IH dv / dt dv / dt (c) Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz VDRM = 600 V ITM = 100 mA Vin = 240 V, Ta = 85C Vin = 60Vrms , IT = 15 mA Min. 1.0 Typ. 1.15 30 10 1.7 0.6 500 0.2 Max. 1.3 10 1000 3.0 Unit V A pF nA V mA V/s V/s
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Trigger LED current Inhibit voltage Leakage in inhibited state Capacitance (input to output) Isolation resistance Symbol IFT VIH IIH CS RS VT = 6 V IF = rated IFT IF = rated IFT VT = Rated VDRM VS = 0, f = 1 MHz VS = 500 V AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Test Condition Min. 1x10
12
Typ. 200 0.8 10
14
Max. 10 50 600
Unit mA V A pF Vrms Vdc
4000
10000 10000
3
2007-10-01
TLP763J
IF - Ta
100 200
IT (RMS) - Ta
Allowable forward current IF (mA)
80
160
60
R.M.S. on-state current IT (RMS) (mA)
60 100 120
120
40
80
20
40
0 -20
0
20
40
80
0 -20
0
20
40
60
80
100
120
Ambient temperature Ta (C)
Ambient temperature Ta (C)
IFP - DR
3000 Pulse width 100s Ta = 25C 100 50 30 Ta = 25C
IF - V F
Allowable pulse forward current IFP (mA)
500 300
(mA) Forward current IF
10-3 10-2 10-1 100
1000
10 5 3
100 50 30
1 0.5 0.3
10 3
3
3
3
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
Duty cycle ratio
DR
Forward voltage VF
(V)
VF / Ta - IF
-3.2 1000 500 300
IFP - VFP
-2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.1
Pulse forward current IFP (mA)
Forward voltage temperature coefficient VF / Ta (mV / C)
-2.8
100 50 30
10 5 3 Pulse width 10s Repetitive frequency = 100Hz Ta = 25C
0.3 0.5
1
3
5
10
30 50
1 0.6
1.0
1.4
1.8
2.2
2.6
Forward current IF
(mA)
Pulse forward voltage
VFP (V)
4
2007-10-01
TLP763J
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP763J07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X