Part Number Hot Search : 
1413D080 103K00 FBU8D SHD12 00LT1 532AA XC3020 MMG05N60
Product Description
Full Text Search
 

To Download TLP25107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP251
TOSHIBA Photocoupler GaAAs Ired & Photo-IC
TLP251
Inverter For Air Conditioner Induction Heating Transistor Inverter Power MOS FET Gate Drive IGBT Gate Drive
The TOSHIBA TLP251 consists of a GaAAs light emitting diode and a integrated photodetector. This unit is 8-lead DIP package. TLP251 is suitable for gate driving circuit of IGBT or power MOS FET. Especially TLP251 is capable of "direct" gate drive of lower power IGBTs. (~15A) Input threshold current: IF=5mA(max.) Supply current (ICC): 11mA(max.) Supply voltage (VCC): 10-35V Output current (IO): 0.4A(max.) Switching time (tpLH / tpHL): 1s(max.) Isolation voltage: 2500Vrms(min.) UL recognized: UL1577, file no.E67349 Option(D4) VDE Approved : DIN EN60747-5-2 Maximum Operating Insulation Voltage : 890VPK Highest Permissible Over Voltage Please designate "Option(D4)" : 4000VPK (Note):When a EN60747-5-2 approved type is needed,
3 4 6 5 1 2 8 7
Unit in mm
TOSHIBA 11-10C4 Weight: 0.54g(typ.)
Pin Configuration (top view)
Truth Table
Tr1 Input LED On Off On Off Tr2 Off On
1 : N.C. 2 : Anode 3 : Cathode 4 : N.C. 5 : GND 6 : VO (Output) 7 : N.C. 8 : VCC
Schematic
IF 2 VF 3
ICC 8 (Tr 1) 6 VO IO (Tr 2) GND 5 VCC
A 0.1F bypass capcitor must be connected between pin 8 and 5(see Note 5).
1
2007-10-01
TLP251
Absolute Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current derating LED Peak transient forward current Reverse voltage Junction temperature (Ta 70C) (Note 1) Symbol IF IF / Ta IFPT VR Tj Rating 20 - 0.36 1 5 125 Unit mA mA / C A V C
"H" peak output current
(PW 2.0s, f 15kHz) (Note 2) IOPH - 0.4 A
"L" peak output current
(PW 2.0s, f 15kHz) (Note 2) Detector Output voltage (Ta 70C) (Ta = 85C) (Ta 70C) (Ta = 85C) VO 35 24 35 24 - 0.73 V IOPL 0.4 A
Supply voltage Output voltage derating (Ta 70C) Supply voltage derating (Ta 70C) Junction temperature Operating frequency Operating temperature range Storage temperature range Lead soldering temperature(10s) Isolation voltage (AC, 1min., R.H. 60%)
VCC
V
VO / Ta
V / C
VCC / Ta Tj (Note 3) f Topr Tstg Tsol BVS
- 0.73 125 25 -20~85 -55~125 260 2500
V / C C kHz C C C Vrms
(Note 4)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Note 2: Note 3: Note 4: Note 5: Pulse width PW 1s, 300pps Expornential waveform Expornential waveform, IOPH -0.25A( 2.0s), IOPL +0.25A(2.0s) Device considerd a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8 shorted together. A ceramic capacitor(0.1F)should be connected from pin 8 to pin 5 to stabilize the operation of the high gain linear ampifier. Failure to provide the bypassing may impair the swiching property.The total lead length between capacitor and coupler should not exceed 1cm.
2
2007-10-01
TLP251
Recommended Operating Conditions
Characteristic Input current, on Input voltage, off Supply voltage Peak output current Operating temperature (Note6) Symbol IF(ON) VF(OFF) VCC IOPH / IOPL Topr Min. 7 0 10 Typ. 8 Max. 10 0.8 30 0.1 70 85 20 Unit mA V V A C

25
-20
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. Note 6: Input signal rise time(fall time)<0.5s.
Electrical Characteristics (Ta = -20~70C, unless otherwise specified)
Characteristic Symbol Test Cir- cuit 1 VCC=30V (*1) 2 3 4 Test Condition IF = 10 mA , Ta = 25C IF = 10 mA VR = 5V, Ta = 25C V = 0 , f = 1MHz , Ta = 25C IF = 10mA V8-6 = 4V IF =0 V6-5 = 2.5V Min. Typ.* Max. Unit
Input forward voltage Temperature coefficient of forward voltage Input reverse current Input capacitance
VF VF / Ta IR CT
-0.1
1.6 -2.0 45 -0.25
1.8 10 250
V mV / C A pF
"H" level
Output current
IOPH IOPL VOH VOL
A 0.1 11 0.2 13.2 -14.5 7.5
"L" level "H" level
Output voltage

V -12.5
VCC1 = +15V, VEE1 = -15V RL = 200, IF = 5mA VCC1 = +15V, VEE1 = -15V RL = 200, VF = 0.8V VCC = 30V, IF = 10mA Ta = 25C VCC = 30V, IF = 10mA
"L" level
0.8 10
"H" level
Supply current
ICCH
11 mA
8
"L" level
Threshould input current Threshold input voltage Supply voltage Capacitance (input-output) Resistance (input-output)
ICCL
VCC = 30V, IF = 0mA Ta = 25C VCC = 30V, IF = 0mA
11 5 mA V V pF
1.2
"Output
L H"
IFLH VFHL VCC Cs Rs

VCC1 = +15V, VEE1 = -15V RL = 200, VO > 0V VCC1 = +15V, VEE1 = -15V RL = 200, VO < 0V
"Output
H L"

1.0
35 2.0
Vs = 0 , f = 1MHz Ta = 25 Vs = 500V, Ta = 25 R.H. 60%
1x10
12
10
14
* All typical values are at Ta=25C
(*1): Duration of IO time 50s
3
2007-10-01
TLP251
Switching Characteristics (Ta = -20~70C, unless otherwise specified)
Characteristic Propagation delay time Output rise time Output fall time Common mode transient immunity at high level output Common mode transient immunity at low level output LH HL Symbol tpLH tpHL tr tf CMH 6 CML VCM = 600V, IF = 8mA, VCC = 30V, Ta = 25 VCM = 600V, IF = 0mA, VCC = 30V, Ta = 25 IF = 8mA 5 VCC1 = +15V, VEE1 = -15V RL = 200 Test Cir- cuit Test Condition Min. -5000 5000 Typ.* 0.25 0.25 Max. 1.0 1.0 V / s V / s s Unit
*All typical values are at Ta=25
Test Circuit 1 : IOPH 8 1 VCC 0.1F IF A 4 IOPH V8-6
Test Circuit 2 : IOPL 8 1 0.1F A 4 IOPL V6-5 VCC
Test Circuit 3 : VOH 8 1 VCC1 0.1F IF RL V VOH 4
Test Circuit 4 : VOL 8 1 0.1F VF V 4 VEE1 RL VOL VCC1
VEE1
4
2007-10-01
TLP251
Test Circuit 5: tpLH, tpHL, tr, tf
8 IF 0.1F VO RL VO VCC1
IF
tr
tf VOH GND VOL 80% 80%
100
tpLH VEE1
tpHL
Test Circuit 6: CMH, CML
8 1 SW IF A B VO 4 VCM + 0.1F VCC
600V VCM 90% 10% tr tf CML = 480(V) tr (s ) 480(V) t f (s)
SW: A(IF = 8mA) CMH VO SW: B(IF = 0) 3V 26V CHL CMH =
CML (CMH) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the output voltage in the low (high) state.
5
2007-10-01
TLP251
IF - V F
100 50 30 Ta = 25 C 2.6
VF /VF - IF
10 5 3 1 0.5 0.3 0.1 0.05 0.03 0.01 1.0 1.2 1.4 1.6 1.8 2.0
Forward voltage temperature coefficient VF /Ta (mV/C)
2.4
(mA)
2.2
Forward current IF
2.0
1.8
1.6
1.4 0.1
0.3 0.5
1
3
5
10
30
Forward voltage
VF (V)
Forward current
IF (mA)
IF - Ta
40 40
VCC - Ta
Allowable forward current
20
Allowable supply voltage VCC
20
30
(V)
30
(mA)
20
IF
10
10
0 0
40
60
0 80 100 0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
IOPH, IOPL - Ta
0.5 PW 2.0 s, f 15 KHz
Allowable peak output current IOPH, IOPL (A)
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
Ambient temperature Ta (C)
6
2007-10-01
TLP251
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
7
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP25107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X