Part Number Hot Search : 
T54ACS M4S48HA 1N5518 FN3217 ER508 34012 S05A80PT 0M5KB
Product Description
Full Text Search
 

To Download TC94A48FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC94A48FG
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC94A48FG
Single-chip Audio Digital Signal Processor
The TC94A48FG is a single-chip audio Digital Signal Processor, incorporating two channels AD converter and six channels DA converter. It can realize many applications, including sound field control, such as hall simulation, digital filters, such as equalizers, surround sound, base boost and more.
Features
* * * Incorporates a 1-bit - AD converter (2 channels). THD+N: -78 dB (typ.), S/N ratio: 92 dB (typ.) Incorporates a multi-bit - DA converter (6 channels). THD+N: -88 dB (typ.), S/N ratio: 98 dB (typ.) Digital input/output ports Four input ports (8 channels) Four output ports (8 channels) The DSP block specifications are as follows: Data bus : 24 bits Multiplier/adder : 24 bits x 24 bits + 51 bits 51 bits Accumulator : 51 bits (sign extension: 4 bits) Program ROM : 3072 words x 16 bits Program RAM : 1024 words x 16 bits XRAM : 4096 words x 24 bits YRAM : 1024 words x 24 bits CROM : 1024 words x 24 bits The microcontroller interface can be selected between serial mode and I2C bus mode. Operating supply voltage: 3.3 V (some pins accept 5 V) CMOS silicon structure supports high speed. The package is a 64-pin LQFP (0.5-mm pitch) package.
P-LQFP64-1010-0.50E
Weight: 0.4 g (typ.)
*
* * * *
1
2005-09-28
TC94A48FG
Block Diagram
11.2896MHz(256fs) LRCKO /MIACK /MIDIO MCKO GPO1 GPO0 BCKO /MICS /MICK MIMD GPI1 GPI0 MILP
PLLC
XO
XI
Timing
Generalperpose port
Microcontroller interface
/RST BTMD
LRCKI0 LRCKI1 BCKI0 BCKI1 SDI0 SDI1 SDI2 SDI3 (8ch)
SDO0
SDO1 SDO2
(8ch)
16bit Instruction DSP VREF
SDO3
DAO1 DAO2
LIN
(4fs)
(4fs rate x6ch)
(4fs rate x2ch)
DAO3 VRI
ADVL ADVR
VREF VREF
REG Buffer (64w x21b)
(4fs rate x6ch)
MUX
(4fs rate x2ch)
DAO4
RIN

DAO5
DAO6
Pin Layout
/MIACK /MIDIO MCKO GNDP BCKO 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 XO 2 VDDX 3 VDD1 4 DAO1 5 GND12 6 DAO2 7 VDD23 8 DAO3 9 10 11 12 13 14 15 16 GND56 GND3 GND4 DAO4 DAO5 VDD45 DAO6 VRI VDDP /MICK /MICS GPO0 GPO1 PLLC MILP GPI0 GPI1 GND VDD
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 BTMD MIMD /RST VDD GND TEST1 TEST0 GNDL LIN ADVL VDDA ADVR RIN GNDR GNDX XI 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 LRCKO SDO0 SDO1 SDO2 SDO3 BCKI0 BCKI1 LRCKI0 LRCKI1 SDI0 SDI1 SDI2 SDI3 GND VDD VDD6
TC94A48FG
2
2005-09-28
TC94A48FG
Pin Function
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Symbol XO VDDX VDD1 DAO1 GND12 DAO2 VDD23 DAO3 GND3 VRI GND4 DAO4 VDD45 DAO5 GND56 DAO6 VDD6 VDD GND SDI3 SDI2 SDI1 SDI0 LRCKI1 LRCKI0 BCKI1 BCKI0 SDO3 SDO2 SDO1 SDO0 LRCKO BCKO I/O O O O O I O O O I I I I I I I I O O O O O O Function Crystal oscillator connecting or clock output pin Power pin for oscillator circuit Analog power pin for DAC1 DAC1 signal output pin Analog ground pin for DAC1/2 DAC2 signal output pin Analog power pin for DAC2/3 DAC3 signal output pin Analog power pin for DAC3 Reference voltage pin for DAC Analog ground pin for DAC4 DAC4 signal output pin Analog power pin for DAC4/5 DAC5 signal output pin Analog ground pin for DAC5/6 DAC6 signal output pin Analog power pin for DAC6 Digital power pin Digital ground pin Audio serial data input pin 3 It connects to GND or VDD pins when if it is unused this pin. Audio serial data input pin 2 It connects to GND or VDD pins when if it is unused this pin. Audio serial data input pin 1 It connects to GND or VDD pins when if it is unused this pin. Audio serial data input pin 0 It connects to GND or VDD pins when if it is unused this pin. LR clock input pin 1 It connects to GND or VDD pins when if it is unused this pin. LR clock input pin 0 It connects to GND or VDD pins when if it is unused this pin. Bit clock input pin 1 It connects to GND or VDD pins when if it is unused this pin. Bit clock input pin 0 It connects to GND or VDD pins when if it is unused this pin. Audio serial data output pin 3 It leaves to open when if it is unused. Audio serial data output pin 2 It leaves to open when if it is unused. Audio serial data output pin 1 It leaves to open when if it is unused. Audio serial data output pin 0 It leaves to open when if it is unused. LR clock output pin It leaves to open when if it is unused. Bit clock output pin It leaves to open when if it is unused. Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Push-pull output Push-pull output Push-pull output Push-pull output Push-pull output Push-pull output Remarks
3
2005-09-28
TC94A48FG
Pin No. 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 Symbol MCKO GPO1 GPO0 GND VDD GPI1 GPI0 /MICS /MICK /MIDIO /MIACK MILP GNDP PLLC VDDP BTMD I/O O O O I I I I Function System clock output pin It leaves to open when if it is unused. General-purpose output pin 1 It leaves to open when if it is unused. General-purpose output pin 0 It leaves to open when if it is unused. Digital ground pin Digital power pin General-purpose input pin 1 It connects to GND or VDD pins when if it is unused this pin. General-purpose input pin 0 It connects to GND or VDD pins when if it is unused this pin. Microcontroller interface: Chip select signal input pin Microcontroller interface: Clock input pin Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input 5V tolerant Schmitt input / Open-drain output, 5V tolerant Open-drain output 5V tolerant Schmitt input 5V tolerant Remarks Push-pull output Open-drain output 5V tolerant Open-drain output 5V tolerant
I/O Microcontroller interface: Data input/output pin O I I I Microcontroller interface: Acknowledge signal output pin Microcontroller interface: Latch pulse input pin Ground pin for PLL Charge pump for PLL Power pin for PLL
Boot mode setting pin Schmitt input It is set to "L" when if software specification does not indicate 5V tolerant since there is deference by each program ROMs. Microcontroller interface: Mode select input pin Reset input pin Digital power pin Digital ground pin Test setting pin 1 Usually it connects to GND pins. Test setting pin 0 Usually it connects to GND pins. Ground pin for ADC-Lch ADC-Lch signal input pin Reference voltage pin for ADC-Lch Analog power pin for ADC Reference voltage pin for ADC-Rch ADC-Rch signal input pin Ground pin for ADC-Rch Ground pin for oscillator circuit Crystal oscillator connecting or clock input pin 5V intolerant Schmitt input 5V intolerant Schmitt input 5V intolerant Schmitt input 5V tolerant Schmitt input 5V tolerant
50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
MIMD /RST VDD GND TEST1 TEST0 GNDL LIN AVDL VDDA ADVR RIN GNDR GNDX XI
I I I I I I I I I
Note 1: 5V tolerant pins can have voltage applied even when the power to the device is turned off.
4
2005-09-28
TC94A48FG
Description of Operation
1. Timing System
The TC94A48FG uses pulses from the XI-XO pins as the reference clock. The system is divided into blocks that use the reference clock directly or by dividing its frequency and blocks that operate on a clock the PLL generates based on the crystal resonation clock. The analog and microcontroller interface blocks operate on the crystal resonation clock while the DSP block operates on the PLL-generated clock.
Crystal
PLL
Dividing
Clock for DSP PLL-generated
Input= 256fs Divider
Clock for Analog Block (256fs) Clock for Analog Block (256fs or 512fs) Timing output to pins (LRCKO,BCKO,MCKO)
Crystal precision
Figure 1 Timing System
The system can divide the clock from the crystal and provide three types of clock from output pins.
MCKO Clock Xi fs256 Xo xi = 11.2896MHz (44.1kHzx256)
LRCKO, BCKO Clock ADC, DAC x1/2 x1/512
LRCKO fs128fs0.5
MCKO
BCKO
MAF,
Audio I/F
MCU I/F
x1/M
REFCK VARCK Phase Comp. VCO x1/ DSP
x1/ PLL
Figure 2 Block diagram of clock generator circuit
5
2005-09-28
TC94A48FG
1.1 Timing register setting [AIFA]
Bit 15-14
Default
Contents BCKi-1 clock frequency 00 32fs 01 48fs 10 64fs 11 64fs BCKi-0 clock frequency 00 32fs 01 48fs 10 64fs 11 64fs LRCKi-1 polarity Lch=Low (interrupt by fall edge) 0 Lch=High (interrupt by rise edge) 1 LRCKi-0 polarity Lch=Low (interrupt by fall edge) 0 Lch=High (interrupt by rise edge) 1 SDi clock select LRCKi-0/BCKi-0 0 LRCKi-1/BCKi-1 1 SDo clock select 0 LRCKi-0/BCKi-0 1 LRCKi-1/BCKi-1 SDi input format 00 LSB justified 01 MSB justified 10 I2S 11 I2 S SDi input bit clock 00 16bit 01 18bit 10 20bit 11 24bit SDo output format 00 LSB justified 01 MSB justified 10 I2 S 11 I2 S SDo output bit clock 00 16bit 01 18bit 10 20bit 11 24bit
13-12
11 10 9 8 7-6
5-4
3-2
1-0
Note 2: In 48fs frequency setup of BCKi-1 and BCKi-0, LRCKi/BCKi coresponds only an input, and LRCKo / BCKo does not correspond.
6
2005-09-28
TC94A48FG
[MOD_O]
Bit 15-12 11
Default
10 9 8 7 6 5 4 3 2 1 0
Contents Reserved Fixed to "0" SDo3 is used as a general-purpose output Po5. 0 Disable 1 Enable SDo2 is used as a general-purpose output Po4. 0 Disable 1 Enable SDo1 is used as a general-purpose output Po3. 0 Disable 1 Enable SDo0 is used as a general-purpose output Po2. 0 Disable 1 Enable Reserved Fixed to "0" Reserved Fixed to "1" Synchronization of LRCKi and LRCKo 0 Disable 1 Enable BCCMP/BCJMP Enable 0 Disable 1 Enable DAC Enable 0 Disable 1 Enable ADC Enable 0 Disable 1 Enable LRCKo is connected to LRCKi1. 0 It does not connect. 1 It connects. LRCKo is connected to LRCKi0. 0 It does not connect. 1 It connects.
7
2005-09-28
TC94A48FG
[TMGA]
Bit 15-14 13
Default
12-7 6 5-3 2-0
Contents Reserved Fixed to "0" DSP clock output select 0 Disable 1 Enable Reserved Fixed to "0" MCKO clock output select 1/1 Xi clock 0 1 1/2 Xi clock Reserved Fixed to "0" DSP clock divider setting (1/J) 000 1/1 001 1/2 010 1/4 011 1/8 100 1/16 101 1/3 110 1/6 111 Prohibit
[TMGB]
Bit 15-14
Default
13 12-8
7-0
Contents LRCKo/BCKo clock select 00 FS1/FS32(BCK=fs32) 01 FS1/FS64(BCK=fs64) 10 FS2/FS64(BCK=fs32) 11 FS2/FS128(BCK=fs64) LRCKo/BCKo output clock select 0 Disable 1 Enable Reference clock divider setting (1/M) 00h 1/1 01h 1/2 09h 1/10 1Fh 1/32 Variable clock divider setting (1/N) 00h 1/1 01h 1/2 3Fh 1/64 FFh 1/256
8
2005-09-28
TC94A48FG
1.2 Timing Output Mode 0 1 2 3 4 LRCKO Pin Output Fixed to GND 1fs 1fs 2fs 2fs BCKO Pin Output Fixed to ground 32fs 64fs 64fs 128fs Remarks Initial Value LRCKO / BCKO Pin Output Settings
MCKO Pin Output Settings Mode 0 1 2
Note 3:
MCKO Pin Output Fixed to GND XCKI (=XI) 0.5 x XCKI
Remarks
It can be initialized by reset. Undefined until set by microcontroller or built-in DSP program
A setup of a timing output is performed by the built-in firmware.
1.3
Example of oscillator circuit
The example of a circuit at the time of the crystal oscillator use in an oscillation part is shown in figure 3.
Crystal oscillator connection
XI 64 1 XO 11.2896MHz
1M 22pF 22pF
Figure 3 Example of oscillator circuit
1.4 Example of PLL circuit
A PLL circuit can consist of connecting LPF to a PLLC terminal easily. The example of a circuit is shown in figure 4.
VCO GNDP PLLC
Phase Comp. VDDP 0.1uF 47uF VDD
46 47 48
220 0.01uF
Figure 4
Example of PLL circuit
The above-mentioned external constant is a reference value. It may change with application.
9
2005-09-28
TC94A48FG
1.5 1.5.1 Audio Input/Output Format Audio Serial Data Input Format
The TC94A48FG supports MSB-first input only. In slave mode, it supports all setting formats for the number of bit clock slots. In master mode, it does not support 24 slots.
M
= MSB
L
= LSB
don't care(invalid data, padded with "0" when read by DSP
internal firmware)
Timing Chart Remarks
Number Data Word MO Length of DE (bit) Slots 0 16 1 16
Format MSBjustified (LSBjustified) I2S
M
15 14 13 12 11
M
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
L
0
Initial Value
L
10 9 8 7 6 5 4 3 2 1 0
2
MSBjustified
M
1 5 1 4 1 3 1 2 1 1 1 0 9 8 7 6 5 4 3 2 1
L
0
3
16
LSBjustified
M
15
L
0
4
24
I2S
M
15
L
0
Unavailable in master mode(Note)
5 24 6
MSBjustified (LSBjustified) I2S
M
23
L
0
M
23
L
0
7
MSBjustified
M
15
L
0
8
16
LSBjustified
M
15
L
0
9 32 10
I2S
M
15
L
0
MSBjustified
M
23
L
0
11
24
LSBjustified
M
23
L
0
12
I2S
M
23
L
0
Note 4: These formats cannot be used in master mode (when LRCK and BCK are supplied to external devices).
10
2005-09-28
TC94A48FG
1.5.2 Audio Serial Data Output Format
The valid part of data is the same as that for the input format. The TC94A48FG supports MSB-first output only. In slave mode, it supports all setting formats for the number of bit clock slots. In master mode, it does not support 24 slots.
M MO DE
MSB
L
LSB
Format
fixed to "0" (data sent from DSP is ignored)
Timing Chart Remarks
Number Data Word Length of (bits) SLOT
0
M L
14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Initial value 16 16 I2S
M
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15
1
L
0
2
M
1 5 1 4 1 3 1 2 1 1 1 0 9 8 7 6 5 4 3 2 1
L
0
3
16
M
15
L
0
4
24
I2S
M
15
L
0
Unavailable in master mode(Note)
5
M L
0
24 6 I2S
23
M
23
L
0
7
M
15
L
0
8
16
M
15
L
0
9 32 10
I2S
M
15
L
0
M
23
L
0
11
24
M
23
L
0
12
I2S
M
23
L
0
Note 5: These formats cannot be used in master mode (when LRCK and BCK are supplied to external devices).
11
2005-09-28
TC94A48FG
The audio input block and output block support different clock settings. Input and output port settings are, however, shared as follows:
LR Clock Setting for Input Block
Mode Master Mode Slave Mode Signal Signal delivered to LRCKO pin (crystal resonation clock divided) LRCKI0 pin input LRCKI1 pin input
Bit Clock Setting for Input Block
Mode Master Mode Slave Mode Signal Signal delivered to BCKO pin (crystal resonation clock divided) BCKI0 pin input BCKI1 pin input
LR Clock Setting for Output Block
Mode Master Mode Slave Mode Signal Signal delivered to LRCKO pin (crystal resonation clock divided) LRCKI0 pin input LRCKI1 pin input
Bit Clock Setting for Input Block
Mode Master Mode Slave Mode Signal Signal delivered to BCKO pin (crystal resonation clock divided) BCKI0 pin input BCKI1 pin input
12
2005-09-28
TC94A48FG
2. Microcontroller Interface
The TC94A48FG can exchange data with a microcontroller in either normal transmission mode or I2C mode. It uses the MIMD pin to select the mode and inputs/outputs data in MSB-first format. Table 1 shows the features supported and the pins used in each mode. Table 2 shows the bit composition of a 24-bit command. Note 6: This data sheet shows general control methods. Refer to the separate program explanation data sheet for a complete command list or detailed description of control methods.
Table 1
Pins Used and Features Supported in Normal Transmission Mode and I2C Mode
Transmission Mode Pin Input/Output Input Input Input Output (open-drain) Input, Input / Output (I2C mode) Output (open-drain) Normal Transmission Mode (MIMD=L) Function Chip select Input Latch pulse input Data input / output Clock input Acknowledge output I2C Mode (MIMD=H) Function Not used (fixed to "L") Not used (fixed to "L") Data input / output (SDA) Clock input (SCL) Not used
/MICS MILP /MIDIO /MICK /MIACK
Note 7: The input High voltage for these pins should be VDD-0.2 V to 5.5V. Note 8: The open-drain /MIDIO and /MIACK pins require external pull-up resistors. In I C mode, the /MICK pin also requires a pull-up resistor. The pulled-up voltage for these pins should be VDD-0.2V to 5.5V. Note9: The I C bus write address is 30 h and read address is 31h.
2 2
Table 2 Bit Composition of a 24-bit Command
Bit 23-8 7 6 5 4 Function 16-bit address Not used Start program RAM boot Specify soft reset Specify read or write (R/W) Set the number of words to be transmitted Remarks Refer to the command list in the program explanation data sheet. "1" starts program RAM boot. "1" triggers a soft reset. "1" specifies a read. 0h" ; 1word 3-0 "7h" ; 8words
13
2005-09-28
TC94A48FG
2.1 2.1.1 Normal Transmission Mode Data Transfer Format in Normal Transmission Mode
Figure 1 shows the data transfer format in normal transmission mode. In normal transmission mode, the system first drives /MICS low and then checks that /MIACK is low before transferring a 24-bit command MSB first. It cannot transfer data if /MIACK is high. The system then reads or writes as many 24-bit data words (one to eight) as specified with the 24-bit command and finally drives /MICS high. For a read, it should also make sure that /MIACK is low after transferring a 24-bit command because /MIACK becomes high temporarily after the command is transferred.
24bit DATA(18word) /MICS /MIACK /MILP /MICK /MIDIO COMMAND(24bit) DATA(24bit) DATA(24bit)
Figure 5(a) Data Transfer Format in Normal Transmission Mode
2.1.2
(1)
Data Transfer Method in Normal Transmission Mode
Program boot and program start The TC94A48FG has 1k-word RAM assigned to program addresses 000h to 3FFh, in which 000h to 003h are interrupt vector addresses. To enable the TC94A48FG to operate, a program must be booted to an interrupt vector address. If you want to store a program in the area from 004h to 3FFh, a program loading process must follow the interrupt vector address. For a program boot, the 24-bit command transferred upon a reset must have the program RAM boot start bit and soft reset bit set to "1" (command = xxxx60h). The command must be followed by 16-bit program data, set in lower bits in 24-bit data. The write address is automatically incremented (by one) from the command (000h). The program boot completes once /MICS is driven high upon transferring the required number of words. The write address for a program boot always starts from the command (000h). To start the program, transfer a 24-bit command with the soft reset bit cleared and then drive /MICS high without transferring data. Figure 6 shows the program boot and program start procedure.
14
2005-09-28
TC94A48FG
Hard reset (or soft reset) " " Check =" " If " " , wait until " " Write 24-bit command (program boot = 000060h) Write program data (16bits at address 000h) Write program data (16bits at address 001h) Set the program boot and soft reset bits to "H"
Program data stored in lower 16bits Bootable for address of up to 3FFh
Write program data (Address 3FEh) Write program data (Address 3FFh) " " Program boot finished
" " Check =" " If " " , wait until " " Write 24-bit command (soft reset off = 000000h) " " Start program
Figure 6
Program Boot and Program Start Procedure
15
2005-09-28
TC94A48FG
(2) Writing 24-bit data When the host microcontroller writes data to the TC94A48FG during the execution of a program, it sets a 16-bit address in a 24-bit command as well as sets its R/W bit to "0" and sets the number of words to be written. Then, it transfers the 24-bit command, followed by a required number of 24-bit data words. Figure 7 shows the 24 bit data write procedure.
"" Check M = "" (If MIACK = "H" , wait until MIACK = "L") Write 24-bit command (data write = xxxx0xh) Set 16-bit address and the number of words to be transferred.
Write 24-bit data (1) Can write up to eight 24-bit data words Write 24-bit data (2)
Write 24-bit data (n) ""
Data write finished
Figure 7 shows the 24-bit data write procedure.
16
2005-09-28
TC94A48FG
(3) Reading 24-bit data When the host microcontroller reads data from the TC94A48FG during the execution of a program, it sets a 16-bit address in a 24-bit command as well as sets its R/W bit to "1" and sets the number of words to be read. Then, it transfers the 24-bit command, check that /MIACK = "L", and read a required number of 24-bit data words. The host microcontroller should check that /MIACK = "L" because it has to wait until the data to be read is set in the data buffer. Figure 8 shows the 24 bit data read procedure.
"" Check "" If M"" , wait until MIACK = "") Transfer 24-bit command (data read = xxxx1xh) Check "" If M"" , wait until MIACK = "") Can read up to eight 24-bit data word Read 24-bit data (1) Set 16 bit address and the number of words to be transferred.
Read 24-bit data (2)
Read 24-bit data (n)
""
Data read finished
Figure 8 shows the 24-bit data read procedure.
17
2005-09-28
TC94A48FG
(4) Triggering and terminating a soft reset A soft reset is required before the system can start a program after program boot or restart a program. A 24-bit command with its soft reset bit set to "1" triggers a soft reset and a command with the bit cleared terminates a soft reset. When trigging or terminating a soft reset, drive /MICS high after transferring the 24-bit command because no data needs to follow the command. Figure 9 shows the procedure for trigging or terminating a soft reset.
"" Check M = "" (If MIACK = "H" , wait until MIACK = "L") Transfer 24-bit command (soft reset ON/OFF = 0000x0h) "" If a malfunction occurs, perform a hard reset prior to a soft reset. "1" triggers a reset "0" terminates a reset
Soft reset triggered or terminated
Figure 9
Procedure for Trigging or Terminating a Soft Reset
18
2005-09-28
TC94A48FG
2.2 2.2.1 I C Bus Mode Data Transfer Format in I C Bus Mode
Figure 10 shows the data transfer format in I2C bus mode. In I2C bus mode, the host microcontroller first transfers an I2C address (write = 30h) and then checks that the ACK bit is low. If the ACK bit is high, it retransmits a start condition (without transmitting a stop condition) and then transfers an I2C address of 30h. After transferring an I2C address, the host microcontroller transfers a 24-bit command. When the host microcontroller writes data to the TC94A48FG, it writes as many 24-bit data words as specified with the 24-bit command (1 to 8 words) and then transfers an end condition. When the host microcontroller reads data from the TC94A48FG, it transfers a 24-bit command and then, without transmitting an end condition, transfers an I2C address (read =31h) and check that the ACK bit is low. If the ACK bit is high, the host microcontroller retransmits a start condition (without transmitting a stop condition) and then transfers an I2C address of 31h. After checking that the ACK bit is low, the host microcontroller reads as many 24-bit data words as specified with the 24-bit command (1 to 8 words). During a read, the host microcontroller sets the ACK bit to low after reading every eight bits. The ACK bit accompanying the last eight bits must be set to high, after which the host microcontroller transmits a stop condition. When transferring only a 24-bit command without reading or writing data, transmit an end condition after transferring the command. Figures 11 to 13 show the data transfer formats for writing, reading, and transferring a command only.
2 2
SDA SCL
I2C Address(30h)
R/W ACK
DATA Hi(8bit)
ACK
DATA Mid(8bit)
DATA Low(8bit)
ACK
I2C Address Start Condition
24bit Command and 24bit DATA (18word) Stop Condition
Figure 10 Data Transmission Format in I2C Mode
(30h)
START I2C Address W A COMMAND(H) A
24bit COMMAND
COMMAND(M) A COMMAND(L) A
24bit Write DATA(1word 8word)
DATA(H)
A
DATA(M)
A
DATA(L)
A
STOP
Each ACK signal sent from TC94A48FG to Host
An interval of at least 1fs(32s@1fs=32kHz) is required before next START
Figure 11 Format for Writing
(30h)
START
I2C Address
24bit COMMAND WA
COMMAND(H)
(31h)
COMMAND(L)
24bit Read DATA(1word 8word) RA
RD(H)
A
COMMAND(M)
A
A
START
I2C Address
A
RD(M)
A
RD(L)
A
STOP
Each ACK signal sent from TC94A48FG to Host An interval of at least 1fs(32s@1fs=32kHz) is required before next START
These ACK signals are sent from host to TC94A48FG This ACK signal is set to "H" by the Host
Figure 12
(30h)
Format for Reading
24bit COMMAND
COMMAND(M) A COMMAND(L) A
START I2 C Address W A COMMAND(H) A
STOP
Each ACK signal sent from TC94A48FG to Host
Figure 13 Format for Transferring a Command Only
19
2005-09-28
TC94A48FG
2.2.2
(1)
Data Transfer Method in I C Mode
Program boot and program start The TC94A48FG has 1k-word RAM assigned to program addresses 000h to 3FFh, in which 000h to 003h are interrupt vector addresses. To enable the TC94A48FG to operate, a program must be booted to an interrupt vector address. If you want to store a program in the area from 004h to 3FFh, a program loading process must follow the interrupt vector address. For a program boot, the 24-bit command transferred upon a reset must have the program RAM boot start bit and soft reset bit set to "1" (command = xxxx60h). The command must be followed by 16-bit program data, set in lower bits in 24-bit data. The write address is automatically incremented (by one) from the command (000h). The program boot completes once an end condition is transmitted upon transferring the required number of words. The write address for a program boot always starts from the command (000h). To start the program, transfer a 24-bit command with the soft reset bit cleared and then transmit an end condition without transferring data. Figure 14 shows the program boot and program start procedure.
2
20
2005-09-28
TC94A48FG
Hard reset (or soft reset) Transfer I2C Check ACK bit = "L" Write 24-bit command (program boot = 000060h) Write program data (16 bits at address 0000h) Write program data (16 bits at address 0001h) Program data stored in lower 16bits Bootable for address of up to 3FFh Set the program boot and soft reset bits to "H" If ACK = "H" , restart from START condition.
Write program data (16bits at address 3FEh) Write program data (16bits at address 3FFh) Program boot finished
Transfer I2C Check ACK bit = "L" Write 24-bit command (soft reset OFF = 000000h) Start program If ACK = "H" , restart from START condition.
Figure 14
Program Boot and Program Start Procedure
21
2005-09-28
TC94A48FG
(2) Writing 24-bit data When the host microcontroller writes data to the TC94A48FG during the execution of a program, it sets a 16-bit address in a 24-bit command as well as sets its R/W bit to "0" and sets the number of words to be written. Then, it transfers the 24-bit command, followed by a required number of 24-bit data words. An interval of at least 1fs(32s@1fs=32kHz) is required before next started. Figure 15 shows the 24 bit data write procedure.
Transfer I2C Check ACK bit = "L" Write 24-bit command (data write = xxxx0xh) Set 16-bit address and the number of words to be transferred. If ACK = "H" , restart from START condition.
Write 24-bit data (1) Can write up to eight 24-bit data words Write 24-bit data (2)
Write 24-bit data (n)
Data write finished
Figure 15 shows the 24-bit Data Write Procedure.
22
2005-09-28
TC94A48FG
(3) Reading 24-bit data When the host microcontroller reads data from the TC94A48FG during the execution of a program, it sets a 16-bit address in a 24-bit command as well as sets its R/W bit to "1" and sets the number of words to be read. Then, it transfers the 24-bit command, waits about 1fs, and then transfers an I2C address of 31h, followed by a start condition. Finally, it reads a required number of 24-bit data words. During a read, the host microcontroller should set the ACK bits to low but the ACK bit accompanying the last eight bits of data must be high, thus causing the TC94A48FG to relinquish the SDA bus line so that the host microcontroller can transmit a stop condition. The host microcontroller should wait about 1fs after transferring a command because it has to wait until the data to be read is set in the data buffer of the TC94A48FG. Figure 16 shows the 24-bit data read procedure.
Transfer I2C (30h) Check ACK bit = "L" Transfer 24-bit command (data read = xxxx1xh) Wait about 1fs Transfer I2C (31h) Check ACK bit = "L" Read 24-bit data (1) Read 24-bit data (2)
If ACK = "H" , restart from START condition.
Set a 16-bit address and the number of words to be transferred.
If ACK = "H" , restart from START condition.
Can read up to eight 24-bit data words
Read 24-bit data (n)
Set the last ACK bit to "H"
Data read finished
Figure 16 shows the 24-bit Data Read Procedure
23
2005-09-28
TC94A48FG
(4) Triggering and terminating a soft reset A soft reset is required before the system can start a program after program boot or restart a program. A 24-bit command with its soft reset bit set to "1" triggers a soft reset and a command with the bit cleared terminates a soft reset. When trigging or terminating a soft reset, transmit a stop condition after transferring the 24-bit command because no data needs to follow the command. Figure 17 shows the procedure for triggering or terminating a soft reset.
Transfer I2C Check ACK bit = "L" Transfer 24-bit command (soft reset ON/OFF = 0000x0h)
If ACK = "H" , restart from START Condition. If a system crash(malfunction) occurs, perform a hard reset prior to a soft reset.
"1" triggers a reset "0" terminates a reset
Soft reset triggered or terminated
Figure 17
Procedure for Triggering or Terminating a Soft Reset
3. Write and Read Commands
The specifications of write and read commands depend on the built-in program. For details, refer to the program explanation data sheet.
24
2005-09-28
TC94A48FG
Maximum Ratings (Ta = 25C)
Characteristics Supply Voltage Input voltage 1 Input voltage 2 (Note10) Power dissipation Operating temperature Storage temperature Symbol VDD Vin1 Vin2 PD Topr Tstg Rating -0.3~4.0 -0.3~VDD + 0.1 -0.3~+ 5.5 400 -40~+85 -55~+150 Unit V V V mW C C
Note10: SDI0~3, LRCKI0~1, BCKI0~1, GPI0~1, /MICS, /MICK, /MIDIO, MILP, BTMD, MIMD, /RST
Electrical Characteristics (unless otherwise specified, Ta = 25C, VDD = VDDX = VDD12 = VDD3 = VDD45 = VDD6 = VDDP = VDDA = 3.3V)
DC Characteristics
Characteristics Operating supply voltage Operating frequency range PLL clock frequency range Operating supply current Symbol VDD fopr fplo IDD Test circuit fopr =75MHz (75MIPS) Test Condition Ta = -40~85C Using PLL for DSP clock Min. 3.0 30 90 Typ. 3.3 90 Max. 3.6 75 225 100 Unit V MHz MHz mA
Clock pins (XI,XO)
Characteristics Input voltage(1) "H" level "L" level "H" level "L" level Symbol VIH1 VIL1 IOH1 IOL1 Test circuit XI pin VOH = 2.8 V VOL = 0.5 V Test Condition Min. 2.8 XO pin 3.0 Typ. Max. 0.5 -2.5 Unit V
Output voltage(1)
mA
Input pins
Characteristics Input voltage(2) Input leakage current "H" level "L" level "H" level "L" level Symbol VIH2 VIL2 IIH2 IIL2 Test circuit Test Condition (Note 11) VIN = VDD VIN = 0 V (Note 11), (Note 12) Min. 2.8 -10 Typ. Max. 0.5 10 Unit V
A
Note 11: SDI0~3, LRCKI0~1, BCKI0~1, GPI0~1, /MICS, /MICK, /MIDIO, MILP, BTMD, MIMD, /RST, TEST0~1, PLLC Note 12 : XI
25
2005-09-28
TC94A48FG
Output pins
Characteristics Output current(2) "H" level "L" level "H" level "L" level "L" level Symbol IOH2 IOL2 IOH3 IOL3 IOL4 IOZ5 Test circuit Test Condition VOH = 2.8 V VOL = 0.5 V VOH = 2.8 V VOL = 0.5 V VOL = 0.5 V VOH = VDD (Note 13) (Note 13) (Note 14) (Note 14) (Note 15) (Note 15) Min. 5 3 5 Typ. Max. -5 -3 10 A mA Unit
Output current(3) Output current(4) Output-off leakage current

Note 13: SDO0~3, LRCKO, BCKO (push-pull output) Note 14: MCKO (push-pull output) Note 15: GPO0~1, /MIDIO, /MIACK (open-drain output)
26
2005-09-28
TC94A48FG
AC Characteristics
* * * The gain through the firmware is 0 dB (pass-through), except for +2 dB for DC-cut-HPF. VDD (for all power supplies) = 3.3V, Ta = 25C Test circuit
MCU
Digital SG/Analyzer I/F
0.01uF 220
48 39 49 VDDP 47 PLLC 46 GNDP 45 MILP 44 /MIACK 43 /MIDIO 42 /MICK
10k 10k
10k 10k
41 /MICS
40 GPI0
39 GPI1
38 VDD
37 GND
36 GPO0
35 GPO1
34 MCKO GND56 15
33 65 BCKO 39 32 LRCKO SDO0 31 SDO1 30 SDO2 29 SDO3 28 BCKI0 27 BCKI1 26
BTMD 50 MIMD 51 /RST 52 VDD 53 GND
54 TEST1 55 TEST0
Lch
1k 2200pF 1k 2200pF 4.7F 4.7F
AGND
56 GNDL 57 LIN
TC94A48FG
LRCKI0 25 LRCKI1 24 SDI0 23 SDI1 22 SDI2 21 SDI3 20 GND 19 VDD 18
47F 47F
58 ADVL 59 VDDA 60 ADVR 61 RIN 62 GNDR 63 GNDX GND12 VDD23 GND3 GND4 VDDX DAO1 DAO2 DAO3 DAO4 DAO5 DAO6 VDD1 64 XI XO 1 VDD45 VRI
Rch
VDD6 17
2
3
4
5
6
7
8
9
10
11
12
13
14
16
47uF 1M 22pF Analog VDD Analog GND Digital Digital VDD GND 22pF
270 2200pF 10F 10k
270
270
270
270
270 2200pF 10F 10k
2200pF 2200pF 10F 10F 10k 10k
2200pF 2200pF 10F 10F 10k 10k
DAC1 DAC2
DAC3 DAC4
DAC5 DAC6
27
2005-09-28
TC94A48FG
AD Converter: LIN and RIN pin input, Vin_ref: 1 kHz, 800 mVrms (unless otherwise specified), SDO0 pin output monitored
Characteristics Maximum input signal Input impedance S/N ratio THD + N Crosstalk Dynamic range L to R gain error Symbol Vin Zin S/Na THDa CTa DRa Vdlr Test Condition Input level that drives ADC output to digital full scale. Each of LIN and RIN pins A-Weight, Input AC shorted, Crystal: 11.2896 MHz 20 kHz LPF, Crystal: 11.2896 MHz 20 kHz LPF, Lch to Rch/ Rch to Lch, Crystal: 11.2896 MHz A-Weight, -60dB for Vin_ref input, Crystal: 11.2896 MHz Min. 20 87 87 -0.5 Typ. 27 93 -83 -85 93 0 Max. 800 34 -77 -78 0.5 dB Unit mVrms k
DA Converter: SDO0 to SDO3 pin input, SDI0_ref = 0 dBFS, 1 kHz (unless otherwise specified), DAO1 to DAO6 pin output monitored.
Characteristics Output signal level S/N ratio THD + N Crosstalk Dynamic range Channel-to-channel gain error Symbol Ao S/Nd THDd CTd DRd Vddo Test Condition Output voltage at digital full-scale input A-Weight, Crystal: 11.2896 MHz 20 kHz LPF Crystal: 11.2896 MHz 20 kHz LPF, Crystal: 11.2896 MHz A-Weight Crystal: 11.2896 MHz DAO1~DAO6 pin output monitored. Min. 790 90 88 -0.5 Typ. 830 98 -88 -90 95 0 Max. 870 -75 -83 0.5 dB Unit mVrms
28
2005-09-28
TC94A48FG
Timing
Clock input pin (XI)
Characteristics Clock cycle Clock "H" duration Clock "L" duration Symbol tXI tXIH tXIL Test Condition fs=32kHz~48kHz, 256fs input Min. 80.0 40.0 40.0 Typ. 88.6 44.3 44.3 Max. 124.0 62.0 62.0 ns Unit
Reset pin (/RST)
Characteristics Standby time Reset pulse width Symbol tRRS tWRS Test Condition Min. 10 1.0 Typ. Max. Unit ms s
Note 16: The /RST pin must be driven low at power-on.
Audio Serial Interface (BCKI0~1, BCKO, LRCKI0~1, LRCKO, SDI0~3, SDO0~3)
Characteristics LRCKIx setup time LRCKIx hold time SDIx setup time SDIx hold time BCKIx clock cycle BCKIx clock "H" duration BCKIx clock "L" duration SDOx output delay(1) SDOx output delay(2) LRCKO output delay Symbol tLBS tLBH tSDI tHDI tBCK tBCH tBCL tDO1 tDO2 tDCLR CL = 30 pF CL = 30 pF CL = 30 pF CL = 30 pF fs = 48 kHz or lower BCKI0 and BCKI1 input: 64 fs or lower Test Condition Min. 75 -75 50 50 300 150 150 Typ. Max. 75 60 60 40 ns Unit
29
2005-09-28
TC94A48FG
Microcontroller Interface Normal Transmission Mode (/MICS, /MICK, /MIDIO, MILP, /MIACK)
Characteristics Standby time /MICS fall to /MICK rise setup time /MIACK fall to /MICK rise setup time /MICK clock cycle /MICK "L" duration /MICK "H" duration /MICK rise to /MILP fall setup time MILP "L" duration /MIDIO input data setup time /MIDIO input data hold time /MIDIO output data delay /MICS "H" duration /MIACK output delay MILP rise to /MICS rise setup time Symbol tSTB t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 Test Condition Min. 20 0.5 0.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 s Typ. Max. Unit ms

Note 17: The /MIACK output timing and /MIACK "H" duration vary with the firmware.
I2C Mode (/MICK, /MIDIO)
Characteristics /MICK clock frequency /MICK "H" duration /MICK "L" duration Data setup time Data hold time Transmission start condition hold time Repeated transmission start condition setup time Transmission end condition setup time Data transmission interval I C rise time I C fall time
2 2
Symbol fIFCK tH tL tDS tDH tSCH tSCS tECS tBUF tR tF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF CL = 400 pF
Test Condition
Min. 0 0.6 1.3 0.2 0 0.6 0.6 0.6 1.3
Typ.
Max. 400 0.9 0.3 0.3
Unit kHz
s
30
2005-09-28
TC94A48FG
AC Characteristics Measurement Points 1. Clock Pin (XI)
XI
50% tXIH tXI tXIL
2.
Reset Pin (/RST)
100% VDD 0% /RST tRRS 50% tWRS 90%
3.
Audio Serial Interface (LRCKIx, BCKIx, SDIx, LRCKO, BCKO, SDOx, MCKO)
XI 50% tDCLR 50% 0% tBCK tBCL LRCKIx/ LRCKO tLBH BCKIx/ BCKO tLBS tBCH
100% LRCKO
SDIx tSDI SDOx tDO1 tDO2 tHDI
31
2005-09-28
TC94A48FG
4. Microcontroller Interface
4-1. Serial Mode (/MICS, /MICK, /MIDIO, MILP, /MIACK)
/RST
/MICS tSTB
t1 /MICS t2
/MIACK t3 t4 /MICK t5 t6 t7 t8 t9 DATA IN t12
MILP
/MIDIO
/MIDIO t10
DATA OUT
t13
t11
/MICS
/MIACK
/MICK
t7 t6 DATA IN
MILP
/MIDIO
/MIDIO
DATA OUT
32
2005-09-28
TC94A48FG
4-2. I C Mode (/MICK, /MIDIO)
2
/RST /MIDIO (SDA) tSTB tBUF /MIDIO (SDA)
/MICK (SCL) tSCH tR tL tH tDS tDH tSCS tF tECS
33
2005-09-28
TC94A48FG
Equivalent Circuit Diagrams
Type Equivalent Circuit Diagram Schmitt Input Description
A
Schmitt Input. 5V tolerant. B A voltage can be applied to this pin even when the power supply pin of the TC94A48FG is driven to 0V.
Push-pull output. C The amplitude is 3.3 V. If external devices require 5V amplitude, perform a level conversion.
Open-drain output This pin must be pulled up to VDD or 5V externally. D
Schmitt input and open-drain output This pin must be pulled up to VDD or 5V externally. A voltage can be applied to this pin even when the power supply pin of the TC94A48FG is driven to 0V. E [Caution] When using the pin for input, connect it to an open-drain output pin of an external device.
Type A: TEST0, TEST1 Type B: SDI0~3, LRCKI0~1, BCKI0~1, GPI0~1, BTMD, MILP, /MICK, /MICS, MIMD, /RST Type C: SDO0~3, MCKO, BCKO, LRCKO Type D: GPO0~1, /MIACK Type E: /MIDIO
34
2005-09-28
TC94A48FG
Package Dimensions
L Q F P 6 4 - P- 1 0 1 0 - 0 . 5 0 E U n it: m m
(Note) Palladium plate
Weight : 0.4g (typ.)
35
2005-09-28
TC94A48FG
36
2005-09-28


▲Up To Search▲   

 
Price & Availability of TC94A48FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X