Part Number Hot Search : 
AO9926B 02111 L4448 AD76881 73CB06 SK156 SA160 LX5514LL
Product Description
Full Text Search
 

To Download TC74HC697AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC697AP/AF
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC697AP,TC74HC697AF
Synchronous Presettable 4-Bit Binary Up/Down Counter with Output Register (multiplexed 3-state outputs)
The TC74HC697A is high speed CMOS UP/DOWN COUNTERS fabricated with silicon gate C2MOS technology. It achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. It counts on the rising edge of the Counter Clock (CCK) input when "counter mode" is selected. If the up/down ( U/ D ) input is held high, the internal counter counts up. Conversely, if U/ D is held low, it counts down. The internal counters outputs are latched into the output registers on the rising edge of the Register Clock (RCK) input. The outputs (QA~QD) are selected as either internal counter or registered outputs by the output select ( R/C ) input. When high, the outputs are counter outputs and when low, they are registered outputs. Two enable ( ENP , ENT ) inputs and a carry ( RCO ) output are provided to enable cascading of the counters. This facilitates easy implementation of n-bit counters without using external gates. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
TC74HC697AP
TC74HC697AF
Features
* * * * *
Weight DlP20-P-300-2.54A SOP20-P-300-1.27A
: 1.30 g (typ.) : 0.22 g (typ.)
High speed: fmax = 38 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Outputs drive capability: 15 LSTTL loads for QA~QD 10 LSTTL loads for RCO Symmetrical output impedance: |IOH| = IOL = 6 mA (min) for QA~QD |IOH| = IOL = 4 mA (min) for RCO Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2~6 V Pin and function compatible with 74LS697
* * *
1
2007-10-01
TC74HC697AP/AF
Pin Assignment
IEC Logic symbol
Block Diagram
2
2007-10-01
TC74HC697AP/AF
Truth Table
Inputs Outputs
CCLR
LOAD
X X L H H H H X X X
ENP X X X H X L L X X X
ENT X X X X H L L X X X
CCK X X
U/D
X X X X X H L X
RCK X X X X X X X X
R/C
X L L L L L L L H H
G
H L L L L L L L L L
QA Z L a
QB Z L b
QC Z L c
QD Z L d
Function Z Clear Counter Load Counter No Count Count Count No Count
X L H H H H H H X X
No Change Count Up Count Down No Change a' b' c' d'
X X
X X
Load Register No Count
No Change
X: Don't care Z: High impedance a~d: The level of steady state inputs at inputs A through D respectively. a'~d': The level of steady state outputs at internal counter outputs QA' through QD' respectively.
RCO = ( UP QA QB QC QD ENT+ UP QA QB QC QD ENT )
3
2007-10-01
TC74HC697AP/AF
Timing Chart
4
2007-10-01
TC74HC697AP/AF
System Diagram
5
2007-10-01
TC74HC697AP/AF
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current ( RCO ) Symbol VCC VIN VOUT IIK IOK Rating
-0.5~7 -0.5~VCC + 0.5 -0.5~VCC + 0.5 20 20 25 35 75
Unit V V V mA mA
(QA~QD)
IOUT ICC PD Tstg
mA mA mW C
DC VCC/ground current Power dissipation Storage temperature
500 (DIP) (Note 2)/180 (SOP)
-65150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2~6 0~VCC 0~VCC
-40~85
Unit V V V C
0~1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0~500 (VCC = 4.5 V) 0~400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
6
2007-10-01
TC74HC697AP/AF
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40~85C Max

Typ.

Min 1.50 3.15 4.20

Max

Unit
4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68 4.18 5.68

2.0 4.5 6.0 4.31 5.80 4.31 5.80 0.0 0.0 0.0 0.17 0.18 0.17 0.18

1.9 4.4 5.9 4.13 5.63 4.13 5.63

VIN = VIH or VIL High-level output voltage VOH
IOH = -20 A IOH = -4 mA IOH = -5.2 mA IOH = -6 mA IOH = -7.8 mA IOL = 20 A IOL = 4 mA IOL = 5.2 mA IOL = 6 mA IOL = 7.8 mA
4.5 6.0
RCO
4.5 6.0 4.5 6.0 2.0
V
QA~QD
0.1 0.1 0.1 0.26 0.26 0.26 0.26
0.5 0.1
0.1 0.1 0.1 0.33 0.33 0.33 0.33
5.0 1.0 A A A
VIN = VIH or VIL Low-level output voltage VOL
4.5 6.0
RCO
4.5 6.0 4.5 6.0 6.0 6.0 6.0
V
QA~QD 3-state output off-state current Input leakage current Quiescent supply current VIN = VIH or VIL
IOZ IIN ICC
VOUT = VCC or GND VIN = VCC or GND VIN = VCC or GND
4.0
40.0
7
2007-10-01
TC74HC697AP/AF
Timing Requirements (input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CCK, RCK ) tW (L) tW (H) 2.0
Ta = 25C Typ.

Ta = -40 ~85C Limit 95 19 16 95 19 16 190 38 32 65 13 11 125 25 21 125 25 21 5 5 5 0 0 0 5 5 5 4 20 24
Unit
Limit 75 15 13 75 15 13 150 30 13 50 10 9 100 20 17 100 20 17 5 5 5 0 0 0 5 5 5 5 25 29
4.5 6.0 2.0
ns
Minimum pulse width ( CCLR )
tW (L)
4.5 6.0 2.0
ns
Minimum set-up time ( LOAD , ENT , ENP )
ts
4.5 6.0 2.0
ns
Minimum set-up time (A, B, C, D)
ts
4.5 6.0 2.0
ns
Minimum set-up time ( U/D )
ts
4.5 6.0 2.0
ns
Minimum set-up time (CCK-RCK)
ts
4.5 6.0 2.0
ns
Minimum hold time (A, B, C, D)
th
4.5 6.0 2.0
ns
Minimum hold time
th
4.5 6.0 2.0
ns
Minimum removal time
trem
4.5 6.0 2.0
ns
Clock frequency
f
4.5 6.0
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25C, input: tr = tf = 6 ns)
Characteristics Output transition time ( RCO ) Propagation delay time (CCK- RCO ) Propagation delay time (ENT- RCO ) Propagation delay time ( CCLR - RCO ) Maximum clock frequency Symbol tTLH tTHL tpLH tpHL tpLH tpHL tpLH fmax Test Condition
Min
Typ. 4
Max 8
Unit ns
24
41
ns
13
23
ns

23 38
38
ns MHz
25
8
2007-10-01
TC74HC697AP/AF
AC Characteristics (input: tr = tf = 6 ns)
Test Condition Characteristics Symbol CL (pF)
Ta = 25C VCC (V) 2.0 50 4.5 6.0 2.0 Min

Ta = -40~85C Max 60 12 10 75 15 13 195 39 33 235 47 40 180 36 31 220 44 37 145 29 25 185 37 31 195 39 33 235 47 40 235 47 40 135 27 23 220 44 37 Min

Typ. 25 7 6 30 8 7 90 26 19 103 31 23 82 24 18 95 29 22 60 19 14 73 24 18 89 26 20 102 31 24 108 31 23 63 18 14 98 29 23
Max 75 15 13 95 19 16 245 49 42 295 59 50 225 45 38 275 55 47 180 36 31 230 46 39 245 49 42 295 59 50 295 59 50 170 34 29 275 55 47
Unit
Output transition time (Qn)
tTLH tTHL tpLH tpHL
ns
Output transition time ( RCO )
50
4.5 6.0 2.0
ns
50 Propagation delay time (CCK-Q) tpLH tpHL
4.5 6.0 2.0
ns
150
4.5 6.0 2.0
50 Propagation delay time (RCK-Q) tpLH tpHL
4.5 6.0 2.0
ns
150
4.5 6.0 2.0
50 Propagation delay time ( R/C -Q) tpLH tpHL
4.5 6.0 2.0
ns
150
4.5 6.0 2.0
50 Propagation delay time ( CCLR -Q) 150 tpHL
4.5 6.0 2.0 4.5 6.0
ns
Propagation delay time (CCK- RCO ) Propagation delay time ( ENT - RCO ) Propagation delay time ( CCLR - RCO )
tpLH tpHL tpLH tpHL
2.0
50
4.5 6.0 2.0
ns
50
4.5 6.0 2.0
ns
tpLH
50
4.5 6.0
ns
9
2007-10-01
TC74HC697AP/AF
Test Condition Characteristics Symbol CL (pF) 50 Output enable time ( G -Q) tpZL tpZH RL = 1 k 150 VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 Output disable time ( G -Q) tpLZ tpHZ 2.0 RL = 1 k 50 4.5 6.0 2.0 Maximum clock frequency Input capacitance Output capacitance Power dissipation capacitance fmax
Ta = 25C Min

Ta = -40~85C Max 115 23 20 155 31 26 115 23 20

Typ. 45 15 12 58 20 16 32 17 14 11 38 52 5 13 72
Min

Max 145 29 25 195 39 33 145 29 25

Unit
ns
ns
5 25 29

4 20 24

50
4.5 6.0
MHz
CIN COUT CPD (Note)

10

10

pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
10
2007-10-01
TC74HC697AP/AF
Package Dimensions
Weight: 1.30 g (typ.)
11
2007-10-01
TC74HC697AP/AF
Package Dimensions
Weight: 0.22 g (typ.)
12
2007-10-01
TC74HC697AP/AF
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
13
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC697AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X