Part Number Hot Search : 
IR15XB08 K4102 DTA11 BTE33NG C106D B06LL TFH70F 1N388
Product Description
Full Text Search
 

To Download TC74HC299AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC299AP/AF
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC299AP,TC74HC299AF
8-Bit PIPO Shift Register with Asynchronous Clear
The TC74HC299A is a high speed CMOS 8-BIT PIPO SHIFT REGISTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. It has four modes (HOLD, SHIFT LEFT, SHIFT RIGHT and LOAD DATA) controlled by the two selection inputs (S0, S1). When one or both enable ( G1 , G2 ) are high, the eight I/O outputs are forced to the high-impedance state; however, sequential operation or clearing of the register is not affected. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
TC74HC299AP
TC74HC299AF
Features (Note 1) (Note 2)
* * * * High speed: fmax = 42 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Outputs drive capability : 15 LSTTL loads for QA to QH 10 LSTTL loads for QA', QH' Symmetrical output impedance : |IOH| = IOL = 6 mA (min) For QA to QH |IOH| = IOL = 4 mA (min) For QA', QH' Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2 to 6 V Pin and function compatible with 74LS299 Note 1: Do not apply a signal to any bus terminal when it is in the output mode. Damage may result. Note 2: All floating (high impedance) bus terminals must have their input levels fixed by means of pull up or pull down resistors.
*
Weight DlP20-P-300-2.54A SOP20-P-300-1.27A
: 1.30 g (typ.) : 0.22 g (typ.)
* * *
Pin Assignment
1
2007-10-01
TC74HC299AP/AF
IEC Logic Symbol
Truth Table
Inputs Mode
CLR
Inputs /Outputs Clock Serial
Outputs
Function Select S1 S0
Outputs Control
G1 (Note) X L L L L L L L X
G2 (Note) X L L L L L L L X
A/QA CK X X X X SL X X X X X X H L X SR X X X X H L X X X Z L L QA0 H L QBn QBn a
H/QH
QA'
QH'
Z CLR Hold Shift Right Shift Left Load
L L L H H H H H H
H L X L L L H H H
H X L L H H L L H
Z L L QH0 QGn QGn H L h
L L L QA0 H L QBn QBn a
L L L QH0 QGn QGn H L h
Note:
When one or both output controls are high, the eight input/output terminals are in the high-impedance state; however sequential or clearing of the register is not affected.
Z: High impedance Qn0 : The level of Qn before the indicated steady-state input conditions were established. Qnn: The level of Qn before the most recent active transition indicated by or . a, h: The level of the steady-state inputs A, H, respectively. X: Don't care.
2
2007-10-01
TC74HC299AP/AF
Timing Chart
System Diagram
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
Note:
Equivalent circuits
3
2007-10-01
TC74HC299AP/AF
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature (QH') (QA to QH) Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 35 75
Unit V V V mA mA mA mA mW C
500 (DIP) (Note 2)/180 (SOP)
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2 to 6 0 to VCC 0 to VCC
-40 to 85
Unit V V V C
0 to 1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
4
2007-10-01
TC74HC299AP/AF
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40 to 85C Max

Unit
Typ.

Min 1.50 3.15 4.20

Max

4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68 4.18 5.68

2.0 4.5 6.0 4.31 5.80 4.31 5.80 0.0 0.0 0.0 0.17 0.18 0.17 0.18

1.9 4.4 5.9 4.13 5.63 4.13 5.63

VIN = VIH or VIL High-level output voltage VOH
IOH = -20 A IOH = -4 mA IOH = -5.2 mA IOH = -6 mA IOH = -7.8 mA IOL = 20 A IOL = 4 mA IOL = 5.2 mA IOL = 6 mA IOL = 7.8 mA
4.5 6.0
QA', QH'
4.5 6.0 4.5 6.0 2.0
V
QA to QH
0.1 0.1 0.1 0.26 0.26 0.26 0.26
0.5 0.1
0.1 0.1 0.1 0.33 0.33 0.33 0.33
5.0 1.0 A A A
VIN = VIH or VIL Low-level output voltage VOL
4.5 6.0
QA', QH'
4.5 6.0 4.5 6.0 6.0 6.0 6.0
V
QA to QH 3-state output off state current Input leakage current Quiescent supply current VIN = VIH or VIL
IOZ IIN ICC
VOUT = VCC or GND VIN = VCC or GND VIN = VCC or GND
4.0
40.0
5
2007-10-01
TC74HC299AP/AF
Timing Recommended Operating Conditions (input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) tW (H) tW (L) 2.0
Ta = 25C Typ.

Ta = -40 to 85C Limit 95 19 16 88 18 15 125 25 21 125 25 21 0 0 0 0 0 0 65 13 10 5 24 23
Unit
Limit 75 15 13 75 15 12 100 20 17 100 20 17 0 0 0 0 0 0 50 10 8 6 30 35
4.5 6.0 2.0
ns
Minimum pulse width ( CLR )
tW (L)
4.5 6.0 2.0
ns
Minimum set-up time ( SL , SR, A to H)
ts
4.5 6.0 2.0
ns
Minimum set-up time (S0, S1)
ts
4.5 6.0 2.0
ns
Minimum hold time (SL, SR, A to H)
th
4.5 6.0 2.0
ns
Minimum hold time (S0, S1)
th
4.5 6.0 2.0
ns
Minimum removal time ( CLR )
trem
4.5 6.0 2.0
ns
Clock frequency
f
4.5 6.0
ns
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25C, input: tr = tf = 6 ns)
Characteristics Output transition time (QA', QH') Propagation delay time (CK-QA', QH') Propagation delay time ( CLR -QA', QH') Maximum clock frequency Symbol tTLH tTHL tpLH tpHL tpHL fmax Test Condition
Min
Typ. 4
Max 8
Unit ns
19
30
ns

17 73
30
ns MHz
35
6
2007-10-01
TC74HC299AP/AF
AC Characteristics (input: tr = tf = 6 ns)
Test Condition Characteristics Symbol CL (pF)
Ta = 25C VCC (V) 2.0 4.5 6.0 2.0 Min

Ta = -40 to 85C Max 60 12 10 75 15 13 170 34 29 175 35 30 160 32 27 200 40 34 190 38 30 230 46 36 130 26 22 170 34 29 150 30 26

Unit
Typ. 25 7 6 30 8 7 85 23 18 85 24 18 80 21 17 100 26 21 85 24 18 105 29 22 60 17 13 78 23 17 54 19 16 12 58 80 5 13 170
Min

Max 75 15 13 95 19 16 215 43 37 220 44 37 200 40 34 250 50 43 240 48 38 90 58 46 165 33 28 215 43 36 190 38 33

Output transition time (QA to QH)
tTLH tTHL
50
ns
Output transition time (QA', QH')
tTLH tTHL
50
4.5 6.0 2.0
ns
Propagation delay time (CK-QA', QH')
tpLH tpHL
50
4.5 6.0 2.0
ns
Propagation delay time ( CLR -QA', QH')
tpHL
50
4.5 6.0 2.0
ns
50 Propagation delay time (CK-QA to QH) tpLH tpHL
4.5 6.0 2.0
ns
150
4.5 6.0 2.0
50 Propagation delay time ( CLR -QA to QH) tpHL
4.5 6.0 2.0
ns
150
4.5 6.0 2.0
50 Output enable time tpZL tpZH RL = 1 k 150
4.5 6.0 2.0 4.5 6.0
ns
Output disable time
tpLZ tpHZ
2.0 RL = 1 k 50 4.5 6.0 2.0
ns
6 30 35

5 24 28

Maximum clock frequency
fmax
50
4.5 6.0
MHz
Input capacitance Output capacitance Power dissipation capacitance
CIN COUT CPD (Note)

10

10

pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
7
2007-10-01
TC74HC299AP/AF
Package Dimensions
Weight: 1.30 g (typ.)
8
2007-10-01
TC74HC299AP/AF
Package Dimensions
Weight: 0.22 g (typ.)
9
2007-10-01
TC74HC299AP/AF
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC299AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X