Part Number Hot Search : 
744202 1N6122A 2040CT SD758 CDRH4D TLE3101 M4001 2SA1621
Product Description
Full Text Search
 

To Download TC74ACT14F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74ACT14P/F/FN/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT14P,TC74ACT14F,TC74ACT14FN,TC74ACT14FT
Hex Schmitt Inverter
The TC74ACT14 is an advanced high speed CMOS SCHMITT INVERTER fabricated with silicon gate and double-layer metal wiring C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels. Pin configuration and function are the same as the TC74ACT04 but the inputs have hysteresis and with its schmitt trigger function, the TC74ACT14 can be used as a line receivers which will receive slow input signals. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74ACT14P
TC74ACT14F
Features
* * * * High speed: tpd = 6.5 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min) Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 transmission lines. Balanced propagation delays: tpLH tpHL - Wide operating voltage range: VCC (opr) = 2 V to 5.5 V Pin and function compatible with 74F14
TC74ACT14FT TC74ACT14FN
* * *
Weight DIP14-P-300-2.54 SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
: 0.96 g (typ.) : 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2007-10-01
TC74ACT14P/F/FN/FT
Pin Assignment
1A 1Y 2A 2Y 3A 3Y GND 1 2 3 4 5 6 7 (top view) 14 13 12 11 10 9 8 VCC 6A 6Y 5A 5Y 4A 4Y
IEC Logic Symbol
1A 2A 3A 4A (1) (3) (5) (9) (2) (4) (6) (8) 1Y 2Y 3Y
(11) 5A (13) 6A
4Y (10) 5Y (12) 6Y
Truth Table
A L H Y H L
System Diagram, Waveform
A Y VH VIN (A) VP VN VOUT (Y)
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 50 50 150 500 (DIP) (Note 2)/180 (SOP/TSSOP) -65 to 150 Unit V V V mA mA mA mA mW C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40C to 65C. From Ta = 65C to 85C a derating factor of -10 mW/C should be applied up to 300 mW.
2
2007-10-01
TC74ACT14P/F/FN/FT
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 4.5 to 5.5 0 to VCC 0 to VCC -40 to 85 Unit V V V C
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) IOH = -50 A High-level output voltage VOH VIN = VIL IOH = -24 mA IOH = -75 mA IOL = 50 A Low-level output voltage Input leakage current Quiescent supply current VOL VIN = VIH IOL = 24 mA IOL = 75 mA IIN ICC IC VIN = VCC or GND VIN = VCC or GND Per input: VIN = 3.4 V Other input: VCC or GND (Note) (Note) 4.5 4.5 4.5 4.5 4.5 5.5 4.5 4.5 5.5 5.5 5.5 5.5 Min 0.8 0.4 4.4 3.94 Ta = 25C Typ. 4.5 0.0 Max 2.0 1.2 0.1 0.36 0.1 4.0 1.35 Ta = -40 to 85C Min 0.8 0.4 4.4 3.80 3.85 Max 2.0 1.2 0.1 0.44 1.65 1.0 40.0 1.5 A A mA V V V V V Unit
Positive threshold voltage Negative threshold voltage Hysteresis voltage
VP VN VH
Note:
This spec indicates the capability of driving 50 transmission lines. One output should be tested at a time for a 10 ms maximum duration.
AC Characteristics (CL = 50 pF, RL = 500 , input: tr = tf = 3 ns)
Characteristics Symbol tpLH tpHL CIN CPD Test Condition VCC (V) Propagation delay time Input capacitance Power dissipation capacitance (Note) 5.0 0.5 Min Ta = 25C Typ. 7.2 5 30 Max 11.4 10 Ta = -40 to 85C Min 1.0 Max 13.0 10 ns pF pF Unit
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/6 (per gate)
3
2007-10-01
TC74ACT14P/F/FN/FT
Package Dimensions
Weight: 0.96 g (typ.)
4
2007-10-01
TC74ACT14P/F/FN/FT
Package Dimensions
Weight: 0.18 g (typ.)
5
2007-10-01
TC74ACT14P/F/FN/FT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
6
2007-10-01
TC74ACT14P/F/FN/FT
Package Dimensions
Weight: 0.06 g (typ.)
7
2007-10-01
TC74ACT14P/F/FN/FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74ACT14F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X