Part Number Hot Search : 
1N2258 74LS2 BG24064A DG333ADW C002521 3KP14 PM3370 HEF4027
Product Description
Full Text Search
 

To Download STTH12010TV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH12010TV
Ultrafast recovery - high voltage diode
Main product characteristics
IF(AV) VRRM Tj VF (typ) trr (typ) 2 x 60 A 1000 V 150 C 1.30 V 49 ns
A1
K1
A1
K2
A2
K2
K1
A2
A1
A1 K1 K2 K1
Features and benefits

Ultrafast, soft recovery Very low conduction and switching losses High frequency and/or high pulsed current operation High reverse voltage capability High junction temperature Insulated package - Electrical insulation = 2500 VRMS Capacitance = 45 pF
A2 K2 ISOTOP STTH12010TV1
A2 ISOTOP STTH12010TV2
Order codes
Part Number STTH12010TV1 STTH12010TV2 Marking STTH12010TV1 STTH12010TV2
Description
The compromise-free, high quality design of this diode has produced a device with low leakage current, regularly reproducible characteristics and intrinsic ruggedness. These characteristics make it ideal for heavy duty applications that demand long term reliability. These demanding applications include industrial power supplies, motor control, and similar industrial systems that require rectification and freewheeling. These diodes also fit into auxiliary functions such as snubber, bootstrap, and demagnetization applications. The improved performance in low leakage current, and therefore thermal runaway guard band, is an immediate advantage for reducing maintenance of the equipment
March 2006
Rev 1
1/8
www.st.com 8
Characteristics
STTH12010TV
1
Table 1.
Symbol VRRM IF(RMS) IF(AV) IFRM IFSM Tstg Tj
Characteristics
Absolute ratings (limiting values per diode at 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage RMS forward current Average forward current, = 0.5 Repetitive peak forward current Per diode tp = 5 s, F = 5 kHz square Tc = 50 C Value 1000 150 60 750 400 -65 to + 150 150 Unit V A A A A C C
Surge non repetitive forward current tp = 10 ms Sinusoidal Storage temperature range Maximum operating junction temperature
Table 2.
Thermal parameters
Symbol Rth(j-c) Rth(c) Parameter Per diode Junction to case Total Coupling thermal resistance 0.45 0.1 C/W Value 0.80 Unit
When the diodes are used simultaneously: Tj(diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c) Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 125 C Tj = 25 C VR = VRRM Min. Typ Max. 20 A 20 200 2.0 IF = 60 A 1.40 1.30 1.80 1.70 V Unit
VF(2)
Forward voltage drop
Tj = 100 C Tj = 150 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 1.3 x IF(AV) + 0.0067 IF2(RMS)
2/8
STTH12010TV Table 4.
Symbol
Characteristics
Dynamic characteristics
Parameter Test conditions IF = 1 A, dIF/dt = -50 A/s, VR = 30 V, Tj = 25 C Min. Typ Max. 115 61 49 31 1 750 4 ns V 80 65 40 A ns Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -100 A/s, VR = 30 V, Tj = 25 C IF = 1 A, dIF/dt = -200 A/s, VR = 30 V, Tj = 25 C
IRM S tfr VFP
Reverse recovery current Softness factor Forward recovery time Forward recovery voltage
IF = 60 A, dIF/dt = -200 A/s, VR = 600 V, Tj = 125 C IF = 60 A, dIF/dt = -200 A/s, VR = 600 V, Tj = 125 C dIF/dt = 100 A/s IF = 60 A VFR = 1.5 x VFmax, Tj = 25 C IF = 60 A, dIF/dt = 100 A/s, Tj = 25 C
Figure 1.
P(W)
140
Conduction losses versus average current
=0.05 =0.1 =0.2 =0.5 =1
Figure 2.
IFM(A)
200 180 160
Forward voltage drop versus forward current
120 100 80 60 40
T
Tj=150C (Maximum values)
140 120 100 80 60 40
50 60 70 80
Tj=150C (Typical values) Tj=25C (Maximum values)
20
IF(AV)(A)
0 0 10 20 30 40
20 0 0.0 0.5 1.0 1.5 2.0
VFM(V)
2.5 3.0 3.5
Figure 3.
Relative variation of thermal impedance junction to case versus pulse duration
Figure 4.
Peak reverse recovery current versus dIF/dt (typical values)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.E-03 1.E-02 1.E-01
Single pulse
IRM(A)
70 60 50 40 30 20 10
IF=0.5 x IF(AV) VR=600V Tj=125C IF= IF(AV) IF= 2 x IF(AV)
tp(s)
1.E+00 1.E+01
dIF/dt(A/s)
0 0 50 100 150 200 250 300 350 400 450 500
3/8
Characteristics
STTH12010TV
Figure 5.
trr(ns)
1000 900 800 700 600 500 400 300 200 100 0 0 50
Reverse recovery time versus dIF/dt (typical values)
VR=600V Tj=125C IF= 2 x IF(AV)
Figure 6.
Qrr(C)
10
Reverse recovery charges versus dIF/dt (typical values)
IF= 2 x IF(AV)
VR=600V Tj=125C
8
IF= IF(AV)
6
IF= IF(AV)
4
IF=0.5 x IF(AV)
2
dIF/dt(A/s)
100 150 200 250 300 350
IF=0.5 x IF(AV)
dIF/dt(A/s)
0
500
400
450
0
50
100
150
200
250
300
350
400
450
500
Figure 7.
Softness factor versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic parameters versus junction temperature
IF = IF(AV) VR=600V Reference: Tj=125C
S factor
1.50
IF = 2 x IF(AV) VR=600V Tj=125C
2.0 1.8 1.6 1.4 1.2
Sfactor
1.25
1.00
1.0 0.8 0.6
IRM
0.75
0.4 0.2
QRR
tRR
0.50 0 50 100 150 200
dIF/dt(A/s)
250 300 350 400 450 500
Tj(C)
75 100 125
0.0 25
50
4/8
STTH12010TV
Characteristics
Figure 9.
VFP(V)
20 18 16 14 12 10 8 6 4 2 0 0
IF = IF(AV) Tj=125C
Transient peak forward voltage versus dIF/dt (typical values)
Figure 10. Forward recovery time versus dIF/dt (typical values)
1100 1000 900 800 700 600 500 400
tfr(ns)
IF = IF(AV) VFR = 1.5 x V F max. Tj=125C
dIF/dt(A/s)
100 200 300 400 500
300 200 0 100 200
dIF/dt(A/s)
300 400 500
Figure 11. Junction capacitance versus reverse voltage applied (typical values)
C(pF)
1000
F=1MHz Vosc=30mVRMS Tj=25C
100
VR(V)
10 1 10 100 1000
5/8
Package information
STTH12010TV
2
Package information
Epoxy meets UL94, V0 Cooling method: by conduction (C) Table 5. ISOTOP dimensions
DIMENSIONS
E G2 C
REF.
Millimeters Min. Max
12.20 9.10 8.20 0.85 2.05 38.20 31.70 25.50 24.15
Inches Min.
0.465 0.350 0.307 0.030 0.077 1.488 1.240 0.990 0.939
Max.
0.480 0.358 0.323 0.033 0.081 1.504 1.248 1.004 0.951
A
A A1 C2 E2 F1 F
11.80 8.90 7.8 0.75 1.95 37.80 31.50 25.15 23.85
A1 B C C2 D D1
P1
E E1
D
S
G
D1
E2 G
24.80 typ. 14.90 12.60 3.50 4.10 4.60 4.00 4.00 30.10 15.10 12.80 4.30 4.30 5.00 4.30 4.40 30.30
0.976 typ. 0.587 0.496 0.138 0.161 0.181 0.157 0.157 1.185 0.594 0.504 0.169 0.169 0.197 0.69 0.173 1.193
B
G1 G2 F
OP G1 E1
F1 P P1 S
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
6/8
STTH12010TV
Ordering information
3
Ordering information
Part Number STTH12010TV1 STTH12010TV2 Marking STTH12010TV1 STTH12010TV2 Package ISOTOP ISOTOP Weight 27 g 27 g Base qty 10 10 Delivery mode Tube Tube
4
Revision history
Date 02-Mar-2006 Revision 1 First issue. Description of Changes
7/8
STTH12010TV
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STTH12010TV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X