Part Number Hot Search : 
P5630 P5630 P4KE220 0BGXC FFIV1 AD5222 NCP1423 YRT187M
Product Description
Full Text Search
 

To Download STP6N60FI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
STP6N60FI
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
TYPE STP6N60FI
s s s s s
VDSS 600 V
R DS(on) < 1.2
ID 3.8 A
TYPICAL RDS(on) = 1 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC APPLICATION ORIENTED CHARACTERIZATION
3 1 2
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s CHOPPER REGULATORS, CONVERTERS, MOTOR CONTROL, LIGHTING FOR INDUSTRIAL AND CONSUMER ENVIRONMENT
ISOWATT220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID ID I DM (*) P tot V ISO T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
o o
Value 600 600 20 3.8 2.4 24 40 0.32 2000 -65 to 150 150
Unit V V V A A A W W/o C V
o o
C C
(*) Pulse width limited by safe operating area
May 1993
1/9
www..com
www..com
STP6N60FI
THERMAL DATA
R thj-case R thj-amb R thj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Maximum Lead Temperature For Soldering Purpose Max Max Typ 3.12 62.5 0.5 300
o o
C/W C/W o C/W o C
AVALANCHE CHARACTERISTICS
Symbol IA R E AS E AR IA R Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , V DD = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 6 370 17 3.7 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V(BR)DSS I DS S I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 600 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) I D(on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance Test Conditions I D = 250 A T c = 100o C 6 Min. 2 Typ. 3 1 Max. 4 1.2 2.4 Unit V A
V GS = 10V I D = 3 A V GS = 10V I D = 3 A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol gfs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 3 A VGS = 0 Min. 2 Typ. 4.8 1150 160 75 1500 240 110 Max. Unit S pF pF pF
2/9
STP6N60FI
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 300 V I D = 3 A R G = 50 VGS = 10 V (see test circuit, figure 3) V DD = 480 V I D = 6 A R G = 50 VGS = 10 V (see test circuit, figure 5) V DD = 480 V ID = 6 A V GS = 10 V Min. Typ. 50 140 240 Max. 65 175 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
78 8 41
98
nC nC nC
SWITCHING OFF
Symbol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 480 V I D = 6 A R G = 50 VGS = 10 V (see test circuit, figure 5) Min. Typ. 100 27 145 Max. 125 34 180 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol IS D I SDM (*) VS D () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 6 A V GS = 0 750 13.5 38 I SD = 6 A di/dt = 100 A/s V DD = 100 V T j = 150 o C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 3.8 24 2 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/9
STP6N60FI
Derating Curve
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
4/9
STP6N60FI
Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
Turn-on Current Slope
Turn-off Drain-source Voltage Slope
Cross-over Time
5/9
STP6N60FI
Switching Safe Operating Area
Accidental Overload Area
Source-drain Diode Forward Characteristics
Fig. 1: Unclamped Inductive Load Test Circuits
Fig. 2: Unclamped Inductive Waveforms
6/9
STP6N60FI
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge Test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
7/9
STP6N60FI
ISOWATT220 MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.4 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.015 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 3.66 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
O
H
F
G1
E
F2
123
L2
L4
P011G
8/9
G
STP6N60FI
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
9/9


▲Up To Search▲   

 
Price & Availability of STP6N60FI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X