Part Number Hot Search : 
MIW1033 4LCX1 1205E 150C6315 CM7060 AX661 3904N 3904N
Product Description
Full Text Search
 

To Download STMP3410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT BRIEF
STMP3410
,QWHJUDWHG 0L[HG6LJQDO 6ROXWLRQV
D-MajorTM Audio Decoder with USB, LCD and Voice Record
GPIO and button I/O controls Voice record in ADPCM format Volume control on record and playback Full analog mixer configuration <0.05% THD headphone driver, including anti-pop and short-circuit protection High performance 18-bit technology Line-in to Line-out SNR >90 dB Mac and Windows drivers, also supports USB-Mass Storage Class Interface to a host chip/processor (optional) Upgradeable firmware DSP maximum speed is 65 MHz Energy saving dynamic power management Bass and Treble control; configurable multiple band control FM radio input and control support Three analog line-level inputs: Line_In (stereo), FM_In (stereo, 144-pin package only), and Mic (mono) Offered in 100-pin TQFP, 144-pin TQFP, and 144-pin fpBGA packages
upgradeable to other digital music formats Supports WMA digital rights management FEATURES Decodes MP3 and WMA and is
and other security schemes
Includes on-chip read only unique ID for
digital rights management algorithms Hardware supports NAND Flash, SmartMedia, MMC, Secure Digital, CompactFlash, SDRAM, CD and IDE digital devices. Flexible, efficient on-chip DC-DC converter More than 35 hours of operation on a single AA battery (Alkaline 2850mAh or better) Designed to operate from many different battery configurations, including 1xAA, 1xAAA, 2xAA, 2xAAA, LiIon (2xAA, 2xAAA and LiIon configurations require 144-pin package) USB download interface LED/LCD Driver



Actual size
Host Processor (Optional)
90 94 98 102
FM Tuner
106
Battery
LED/LCD Screen
USB
SDRAM
Microphone Voice Record
Flash Memory Headphones
Buttons/Switches Hard Drive
CD Pickup
For designs as small as 14.5 cm2
www..com
5-3410-P1-5.0-0802
www..com
STMP3410
D-MajorTM Audio Decoder with USB, LCD and Voice Record
DESCRIPTION
SigmaTel's STMP3410 is a second generation single-chip highly-integrated digital music system solution for devices such as digital audio players, PDAs, and cell phones. It includes an audio decoder with a high performance DSP, ADPCM record capabilities and a USB interface for downloading music and uploading voice recordings. The chip also includes a mixer, DAC, ADC and provides interfaces to CD-DSPs, flash memory, LED/LCDs, button & switch inputs, headphones, FM radio input & controls and a microphone. The chip's highly programmable architecture supports MP3, WMA, and other digital audio standards. WMA digital rights management and other security schemes are also supported. The end-user can download music and also update firmware through a USB interface. For devices like PDAs and cell phones, STMP3410 can act as a slave chip to a host chip/processor. The DAC includes a headphone driver to directly drive low impedance headphones. The ADC includes inputs for both microphone and analog audio in to support voice recording & FM radio integration features. SigmaTel's proprietary Sigma-Delta () technology achieves a DAC SNR in excess of 90 dB for highquality audio playback. The STMP3410 has low power consumption to allow long battery life and includes an efficient flexible onchip DC-DC converter that allows many different battery configurations, including 1xAA, 1xAAA, 2xAA, 2xAAA and LiIon. In addition, the single-chip design and low pin count enables very small digital audio devices to be designed.
90 94 98 102
10 6
FM Radio USB Bus Microphone Mic in FM in Line in
CD Control CD Control Interface Interface CDROM I2S CD I2S CD Synchronization Synchronization Interface
USB USB Interface
Interrupt Control, Timers, Bit Interrupt Control, Timers, Bit Manipulation Unit, RTC, Trace Manipulation Unit, RTC, Trace Debug Unit, Reed-Solomon Debug Unit, Reed-Solomon Memory Bus Peripheral Bus Boost DAC
STMP3410
Headphone Amplifier Headphone Amplifier
LED/LCD Buttons/ Switches MMC/SD Card I2C Peripherals SmartMedia CompactFlash NOR Flash NAND Flash Hard Drive SDRAM
General Purpose Input/Output General Purpose Input/Output
6
SPI Interface SPI Interface DSP DSP I2C Interface I2C Interface ADC ADC DAC DAC
Headphones
Flash/IDE EMC Interface On-Chip ROM On-Chip ROM 8K x 24bits 8K x 24bits On-Chip RAM On-Chip RAM 96K x 24bits 96K x 24bits DCDC DCDC Converter Converter Low Low Resolution Resolution ADC ADC PLL PLL XTAL xtal
SDRAM SDRAM Interface Interface
Battery
Crystal
Figure 1. STMP3410 Block Diagram
ADDITIONAL SUPPORT
Additional product and company information can be obtained by going to the SigmaTel website at: www.sigmatel.com
Copyright (c) 2002 SigmaTel, Inc. All rights reserved. All contents of this document are protected by copyright law and may not be reproduced without the express written consent of SigmaTel, Inc.
2
5-3410-P1-5.0-0802


▲Up To Search▲   

 
Price & Availability of STMP3410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X